Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NB4L858MFAG Datasheet(PDF) 6 Page - ON Semiconductor

Part # NB4L858MFAG
Description  2.5V/3.3V, 3 GHz Dual Differential Clock/Data 2x2 Crosspoint Switch
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NB4L858MFAG Datasheet(HTML) 6 Page - ON Semiconductor

Back Button NB4L858MFAG Datasheet HTML 2Page - ON Semiconductor NB4L858MFAG Datasheet HTML 3Page - ON Semiconductor NB4L858MFAG Datasheet HTML 4Page - ON Semiconductor NB4L858MFAG Datasheet HTML 5Page - ON Semiconductor NB4L858MFAG Datasheet HTML 6Page - ON Semiconductor NB4L858MFAG Datasheet HTML 7Page - ON Semiconductor NB4L858MFAG Datasheet HTML 8Page - ON Semiconductor NB4L858MFAG Datasheet HTML 9Page - ON Semiconductor NB4L858MFAG Datasheet HTML 10Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
NB4L858M
http://onsemi.com
6
Table 6. AC CHARACTERISTICS VCC = 2.3 V to 3.6 V, GND = 0 V; (Note 4)
Symbol
Characteristic
−40
°C
25
°C
85
°C
Unit
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
VOUTPP
Output Voltage Amplitude (@ VINPPmin)
fin ≤ 2 GHz
(See Figure 2)
fin ≤ 3 GHz
fin ≤ 3.5GHz
280
235
170
365
310
220
280
235
170
365
310
220
280
235
170
365
310
220
mV
fDATA
Maximum Operating Data Rate
3
3
3
Gb/s
tPLH,
tPHL
Propagation Delay to Output Differential
D/D to Q/Q
220
350
450
220
350
450
220
350
450
ps
tSWiITCH
SELyx to Valid Qyx Output (Note 9)
0.5
1.0
0.5
1.0
0.5
1.0
ns
tSKEW
Within −Device Skew (Note 5)
Within −Device Skew (Note 6)
Device to Device Skew (Note 9)
12
25
100
12
25
100
12
25
100
ps
tJITTER
RMS Random Clock Jitter (Note 8)
fin =2 GHz
fin =3 GHz
Peak−to−Peak Data Dependent Jitter fin =2.5Gb/s
(Note 9)
fin =3.2Gb/s
Crosstalk Induced RMS Jitter (Note 11)
0.5
1.0
2.0
10
0.5
0.5
1.0
5.0
10
0.5
0.5
1.0
2.0
10
0.5
ps
VINPP
Input Voltage Swing/Sensitivity
(Differential Configuration)
100
800
100
800
100
800
mV
tr
tf
Output Rise/Fall Times @ 0.5 GHz
Qx, Qx
(20% − 80%)
80
120
80
120
80
120
ps
NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit
board with maintained transverse airflow greater than 500 lfpm. Electrical parameters are guaranteed only over the declared
operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification limit
values are applied individually under normal operating conditions and not valid simultaneously.
4. Measured by forcing VINPP (MIN) from a 50% duty cycle clock source. All loading with an external RL = 50 W to VCC. Input edge rates 40 ps
(20% − 80%).
5. Worst−case difference between QA0 and QA1 from either DA0 or DA1 (or between QB0 and QB1 from either DB0 or DB1 respectively),
when both outputs come from the same input.
6. Worst−case difference between QA and QB outputs, when DA or DB inputs are shorted.
7. Additive RMS jitter with 50% duty cycle input clock signal.
8. Additive peak−to−peak data dependent jitter with input NRZ data signal.
9. Device to device skew is measured between outputs under identical transition @ 0.5 GHz.
10. LVTTL/LVCMOS input edge rate less than 1.5 ns
11. Data taken on the same device under identical condition.
Figure 2. Output Voltage Amplitude (VOUTPP) versus Input Clock Frequency (fin) and Temperature
0
50
100
150
200
250
300
350
400
1
1.5
2
2.5
3
3.5
INPUT CLOCK FREQUENCY (GHz)
25
°C
−40
°C
85
°C


Similar Part No. - NB4L858MFAG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NB4L858MFAG ONSEMI-NB4L858MFAG Datasheet
98Kb / 10P
   2.5V/3.3V, 3 GHz Dual Differential Clock/Data 2x2 Crosspoint Switch with CML Output and Internal Termination
December, 2005 ??Rev. 9
More results

Similar Description - NB4L858MFAG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NB4L858M ONSEMI-NB4L858M Datasheet
98Kb / 10P
   2.5V/3.3V, 3 GHz Dual Differential Clock/Data 2x2 Crosspoint Switch with CML Output and Internal Termination
December, 2005 ??Rev. 9
NB4L7210 ONSEMI-NB4L7210_15 Datasheet
204Kb / 11P
   2.5V/3.3V Differential 2x10 Crosspoint Clock Driver
March, 2015 ??Rev. 8
logo
Micrel Semiconductor
SY55859L MICREL-SY55859L_10 Datasheet
337Kb / 12P
   3.3V, 3.2Gbps Dual 2X2 Crosspoint Switch
SY55859L MICREL-SY55859L Datasheet
83Kb / 9P
   3.3V, 2.7Gbps DUAL 2X2 CROSSPOINT SWITCH
logo
ON Semiconductor
NB4N840M ONSEMI-NB4N840M_14 Datasheet
107Kb / 9P
   3.3V 3.2Gb/s Dual Differential Clock/Data 2 x 2 Crosspoint Switch
August, 2014 ??Rev. 5
NB4L6254 ONSEMI-NB4L6254 Datasheet
137Kb / 9P
   2.5V / 3.3V Differential LVPECL 2x2 Clock Switch and Low Skew Fanout Buffer
August, 2006 ??Rev. 1
NB4L6254 ONSEMI-NB4L6254_09 Datasheet
161Kb / 11P
   2.5V / 3.3V Differential LVPECL 2x2 Clock Switch and Low Skew Fanout Buffer
March, 2009 ??Rev. 3
logo
Pericom Semiconductor C...
PI90LV024 PERICOM-PI90LV024 Datasheet
151Kb / 12P
   LVDS Dual 2x2 Crosspoint/Repeater Switch
PI90LV044 PERICOM-PI90LV044 Datasheet
461Kb / 12P
   LVDS Dual 2x2 Crosspoint/Repeater Switch
PI90LV024 PERICOM-PI90LV024_04 Datasheet
432Kb / 12P
   LVDS Dual 2x2 Crosspoint/Repeater Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com