Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM2402 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM2402
Description  Monolithic Triple 3 ns CRT Driver
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2402 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  LM2402 Datasheet HTML 1Page - National Semiconductor (TI) LM2402 Datasheet HTML 2Page - National Semiconductor (TI) LM2402 Datasheet HTML 3Page - National Semiconductor (TI) LM2402 Datasheet HTML 4Page - National Semiconductor (TI) LM2402 Datasheet HTML 5Page - National Semiconductor (TI) LM2402 Datasheet HTML 6Page - National Semiconductor (TI) LM2402 Datasheet HTML 7Page - National Semiconductor (TI) LM2402 Datasheet HTML 8Page - National Semiconductor (TI) LM2402 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
Absolute Maximum Ratings (Notes 1, 2)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
Supply Voltage, V
CC
+90V
Bias Voltage, V
BB
+16V
Input Voltage, V
IN
−0.5V to V
BIAS + 0.5V
Storage Temperature Range, T
STG
−65˚C to +150˚C
Lead Temperature (Soldering, <10 sec.)
300˚C
ESD Tolerance
Human Body Model
2 kV
Machine Model
250V
Recommended Operating
Conditions (Note 3)
V
CC
+60V to +85V
V
BB
+8V to +15V
V
IN
+1V to +5V
V
OUT (VCC = 80V, VBB = 12V)
+17V to +72V
Case Temperature
−20˚C to +100˚C
Do not operate the part without a heat sink.
Electrical Characteristics
(See
Figure 2 for Test Circuit)
Unless otherwise noted: V
CC = +80V, VBB = +12V, VIN = +3.3 VDC,CL = 8 pF, TC = 60˚C.
Symbol
Parameter
Conditions
LM2402
Units
Min
Typ
Max
I
CC
Supply Current
Per Channel, No Output Load
22
27
32
mA
I
BB
Bias Current
All Three Channels
40
50
60
mA
V
OUT
DC Output Voltage
V
IN = 1.9V
62
65
68
V
DC
A
V
DC Voltage Gain
−12
−14
−16
∆A
V
Gain Matching
(Note 4)
1.0
dB
LE
Linear Error
(Notes 4, 5)
3.5
%
t
r
Rise Time
10% to 90%,40V
PP Output (1 MHz)
3.0
ns
t
f
Fall Time
10% to 90%,40V
PP Output (1 MHz)
2.8
ns
OS
Overshoot
40 V
PP Output (1 MHz)
5
%
Note 1: “Absolute Maximum Ratings” are those values beyond which the safety of the device cannot be guaranteed. They are not meant to imply that the devices
should be operated at these limits. The table of “Electrical Characteristics” specifies conditions of device operation.
Note 2: All voltages are measured with respect to GND, unless otherwise specified.
Note 3: Operating ratings indicate conditions for which the device is functional, but do not guarantee specific performance limits. For guaranteed specifications and
test conditions, see the Electrical Characteristics. The guaranteed specifications apply only for the test conditions listed. Some performance characteristics may
change when the device is not operated under the listed test conditions.
Note 4: Calculated value from voltage gain test on each channel.
Note 5: Linearity error is the variation in DC gain from VIN = 1.5V to VIN = 5V.
Note 6: Input from signal generator: tr,tf < 1 ns.
AC Test Circuit
Figure 2 shows a typical test circuit for evaluation of the
LM2402. This circuit is designed for testing the LM2402 with
a FET probe. When calculating the total load capacitance,
the Tektronix P6201 FET probe with a 100:1 divider is speci-
fied to have 1.5 pF. The total board capacitance should be
6.5 pF.
DS101016-3
FIGURE 2. Test Circuit (One Channel)
www.national.com
2


Similar Part No. - LM2402

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM2402 TI1-LM2402 Datasheet
585Kb / 14P
[Old version datasheet]   Monolithic Triple 3 nS CRT Driver
logo
Sharp Corporation
LM24022 SHARP-LM24022 Datasheet
18Kb / 1P
   Medium Size Graphic Type LCD Module(FA/POS/Measuring instruments)
More results

Similar Description - LM2402

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2462 NSC-LM2462 Datasheet
1Mb / 11P
   Monolithic Triple 3 ns CRT Driver
logo
Texas Instruments
LM2402 TI1-LM2402 Datasheet
585Kb / 14P
[Old version datasheet]   Monolithic Triple 3 nS CRT Driver
logo
National Semiconductor ...
LM2470 NSC-LM2470 Datasheet
841Kb / 14P
   Monolithic Triple 7.0 ns CRT Driver
LM2405 NSC-LM2405 Datasheet
191Kb / 7P
   Monolithic Triple 7 ns CRT Driver
LM2415 NSC-LM2415 Datasheet
459Kb / 10P
   Monolithic Triple 5.5 ns CRT Driver
LM2439 NSC-LM2439 Datasheet
527Kb / 9P
   Monolithic Triple 9.5 ns CRT Driver
LM2412 NSC-LM2412 Datasheet
815Kb / 11P
   Monolithic Triple 2.8 ns CRT Driver
logo
Texas Instruments
LM2445 TI1-LM2445 Datasheet
1Mb / 15P
[Old version datasheet]   Monolithic Triple 7.5 ns CRT Driver
logo
National Semiconductor ...
LM2412A NSC-LM2412A Datasheet
818Kb / 11P
   Monolithic Triple 2.8 ns CRT Driver
LM2445 NSC-LM2445 Datasheet
758Kb / 14P
   Monolithic Triple 7.5 ns CRT Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com