Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NB3N51032 Datasheet(PDF) 1 Page - ON Semiconductor

Part # NB3N51032
Description  Dual HCSL/LVDS Clock Generator
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NB3N51032 Datasheet(HTML) 1 Page - ON Semiconductor

  NB3N51032 Datasheet HTML 1Page - ON Semiconductor NB3N51032 Datasheet HTML 2Page - ON Semiconductor NB3N51032 Datasheet HTML 3Page - ON Semiconductor NB3N51032 Datasheet HTML 4Page - ON Semiconductor NB3N51032 Datasheet HTML 5Page - ON Semiconductor NB3N51032 Datasheet HTML 6Page - ON Semiconductor NB3N51032 Datasheet HTML 7Page - ON Semiconductor NB3N51032 Datasheet HTML 8Page - ON Semiconductor NB3N51032 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
© Semiconductor Components Industries, LLC, 2016
April, 2016 − Rev. 2
1
Publication Order Number:
NB3N51032/D
NB3N51032
3.3 V, Crystal to 25 MHz,
100 MHz, 125 MHz and
200 MHz Dual HCSL/LVDS
Clock Generator
The NB3N51032 is a precision, low phase noise clock generator that
supports PCI Express and Ethernet requirements. The device accepts a
25 MHz fundamental mode parallel resonant crystal and generates a
differential HCSL output at 25 MHz, 100 MHz, 125 MHz or 200 MHz
clock frequencies. Outputs can interface with LVDS with proper
termination (See Figure 10). The NB3N51032 provides selectable
spread options of −0.5% and −0.75% for applications demanding low
Electromagnetic Interference (EMI) as well as optimum performance
with no spread option.
Features
Uses 25 MHz Fundamental Mode Parallel Resonant Crystal
External Loop Filter is Not Required
HCSL Differential Output or LVDS with Proper Termination
Four Selectable Multipliers of the Input Frequency
Output Enable with Tri−State Outputs
PCIe Gen 1, Gen 2, Gen 3 Compliant
Spread of −0.5%, −0.75% and No Spread
Phase Noise: @ 100 MHz
Offset
Noise Power
100 Hz −88 dBc/Hz
1 kHz
−118 dBc/Hz
10 kHz −131 dBc/Hz
100 kHz −132 dBc/Hz
1 MHz −144 dBc/Hz
10 MHz −155 dBc/Hz
Typical Period Jitter RMS of 1.5 ps
Operating Supply Voltage Range 3.3 V ±5%
Industrial Temperature Range −40°C to +85°C
Functionally Compatible with IDT557−03,
IDT5V41065, IDT5V41235 with enhanced performance
These are Pb−Free Devices
Applications
Networking
Consumer
Computing and Peripherals
Industrial Equipment
PCIe Clock Generation Gen 1, Gen 2 and Gen 3
Gigabit Ethernet
FB DIMM
End Products
Switch and Router
Set Top Box, LCD TV
Servers, Desktop Computers
Automated Test Equipment
Figure 1. NB3N51032 Simplified Logic Diagram
Phase
Detector
Charge
Pump
HCSL
Output
BN
Clock Buffer
Crystal Oscillator
CLK0
CLK0
X1/CLK
X2
VCO
25 MHz Clock or
Crystal
GND
VDD
S0
S1
OE
IREF
HCSL
Output
CLK1
CLK1
SS0
SS1
Spread Spectrum
Circuit
VDD = VDDODA = VDDXD
GND = GNDODA = GNDXD
MARKING
DIAGRAM
TSSOP−16
DT SUFFIX
CASE 948F
www.onsemi.com
See detailed ordering and shipping information on page 11 of
this data sheet.
ORDERING INFORMATION
1
16
NB3N
1032
ALYW
G
G
1
16
A
= Assembly Location
L
= Wafer Lot
Y
= Year
W
= Work Week
G
= Pb−Free Package
(Note: Microdot may be in either location)


Similar Part No. - NB3N51032

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NB3N51032 ONSEMI-NB3N51032 Datasheet
290Kb / 13P
   Dual HCSL/LVDS Clock Generator
July, 2014 ??Rev. 1
NB3N51032 ONSEMI-NB3N51032 Datasheet
612Kb / 13P
   Dual HCSL/LVDS Clock Generator
September, 2017 ??Rev. 3
NB3N51032DTG ONSEMI-NB3N51032DTG Datasheet
290Kb / 13P
   Dual HCSL/LVDS Clock Generator
July, 2014 ??Rev. 1
NB3N51032DTG ONSEMI-NB3N51032DTG Datasheet
612Kb / 13P
   Dual HCSL/LVDS Clock Generator
September, 2017 ??Rev. 3
NB3N51032DTR2G ONSEMI-NB3N51032DTR2G Datasheet
290Kb / 13P
   Dual HCSL/LVDS Clock Generator
July, 2014 ??Rev. 1
More results

Similar Description - NB3N51032

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NB3N51032 ONSEMI-NB3N51032 Datasheet
290Kb / 13P
   Dual HCSL/LVDS Clock Generator
July, 2014 ??Rev. 1
NB3N51032 ONSEMI-NB3N51032_17 Datasheet
612Kb / 13P
   Dual HCSL/LVDS Clock Generator
September, 2017 ??Rev. 3
NB3N51034 ONSEMI-NB3N51034 Datasheet
397Kb / 9P
   Quad HCSL/LVDS Clock Generator
October, 2013 ??Rev. 1
NB3N51034 ONSEMI-NB3N51034_17 Datasheet
440Kb / 12P
   Quad HCSL/LVDS Clock Generator
September, 2017 ??Rev. 3
NB3N51044 ONSEMI-NB3N51044_17 Datasheet
219Kb / 13P
   Quad HCSL / LVDS Clock Generator
September, 2017 ??Rev. 2
NB3N51054 ONSEMI-NB3N51054_18 Datasheet
164Kb / 15P
   Quad HCSL/LVDS PCIe Clock Generator
May, 2018 ??Rev. 5
NB3N5573 ONSEMI-NB3N5573_16 Datasheet
86Kb / 8P
   Dual HCSL Clock Generator
July, 2016 ??Rev. 10
NB3N3002 ONSEMI-NB3N3002_17 Datasheet
87Kb / 8P
   HCSL Clock Generator
May, 2017 ??Rev. 7
NB3N3002 ONSEMI-NB3N3002_13 Datasheet
126Kb / 8P
   HCSL Clock Generator
October, 2013 ??Rev. 6
logo
Integrated Device Techn...
8413S12B IDT-8413S12B Datasheet
845Kb / 33P
   HCSL/ LVCMOS Clock Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com