Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NB3N51032 Datasheet(PDF) 9 Page - ON Semiconductor

Part # NB3N51032
Description  Dual HCSL/LVDS Clock Generator
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NB3N51032 Datasheet(HTML) 9 Page - ON Semiconductor

Back Button NB3N51032 Datasheet HTML 5Page - ON Semiconductor NB3N51032 Datasheet HTML 6Page - ON Semiconductor NB3N51032 Datasheet HTML 7Page - ON Semiconductor NB3N51032 Datasheet HTML 8Page - ON Semiconductor NB3N51032 Datasheet HTML 9Page - ON Semiconductor NB3N51032 Datasheet HTML 10Page - ON Semiconductor NB3N51032 Datasheet HTML 11Page - ON Semiconductor NB3N51032 Datasheet HTML 12Page - ON Semiconductor NB3N51032 Datasheet HTML 13Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
NB3N51032
www.onsemi.com
9
APPLICATION INFORMATION
Crystal Input Interface
Figure 7 shows the NB3N51032 device crystal oscillator
interface using a typical parallel resonant crystal. The device
crystal connections should include pads for small capacitors
from X1 to ground and from X2 to ground. These capacitors,
C1 and C2, need to consider the stray capacitances of the
board and are used to match the nominally required crystal
load capacitance CL. A parallel crystal with loading
capacitance CL = 18 pF would use C1 = 26 pF and C2 = 26 pF
as nominal values, assuming approximately 2 pF of stray
capacitance per trace and approximately 8 pF of internal
capacitance.
CL = (C1 + Cstray + Cin) / 2; C1 = C2
The frequency accuracy and duty cycle skew can be
fine-tuned by adjusting the C1 and C2 values. For example,
increasing the C1 and C2 values will reduce the operational
frequency.
Figure 7. Crystal Interface Loading
C1 = 26 pF
C2 = 26 pF
X1
X2
Fundamental Mode
Parallel Resonant Crystal
18 pF Load
Power Supply Filter
In order to isolate the NB3N51032 from system power
supply, noise decoupling is required. The 10
mF and a 0.1 mF
cap from supply pins to GND decoupling capacitor has to be
connected between VDD (pins 12 and 16) and GND (pins 7
and 13). It is recommended to place decoupling capacitors
as close as possible to the device to minimize lead
inductance.
Termination
The output buffer structure is shown in the Figure 8.
Figure 8. Simplified Output Structure
RREF
CLKx
CLKx
IREF
2.6 mA
475
W
HCSL / LVDS
termination
14 mA


Similar Part No. - NB3N51032

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NB3N51032 ONSEMI-NB3N51032 Datasheet
290Kb / 13P
   Dual HCSL/LVDS Clock Generator
July, 2014 ??Rev. 1
NB3N51032 ONSEMI-NB3N51032 Datasheet
612Kb / 13P
   Dual HCSL/LVDS Clock Generator
September, 2017 ??Rev. 3
NB3N51032DTG ONSEMI-NB3N51032DTG Datasheet
290Kb / 13P
   Dual HCSL/LVDS Clock Generator
July, 2014 ??Rev. 1
NB3N51032DTG ONSEMI-NB3N51032DTG Datasheet
612Kb / 13P
   Dual HCSL/LVDS Clock Generator
September, 2017 ??Rev. 3
NB3N51032DTR2G ONSEMI-NB3N51032DTR2G Datasheet
290Kb / 13P
   Dual HCSL/LVDS Clock Generator
July, 2014 ??Rev. 1
More results

Similar Description - NB3N51032

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NB3N51032 ONSEMI-NB3N51032 Datasheet
290Kb / 13P
   Dual HCSL/LVDS Clock Generator
July, 2014 ??Rev. 1
NB3N51032 ONSEMI-NB3N51032_17 Datasheet
612Kb / 13P
   Dual HCSL/LVDS Clock Generator
September, 2017 ??Rev. 3
NB3N51034 ONSEMI-NB3N51034 Datasheet
397Kb / 9P
   Quad HCSL/LVDS Clock Generator
October, 2013 ??Rev. 1
NB3N51034 ONSEMI-NB3N51034_17 Datasheet
440Kb / 12P
   Quad HCSL/LVDS Clock Generator
September, 2017 ??Rev. 3
NB3N51044 ONSEMI-NB3N51044_17 Datasheet
219Kb / 13P
   Quad HCSL / LVDS Clock Generator
September, 2017 ??Rev. 2
NB3N51054 ONSEMI-NB3N51054_18 Datasheet
164Kb / 15P
   Quad HCSL/LVDS PCIe Clock Generator
May, 2018 ??Rev. 5
NB3N5573 ONSEMI-NB3N5573_16 Datasheet
86Kb / 8P
   Dual HCSL Clock Generator
July, 2016 ??Rev. 10
NB3N3002 ONSEMI-NB3N3002_17 Datasheet
87Kb / 8P
   HCSL Clock Generator
May, 2017 ??Rev. 7
NB3N3002 ONSEMI-NB3N3002_13 Datasheet
126Kb / 8P
   HCSL Clock Generator
October, 2013 ??Rev. 6
logo
Integrated Device Techn...
8413S12B IDT-8413S12B Datasheet
845Kb / 33P
   HCSL/ LVCMOS Clock Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com