Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NB3N1900KMNTWG Datasheet(PDF) 6 Page - ON Semiconductor

Part # NB3N1900KMNTWG
Description  Differential 1:19 HCSL Clock ZDB/Fanout Buffer for PCIe
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NB3N1900KMNTWG Datasheet(HTML) 6 Page - ON Semiconductor

Back Button NB3N1900KMNTWG Datasheet HTML 2Page - ON Semiconductor NB3N1900KMNTWG Datasheet HTML 3Page - ON Semiconductor NB3N1900KMNTWG Datasheet HTML 4Page - ON Semiconductor NB3N1900KMNTWG Datasheet HTML 5Page - ON Semiconductor NB3N1900KMNTWG Datasheet HTML 6Page - ON Semiconductor NB3N1900KMNTWG Datasheet HTML 7Page - ON Semiconductor NB3N1900KMNTWG Datasheet HTML 8Page - ON Semiconductor NB3N1900KMNTWG Datasheet HTML 9Page - ON Semiconductor NB3N1900KMNTWG Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
NB3N1900K
www.onsemi.com
6
Table 7. PIN DESCRIPTION
Pin #
Description
Pin Type
Pin Name
38
DIF7
OUT
0.7 V differential true clock output
39
DIF7#
OUT
0.7 V differential complementary clock output
40
OE7#
IN
Active low input for enabling DIF pair 7.
1 = disable outputs,
0 = enable outputs
41
DIF8
OUT
0.7 V differential true clock output
42
DIF8#
OUT
0.7 V differential complementary clock output
43
OE8#
IN
Active low input for enabling DIF pair 8.
1 = disable outputs,
0 = enable outputs
44
GND
PWR
Ground pin.
45
VDD
PWR
Power supply, nominal 3.3 V
46
DIF9
OUT
0.7 V differential true clock output
47
DIF9#
OUT
0.7 V differential complementary clock output
48
OE9#
IN
Active low input for enabling DIF pair 9.
1 = disable outputs,
0 = enable outputs
49
DIF10
OUT
0.7 V differential true clock output
50
DIF10#
OUT
0.7 V differential complementary clock output
51
OE10#
IN
Active low input for enabling DIF pair 10.
1 = disable outputs,
0 = enable outputs
52
DIF11
OUT
0.7 V differential true clock output
53
DIF11#
OUT
0.7 V differential complementary clock output
54
OE11#
IN
Active low input for enabling DIF pair 11.
1 = disable outputs,
0 = enable outputs
55
DIF12
OUT
0.7 V differential true clock output
56
DIF12#
OUT
0.7 V differential complementary clock output
57
OE12#
IN
Active low input for enabling DIF pair 12.
1 = disable outputs,
0 = enable outputs
58
VDD
PWR
Power supply, nominal 3.3 V
59
DIF13
OUT
0.7 V differential true clock output
60
DIF13#
OUT
0.7 V differential complementary clock output
61
DIF14
OUT
0.7 V differential true clock output
62
DIF14#
OUT
0.7 V differential complementary clock output
63
GND
PWR
Ground pin.
64
DIF15
OUT
0.7 V differential true clock output
65
DIF15#
OUT
0.7 V differential complementary clock output
66
DIF16
OUT
0.7 V differential true clock output
67
DIF16#
OUT
0.7 V differential complementary clock output
68
VDD
PWR
Power supply, nominal 3.3 V
69
DIF17
OUT
0.7 V differential true clock output
70
DIF17#
OUT
0.7 V differential complementary clock output
71
DIF18
OUT
0.7 V differential true clock output
72
DIF18#
OUT
0.7 V differential complementary clock output


Similar Part No. - NB3N1900KMNTWG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NB3N1900KMNTWG ONSEMI-NB3N1900KMNTWG Datasheet
198Kb / 20P
   Differential 1:19 HCSL Clock ZDB/Fanout Buffer
January, 2015 ??Rev. 3
NB3N1900KMNTWG ONSEMI-NB3N1900KMNTWG Datasheet
211Kb / 21P
   3.3V 100/133 MHz Differential 1:19 HCSL
March, 2017 ??Rev. 5
More results

Similar Description - NB3N1900KMNTWG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NB3N1900K ONSEMI-NB3N1900K Datasheet
198Kb / 20P
   Differential 1:19 HCSL Clock ZDB/Fanout Buffer
January, 2015 ??Rev. 3
NB3W1900L ONSEMI-NB3W1900L_18 Datasheet
185Kb / 20P
   Differential 1:19 HCSL-Compatible Push?륯ull Clock ZDB/Fanout Buffer
January, 2018 ??Rev. 3
NB3W800L ONSEMI-NB3W800L Datasheet
143Kb / 16P
   Differential 1:8 HCSL Compatible Push-Pull Clock ZDB/Fanout Buffer for PCIe
August, 2015 ??Rev. 1
NB3N1200K ONSEMI-NB3N1200K_17 Datasheet
181Kb / 26P
   Differential 1:12 HCSL Push-Pull Clock ZDB/Fanout Buffer for PCle
July, 2017 ??Rev. 3
NB3N1200K ONSEMI-NB3N1200K Datasheet
230Kb / 26P
   Differential 1:12 HCSL or Push-Pull Clock ZDB/Fanout Buffer for PCle
August, 2013 ??Rev. 0
NB3N1200K ONSEMI-NB3N1200K_16 Datasheet
180Kb / 26P
   Differential 1:12 HCSL or Push-Pull Clock ZDB/Fanout Buffer for PCle
July, 2016 ??Rev. 1
NB3W1900L ONSEMI-NB3W1900L_16 Datasheet
181Kb / 20P
   3.3 V 100/133 MHz Differential 1:19 HCSL-Compatible Push?륯ull Clock ZDB/Fanout Buffer
July, 2016 ??Rev. 1
NB3L204K ONSEMI-NB3L204K_17 Datasheet
406Kb / 14P
   Differential 1:4 HCSL Fanout Buffer
October, 2017 ??Rev. 1
NB3L202K ONSEMI-NB3L202K_18 Datasheet
143Kb / 14P
   Differential 1:2 HCSL Fanout Buffer
January, 2018 ??Rev. 4
NB3L204K ONSEMI-NB3L204K Datasheet
319Kb / 14P
   Differential 1:4 HCSL Fanout Buffer
April, 2016 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com