Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NB3N1900KMNTXG Datasheet(PDF) 7 Page - ON Semiconductor

Part # NB3N1900KMNTXG
Description  Differential 1:19 HCSL Clock ZDB/Fanout Buffer for PCIe
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NB3N1900KMNTXG Datasheet(HTML) 7 Page - ON Semiconductor

Back Button NB3N1900KMNTXG Datasheet HTML 3Page - ON Semiconductor NB3N1900KMNTXG Datasheet HTML 4Page - ON Semiconductor NB3N1900KMNTXG Datasheet HTML 5Page - ON Semiconductor NB3N1900KMNTXG Datasheet HTML 6Page - ON Semiconductor NB3N1900KMNTXG Datasheet HTML 7Page - ON Semiconductor NB3N1900KMNTXG Datasheet HTML 8Page - ON Semiconductor NB3N1900KMNTXG Datasheet HTML 9Page - ON Semiconductor NB3N1900KMNTXG Datasheet HTML 10Page - ON Semiconductor NB3N1900KMNTXG Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
NB3N1900K
www.onsemi.com
7
Table 8. ABSOLUTE MAXIMUM RATINGS (Note 1)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VDDA
3.3 V Core Supply Voltage (Note 2)
4.6
V
VDD
3.3 V Logic Supply Voltage (Note 2)
4.6
V
VIL
Input Low Voltage
GND −
0.5
V
VIH
Input High Voltage
Except for SMBus interface
VDD +
0.5
V
VIHSMB
Input High Voltage
SMBus clock and data pins
5.5
V
Ts
Storage Temperature
−65
150
°C
TJ
Junction Temperature
125
°C
Tc
Case Temperature
130
°C
ESD
ESD protection
Human Body Model
2000
V
qJA
Thermal Resistance Junction−to−Ambient
Still air
18.1
°C/W
qJC
Thermal Resistance Junction−to−Case
5.0
°C/W
Stresses exceeding those listed in the Maximum Ratings table may damage the device. If any of these limits are exceeded, device functionality
should not be assumed, damage may occur and reliability may be affected.
1. Guaranteed by design and characterization, not tested in production.
2. Operation under these conditions is neither implied nor guaranteed.


Similar Part No. - NB3N1900KMNTXG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NB3N1900KMNTXG ONSEMI-NB3N1900KMNTXG Datasheet
198Kb / 20P
   Differential 1:19 HCSL Clock ZDB/Fanout Buffer
January, 2015 ??Rev. 3
NB3N1900KMNTXG ONSEMI-NB3N1900KMNTXG Datasheet
211Kb / 21P
   3.3V 100/133 MHz Differential 1:19 HCSL
March, 2017 ??Rev. 5
More results

Similar Description - NB3N1900KMNTXG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NB3N1900K ONSEMI-NB3N1900K Datasheet
198Kb / 20P
   Differential 1:19 HCSL Clock ZDB/Fanout Buffer
January, 2015 ??Rev. 3
NB3W1900L ONSEMI-NB3W1900L_18 Datasheet
185Kb / 20P
   Differential 1:19 HCSL-Compatible Push?륯ull Clock ZDB/Fanout Buffer
January, 2018 ??Rev. 3
NB3W800L ONSEMI-NB3W800L Datasheet
143Kb / 16P
   Differential 1:8 HCSL Compatible Push-Pull Clock ZDB/Fanout Buffer for PCIe
August, 2015 ??Rev. 1
NB3N1200K ONSEMI-NB3N1200K_17 Datasheet
181Kb / 26P
   Differential 1:12 HCSL Push-Pull Clock ZDB/Fanout Buffer for PCle
July, 2017 ??Rev. 3
NB3N1200K ONSEMI-NB3N1200K Datasheet
230Kb / 26P
   Differential 1:12 HCSL or Push-Pull Clock ZDB/Fanout Buffer for PCle
August, 2013 ??Rev. 0
NB3N1200K ONSEMI-NB3N1200K_16 Datasheet
180Kb / 26P
   Differential 1:12 HCSL or Push-Pull Clock ZDB/Fanout Buffer for PCle
July, 2016 ??Rev. 1
NB3W1900L ONSEMI-NB3W1900L_16 Datasheet
181Kb / 20P
   3.3 V 100/133 MHz Differential 1:19 HCSL-Compatible Push?륯ull Clock ZDB/Fanout Buffer
July, 2016 ??Rev. 1
NB3L204K ONSEMI-NB3L204K_17 Datasheet
406Kb / 14P
   Differential 1:4 HCSL Fanout Buffer
October, 2017 ??Rev. 1
NB3L202K ONSEMI-NB3L202K_18 Datasheet
143Kb / 14P
   Differential 1:2 HCSL Fanout Buffer
January, 2018 ??Rev. 4
NB3L204K ONSEMI-NB3L204K Datasheet
319Kb / 14P
   Differential 1:4 HCSL Fanout Buffer
April, 2016 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com