Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NB3N206SDG Datasheet(PDF) 3 Page - ON Semiconductor

Part # NB3N206SDG
Description  3.3 V Differential Multipoint Low Voltage M-LVDS Driver Receiver
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NB3N206SDG Datasheet(HTML) 3 Page - ON Semiconductor

  NB3N206SDG Datasheet HTML 1Page - ON Semiconductor NB3N206SDG Datasheet HTML 2Page - ON Semiconductor NB3N206SDG Datasheet HTML 3Page - ON Semiconductor NB3N206SDG Datasheet HTML 4Page - ON Semiconductor NB3N206SDG Datasheet HTML 5Page - ON Semiconductor NB3N206SDG Datasheet HTML 6Page - ON Semiconductor NB3N206SDG Datasheet HTML 7Page - ON Semiconductor NB3N206SDG Datasheet HTML 8Page - ON Semiconductor NB3N206SDG Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
NB3N201S, NB3N206S
www.onsemi.com
3
Table 2. DEVICE FUNCTION TABLE
TYPE 1 Receiver
(NB3N201/NB3N203)
Inputs
Output
VID = VA − VB
RE
R
VID w 50 mV
L
H
−50 mV < VID < 50 mV
L
?
VID ≤ −50 mV
L
L
X
H
Z
X
Open
Z
Open
L
?
TYPE 2 Receiver
(NB3N206/NB3N207)
Inputs
Output
VID = VA − VB
RE
R
VID w 150 mV
L
H
50 mV < VID < 150 mV
L
?
VID ≤ 50 mV
L
L
X
H
Z
X
Open
Z
Open
L
L
DRIVER
Input
Enable
Output
D
DE
A / Y
B / Z
L
H
L
H
H
H
H
L
Open
H
L
H
X
Open
Z
Z
X
L
Z
Z
H = High, L = Low, Z = High Impedance, X = Don’t Care, ? = Indeterminate


Similar Part No. - NB3N206SDG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NB3N206SDG ONSEMI-NB3N206SDG Datasheet
341Kb / 19P
   3.3 V Differential Multipoint Low Voltage M-LVDS Driver Receiver
September, 2012 ??Rev. 0
More results

Similar Description - NB3N206SDG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NB3N200S ONSEMI-NB3N200S_15 Datasheet
289Kb / 18P
   3.3 V Differential Multipoint Low Voltage M-LVDS Driver Receiver
June, 2015 ??Rev. 1
NB3N200S ONSEMI-NB3N200S Datasheet
475Kb / 18P
   3.3 V Differential Multipoint Low Voltage M-LVDS Driver Receiver
January, 2012 ??Rev. 0
NB3N206S ONSEMI-NB3N206S Datasheet
341Kb / 19P
   3.3 V Differential Multipoint Low Voltage M-LVDS Driver Receiver
September, 2012 ??Rev. 0
logo
National Semiconductor ...
DS91D180 NSC-DS91D180 Datasheet
607Kb / 13P
   Multipoint LVDS (M-LVDS) Line Driver/Receiver
logo
ON Semiconductor
NBA3N200S ONSEMI-NBA3N200S Datasheet
288Kb / 19P
   3.3 V Automotive Grade M-LVDS Driver Receiver
October, 2015 ??Rev. 3
NBA3N201S ONSEMI-NBA3N201S Datasheet
288Kb / 19P
   3.3 V Automotive Grade M-LVDS Driver Receiver
October, 2015 ??Rev. 3
NBA3N206S ONSEMI-NBA3N206S Datasheet
286Kb / 18P
   3.3 V Automotive Grade M-LVDS Driver Receiver
October, 2015 ??Rev. 3
logo
Texas Instruments
SN65MLVD201 TI-SN65MLVD201_10 Datasheet
749Kb / 28P
[Old version datasheet]   MULTIPOINT-LVDS LINE DRIVER AND RECEIVER
SN65MLVD201 TI-SN65MLVD201_07 Datasheet
695Kb / 26P
[Old version datasheet]   MULTIPOINT-LVDS LINE DRIVER AND RECEIVER
SN65MLVD201 TI-SN65MLVD201 Datasheet
329Kb / 10P
[Old version datasheet]   MULTIPOINT-LVDS LINE DRIVER AND RECEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com