Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NB3N201SDG Datasheet(PDF) 2 Page - ON Semiconductor

Part # NB3N201SDG
Description  3.3 V Differential Multipoint Low Voltage M-LVDS Driver Receiver
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NB3N201SDG Datasheet(HTML) 2 Page - ON Semiconductor

  NB3N201SDG Datasheet HTML 1Page - ON Semiconductor NB3N201SDG Datasheet HTML 2Page - ON Semiconductor NB3N201SDG Datasheet HTML 3Page - ON Semiconductor NB3N201SDG Datasheet HTML 4Page - ON Semiconductor NB3N201SDG Datasheet HTML 5Page - ON Semiconductor NB3N201SDG Datasheet HTML 6Page - ON Semiconductor NB3N201SDG Datasheet HTML 7Page - ON Semiconductor NB3N201SDG Datasheet HTML 8Page - ON Semiconductor NB3N201SDG Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
NB3N201S, NB3N206S
www.onsemi.com
2
Figure 1. Logic Diagram
B
GND
VCC
DE
A
RE
D
R
1
2
3
4
8
7
6
5
NB3N201S, NB3N206S
SOIC−8
Figure 2. Pinout Diagram
(Top View)
Table 1. PIN DESCRIPTION
Number
Name
I/O Type
Open Default
Description
1
R
LVCMOS Output
Receiver Output Pin
2
RE
LVCMOS Input
High
Receiver Enable Input Pin (LOW = Active, HIGH = High Z
Output)
3
DE
LVCMOS Input
Low
Driver Enable Input Pin (LOW = High Z Output, HIGH=Active)
4
D
LVCMOS Input
Driver Input Pin
5
GND
Ground Supply pin. Pin must be connected to power supply to
guarantee proper operation.
6
A
M−LVDS Input
/Output
Transceiver True Input /Output Pin
7
B
M−LVDS Input
/Output
Transceiver Invert Input /Output Pin
8
VCC
Power Supply pin. Pin must be connected to power supply to
guarantee proper operation.


Similar Part No. - NB3N201SDG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NB3N201SDG ONSEMI-NB3N201SDG Datasheet
341Kb / 19P
   3.3 V Differential Multipoint Low Voltage M-LVDS Driver Receiver
September, 2012 ??Rev. 0
More results

Similar Description - NB3N201SDG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NB3N200S ONSEMI-NB3N200S_15 Datasheet
289Kb / 18P
   3.3 V Differential Multipoint Low Voltage M-LVDS Driver Receiver
June, 2015 ??Rev. 1
NB3N200S ONSEMI-NB3N200S Datasheet
475Kb / 18P
   3.3 V Differential Multipoint Low Voltage M-LVDS Driver Receiver
January, 2012 ??Rev. 0
NB3N206S ONSEMI-NB3N206S Datasheet
341Kb / 19P
   3.3 V Differential Multipoint Low Voltage M-LVDS Driver Receiver
September, 2012 ??Rev. 0
logo
National Semiconductor ...
DS91D180 NSC-DS91D180 Datasheet
607Kb / 13P
   Multipoint LVDS (M-LVDS) Line Driver/Receiver
logo
ON Semiconductor
NBA3N200S ONSEMI-NBA3N200S Datasheet
288Kb / 19P
   3.3 V Automotive Grade M-LVDS Driver Receiver
October, 2015 ??Rev. 3
NBA3N201S ONSEMI-NBA3N201S Datasheet
288Kb / 19P
   3.3 V Automotive Grade M-LVDS Driver Receiver
October, 2015 ??Rev. 3
NBA3N206S ONSEMI-NBA3N206S Datasheet
286Kb / 18P
   3.3 V Automotive Grade M-LVDS Driver Receiver
October, 2015 ??Rev. 3
logo
Texas Instruments
SN65MLVD201 TI-SN65MLVD201_10 Datasheet
749Kb / 28P
[Old version datasheet]   MULTIPOINT-LVDS LINE DRIVER AND RECEIVER
SN65MLVD201 TI-SN65MLVD201_07 Datasheet
695Kb / 26P
[Old version datasheet]   MULTIPOINT-LVDS LINE DRIVER AND RECEIVER
SN65MLVD201 TI-SN65MLVD201 Datasheet
329Kb / 10P
[Old version datasheet]   MULTIPOINT-LVDS LINE DRIVER AND RECEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com