Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NB3N501 Datasheet(PDF) 5 Page - ON Semiconductor

Part # NB3N501
Description  3.3V / 5.0V 13 MHz to 160 MHz PLL Clock Multiplier
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NB3N501 Datasheet(HTML) 5 Page - ON Semiconductor

  NB3N501_13 Datasheet HTML 1Page - ON Semiconductor NB3N501_13 Datasheet HTML 2Page - ON Semiconductor NB3N501_13 Datasheet HTML 3Page - ON Semiconductor NB3N501_13 Datasheet HTML 4Page - ON Semiconductor NB3N501_13 Datasheet HTML 5Page - ON Semiconductor NB3N501_13 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
NB3N501
http://onsemi.com
5
APPLICATIONS INFORMATION
High Frequency CMOS/TTL Oscillators
The NB3N501, along with a low frequency fundamental
mode crystal, can build a high frequency TTL output
oscillator. For example, a 20 MHz crystal connected to the
NB3N501 with the 5X output selected (S1 = L, S0 = H)
produces an 100 MHz CMOS/TTL output clock.
Decoupling and External Components
The NB3N501 requires a 0.01
mF decoupling capacitor to
be connected between VDD and GND on pins 2 and 3. It must
be connected close to the NB3N501 to minimize lead
inductance. Control input pins can be connected to device
pins VDD or GND, or to the VDD and GND planes on the
board.
Series Termination Resistor
A 33
W terminating resistor can be used next to the CLK
pin for trace lengths over one inch.
Crystal Load Capacitors
The total on chip capacitance is approximately 12 pF. A
parallel resonant, fundamental mode crystal should be used.
The device crystal connections should include pads for
small capacitors from X1 to ground and from X2 to ground.
These capacitors are used to adjust the stray capacitance of
the board to match the nominally required crystal load
capacitance. Because load capacitance can only be
increased in this trimming process, it is important to keep
stray capacitance to a minimum by using very short PCB
traces (and no vias) between the crystal and device. Crystal
capacitors, if needed, must be connected from each of the
pins X1 and X2 to ground. The value (in pF) of these crystal
caps should equal (CL − 12 pF) * 2. In this equation, CL =
crystal load capacitance in pF. Example: For a crystal with
a 16 pF load capacitance, each crystal capacitor would be
8 pF [(16 − 12) x 2 = 8].
ORDERING INFORMATION
Device
Package
Shipping
NB3N501DG
SOIC−8
(Pb−Free)
98 Units / Rail
NB3N501DR2G
SOIC−8
(Pb−Free)
2500 / Tape & Reel
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specification Brochure, BRD8011/D.


Similar Part No. - NB3N501_13

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NB3N501DG ONSEMI-NB3N501DG Datasheet
139Kb / 6P
   3.3V / 5.0V 13 MHz to 160 MHz PLL Clock Multiplier
May, 2012 ??Rev. 1
NB3N501DR2G ONSEMI-NB3N501DR2G Datasheet
139Kb / 6P
   3.3V / 5.0V 13 MHz to 160 MHz PLL Clock Multiplier
May, 2012 ??Rev. 1
More results

Similar Description - NB3N501_13

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NB3N501 ONSEMI-NB3N501 Datasheet
139Kb / 6P
   3.3V / 5.0V 13 MHz to 160 MHz PLL Clock Multiplier
May, 2012 ??Rev. 1
NB3N511 ONSEMI-NB3N511_13 Datasheet
110Kb / 6P
   3.3V / 5.0V 14 MHz to 200 MHz PLL Clock Multiplier
November, 2013 ??Rev. 4
NB3N511 ONSEMI-NB3N511 Datasheet
111Kb / 6P
   3.3V / 5.0V 14 MHz to 200 MHz PLL Clock Multiplier
May, 2012 ??Rev. 3
NB3N502 ONSEMI-NB3N502 Datasheet
59Kb / 5P
   14 MHz to 190 MHz PLL Clock Multiplier
March, 2006 ??Rev. 0
NB3N502 ONSEMI-NB3N502_12 Datasheet
139Kb / 5P
   14 MHz to 190 MHz PLL Clock Multiplier
May, 2012 ??Rev. 1
logo
Cypress Semiconductor
B9946 CYPRESS-B9946 Datasheet
57Kb / 5P
   3.3V, 160-MHz, 1:10 Clock Distribution Buffer
logo
Pericom Semiconductor C...
PI6CV304LEX PERICOM-PI6CV304LEX Datasheet
333Kb / 8P
   160 MHz Clock Buffers
logo
Cypress Semiconductor
B9949 CYPRESS-B9949 Datasheet
70Kb / 8P
   3.3V 160-MHz 1:15 Clock Distribution Buffer
B9948 CYPRESS-B9948 Datasheet
100Kb / 6P
   3.3V, 160-MHz, 1:12 Clock Distribution Buffer
B9947 CYPRESS-B9947 Datasheet
57Kb / 5P
   3.3V, 160-MHz, 1:9 Clock Distribution Buffer
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com