Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NB3L853141 Datasheet(PDF) 7 Page - ON Semiconductor

Part # NB3L853141
Description  2.5V/3.3V 1:5 LVPECL Fanout Buffer
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NB3L853141 Datasheet(HTML) 7 Page - ON Semiconductor

Back Button NB3L853141 Datasheet HTML 2Page - ON Semiconductor NB3L853141 Datasheet HTML 3Page - ON Semiconductor NB3L853141 Datasheet HTML 4Page - ON Semiconductor NB3L853141 Datasheet HTML 5Page - ON Semiconductor NB3L853141 Datasheet HTML 6Page - ON Semiconductor NB3L853141 Datasheet HTML 7Page - ON Semiconductor NB3L853141 Datasheet HTML 8Page - ON Semiconductor NB3L853141 Datasheet HTML 9Page - ON Semiconductor NB3L853141 Datasheet HTML 10Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
NB3L853141
www.onsemi.com
7
Figure 3. Differential Input Driven Single−Ended
Figure 4. Vth Diagram
Figure 5. Differential Inputs Driven Differentially
Figure 6. Differential Inputs Driven Differentially
Figure 7. VCMR Diagram
Figure 8. AC Reference Measurement
VIHD
VILD
VID = |VIHD(IN) − VILD(IN)|
IN
IN
IN
Vth
IN
IN
IN
IN
IN
Q
Q
tPLH
tPHL
VINPP = VIH(IN) − VIL(IN)
VCC
VEE
Vthmin
Vthmax
Vth
IN
VIHmax
VILmax
VIH
Vth
VIL
VIHmin
VILmin
VCC
VEE
VCMRmin
VCMRmax
VCMR
IN
IN
VIHDmax
VILDmax
VID = VIHD − VILD
VIHDtyp
VILDtyp
VIHDmin
VILDmin
Vth
VIH
VIL
Figure 9. SEL to Qx Timing Diagram
tpd
tpd
VCC / 2
VCC / 2
SEL
Qx
Qx


Similar Part No. - NB3L853141

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NB3L853141 ONSEMI-NB3L853141 Datasheet
153Kb / 10P
   Fanout Buffer
August, 2013 ??Rev. 1
NB3L853141DTG ONSEMI-NB3L853141DTG Datasheet
153Kb / 10P
   Fanout Buffer
August, 2013 ??Rev. 1
NB3L853141DTR2G ONSEMI-NB3L853141DTR2G Datasheet
153Kb / 10P
   Fanout Buffer
August, 2013 ??Rev. 1
More results

Similar Description - NB3L853141

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NB7L1008 ONSEMI-NB7L1008 Datasheet
185Kb / 10P
   2.5V / 3.3V 1:8 LVPECL Fanout Buffer
April, 2014 ??Rev. 1
logo
Asahi Kasei Microsystem...
AK8181H AKM-AK8181H Datasheet
542Kb / 12P
   2.5V, 3.3V LVPECL 1:10 Clock Fanout Buffer
logo
Micrel Semiconductor
SY898530U MICREL-SY898530U Datasheet
437Kb / 11P
   500MHz 1:16 3.3V-to-2.5V LVPECL Fanout Buffer
logo
Integrated Circuit Syst...
ICS85314-01 ICST-ICS85314-01 Datasheet
112Kb / 15P
   LOW SKEW, 1-TO-5 DIFFERENTIAL-TO-2.5V/3.3V LVPECL FANOUT BUFFER
ICS85314I-01 ICST-ICS85314I-01 Datasheet
252Kb / 19P
   LOW SKEW, 1-TO-5 DIFFERENTIAL-TO-2.5V/3.3V LVPECL FANOUT BUFFER
logo
Renesas Technology Corp
85314I-01 RENESAS-85314I-01 Datasheet
473Kb / 21P
   Low Skew, 1-to-5 Differential-to-2.5V/3.3V LVPECL Fanout Buffer
DECEMBER 19, 2014
logo
Integrated Circuit Syst...
ICS85314I-11 ICST-ICS85314I-11 Datasheet
250Kb / 18P
   LOW SKEW, 1-TO-5 DIFFERENTIAL-TO-2.5V/3.3V LVPECL FANOUT BUFFER
logo
Integrated Device Techn...
85314I-01 IDT-85314I-01 Datasheet
295Kb / 20P
   Differential-to-2.5V/3.3V LVPECL Fanout Buffer
logo
Renesas Technology Corp
ICS85314I-11 RENESAS-ICS85314I-11 Datasheet
546Kb / 22P
   Low Skew, 1-to-5 Differential-to-2.5V, 3.3V LVPECL Fanout Buffer
SEPTEMBER 16, 2013
logo
ON Semiconductor
NB6L611 ONSEMI-NB6L611 Datasheet
146Kb / 9P
   2.5V / 3.3V 1:2 Differential LVPECL Clock / Data Fanout Buffer
December, 2006 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com