Electronic Components Datasheet Search |
|
TMS28F010A-10C4DUQ4 Datasheet(PDF) 1 Page - Texas Instruments |
|
TMS28F010A-10C4DUQ4 Datasheet(HTML) 1 Page - Texas Instruments |
1 / 22 page TMS28F010A 1048576-BIT FLASH ELECTRICALLY ERASABLE PROGRAMMABLE READ-ONLY MEMORY SMJS012 – DECEMBER 1992 – REVISED NOVEMBER 1993 Copyright © 1993, Texas Instruments Incorporated 1 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 POST OFFICE BOX 1443 • HOUSTON, TEXAS 77251–1443 • Organization . . . 128K × 8-Bit Flash Memory • Pin Compatible With Existing 1-Megabit EPROMs • V CC Tolerance ±10% • All Inputs/Outputs TTL Compatible • Maximum Access/Minimum Cycle Time ’28F010A-10 100 ns ’28F010A-12 120 ns ’28F010A-15 150 ns ’28F010A-17 170 ns • Industry-Standard Programming Algorithm • PEP4 Version Available With 168-Hour Burn-In and Choice of Operating Temperature Ranges • Chip Erase Before Reprogramming • 10000 and 1000 Program/Erase-Cycle Versions Available • Low Power Dissipation (V CC = 5.5 V ) – Active Write . . . 55 mW – Active Read... 165 mW – Electrical Erase... 82.5 mW – Standby... 0.55 mW (CMOS-Input Levels) • Automotive Temperature Range – 40 °C to 125°C description The TMS28F010A is a 1048 576-bit, program- mable read-only memory that can be electrically bulk-erased and reprogrammed. It is available in 10 000 and 1 000 program/erase-endurance- cycle versions. The TMS28F010A Flash EEPROM is offered in a dual in-line plastic package (N suffix) designed for insertion in mounting-hole rows on 15,2-mm (600-mil) centers, a 32-lead plastic leaded chip-carrier package using 1,25-mm (50-mil) lead spacing (FM suffix), a 32-lead thin small-outline package (DD suffix), and a reverse pinout TSOP package (DU suffix). The TMS28F010A is characterized for operation in temperature ranges of 0 °C to 70°C (NL, FML, DDL, and DUL suffixes), – 40 °C to 85°C (NE, FME, DDE, and DUE suffixes), and – 40 °C to 125°C (NQ, FMQ, DDQ, and DUQ suffixes). All package types are offered with 168-hour burn-in (4 suffix). A0 – A16 Address Inputs DQ0 – DQ7 Data In/Data Out E Chip Enable G Output Enable NC No Internal Connection VCC 5-V Power Supply VPP 12-V Power Supply V SS Ground W Write Enable N PACKAGE ( TOP VIEW ) PIN NOMENCLATURE 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 32 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 VPP A16 A15 A12 A7 A6 A5 A4 A3 A2 A1 A0 DQ0 DQ1 DQ2 VSS VCC W NC A14 A13 A8 A9 A11 G A10 E DQ7 DQ6 DQ5 DQ4 DQ3 32 1 32 31 14 5 6 7 8 9 10 11 12 13 29 28 27 26 25 24 23 22 21 A14 A13 A8 A9 A11 G A10 E DQ7 A7 A6 A5 A4 A3 A2 A1 A0 DQ0 430 15 16 17 18 19 FM PACKAGE ( TOP VIEW ) 20 PRODUCTION DATA information is current as of publication date. Products conform to specifications per the terms of Texas Instruments standard warranty. Production processing does not necessarily include testing of all parameters. |
Similar Part No. - TMS28F010A-10C4DUQ4 |
|
Similar Description - TMS28F010A-10C4DUQ4 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |