Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ANT162442DT-2001AM1 Datasheet(PDF) 4 Page - TDK Electronics

Part # ANT162442DT-2001AM1
Description  Multilayer Antenna
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

ANT162442DT-2001AM1 Datasheet(HTML) 4 Page - TDK Electronics

  ANT162442DT-2001AM1 Datasheet HTML 1Page - TDK Electronics ANT162442DT-2001AM1 Datasheet HTML 2Page - TDK Electronics ANT162442DT-2001AM1 Datasheet HTML 3Page - TDK Electronics ANT162442DT-2001AM1 Datasheet HTML 4Page - TDK Electronics ANT162442DT-2001AM1 Datasheet HTML 5Page - TDK Electronics ANT162442DT-2001AM1 Datasheet HTML 6Page - TDK Electronics ANT162442DT-2001AM1 Datasheet HTML 7Page - TDK Electronics ANT162442DT-2001AM1 Datasheet HTML 8Page - TDK Electronics ANT162442DT-2001AM1 Datasheet HTML 9Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
RF Components
• All specifications are subject to change without notice.
• Before using these products, be sure to request the delivery specifications.
20160926 / rf_ant_ant162442dt-2001am1_summary
ANT162442DT-2001AM1
ELECTRICAL CHARACTERISTICS
・This is typical antenna performance with the standard PCB.
TEMPERATURE RANGE
FREQUENCY CHARACTERISTICS
IEEE802.11b/g/n
IEEE802.11a
• Tested antenna has been soldered. Evaluation board size is 120x65x1 mm.
Item
Frequency Range
(MHz)
Min.
Typ.
Max.
VSWR
2400 to 2484
3.81
6.5
5150 to 5850
2.65
4.0
Polarization
Linear
PCB size (mm)
120
65
Antenna keep-out area (mm)
8
5
Characteristic Impedance (
)
50 (Nominal)
Operating temperature
Storage temperature
(°C)
(°C)
–40 to +85
–40 to +85
–10
–9
–8
–6
–7
–3
–4
–1
–5
–2
0
1
11
10
9
8
7
6
5
4
3
2
Frequency(GHz)
2.300
2.400 2.450
2.350
2.500 2.550 2.600
Efficiency
VSWR
–10
–9
–8
–6
–7
–3
–4
–1
–5
–2
0
1
11
10
9
8
7
6
5
4
3
2
Frequency(GHz)
5.000
5.400
5.600
5.200
5.800
6.000
Efficiency
VSWR


Similar Part No. - ANT162442DT-2001AM1

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
ANT162442DT-2001A2 TDK-ANT162442DT-2001A2 Datasheet
440Kb / 9P
   Multilayer Antenna (Dual Band type)
More results

Similar Description - ANT162442DT-2001AM1

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
ANT162442ST-1000AM1 TDK-ANT162442ST-1000AM1 Datasheet
320Kb / 8P
   Multilayer Antenna
ANT016008LCS2442MA1 TDK-ANT016008LCS2442MA1 Datasheet
323Kb / 8P
   Multilayer Antenna
ANT162442ST-1201AM1 TDK-ANT162442ST-1201AM1 Datasheet
305Kb / 8P
   Multilayer Antenna
ANT161575ST-1202A1 TDK-ANT161575ST-1202A1 Datasheet
317Kb / 8P
   Multilayer Antenna
ANT165550ST-1003A1 TDK-ANT165550ST-1003A1 Datasheet
259Kb / 9P
   Multilayer Antenna
ANT160920ST-1204A1 TDK-ANT160920ST-1204A1 Datasheet
284Kb / 8P
   Multilayer Antenna
ANT016008LCS2442MA2 TDK-ANT016008LCS2442MA2 Datasheet
310Kb / 8P
   Multilayer Antenna
ANT161575DT-2000AM1 TDK-ANT161575DT-2000AM1 Datasheet
368Kb / 9P
   Multilayer Antenna
logo
List of Unclassifed Man...
AT3216 ETC-AT3216 Datasheet
377Kb / 4P
   Multilayer Chip Antenna
logo
Central Technologies
CTCA3216F500B CT-CTCA3216F500B Datasheet
1Mb / 3P
   Multilayer Chip Antenna
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com