Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TFS Datasheet(PDF) 4 Page - C&K Components

Part # TFS
Description  Splash Proof Miniature Snap-acting Switches
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CK-COMPONENTS [C&K Components]
Direct Link  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

TFS Datasheet(HTML) 4 Page - C&K Components

  TFS Datasheet HTML 1Page - C&K Components TFS Datasheet HTML 2Page - C&K Components TFS Datasheet HTML 3Page - C&K Components TFS Datasheet HTML 4Page - C&K Components TFS Datasheet HTML 5Page - C&K Components TFS Datasheet HTML 6Page - C&K Components TFS Datasheet HTML 7Page - C&K Components TFS Datasheet HTML 8Page - C&K Components  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
J
J–15
Dimensions are shown: mm
Specifications and dimensions subject to change
www.ck-components.com
TFS Series
Splash Proof Miniature Snap-acting Switches
CIRCUITRY
C SPDT (Single Pole, Double Throw)
Y SPST N.O. (Single Pole, Single Throw, Normally Open)
W SPST N.C. (Single Pole, Single Throw, Normally Closed)
TERMINAL TYPE
40 .187” QUICK CONNECT
Third Angle
Projection
ACTUATOR
20.3
18.05
27.81
16.46
A
A25 LEVER ROLLER
LOW FORCE, SHORT LEVER
Max. operating force
150 grams
Min. release force
15 grams
Operating position
OP
20.4 ± 0.9 mm
Max. movement
differential
0.9 mm
Min. over travel OT
1.2 mm
Max. pre-travel PT
4.2 mm
Measure at Point “A”
10.3
3.1
33
7.8
0.5 TYP
5.2 TYP
2.75
REF
3.1
20.2
REF
27.8
22.2
3-#187
QUICK CONNECT
TERMINAL
15.9
10.3
9.9
MOUNTING HOLE SIZE
2.9
3.2
2.9
3.2
3.1
3.1
NONE 3.1 mm (3mm SCREW CLEARANCE HOLE)
S 2.9 mm (4-40 SCREW CLEARANCE HOLE)


Similar Part No. - TFS

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TFS VISHAY-TFS Datasheet
87Kb / 3P
   Wraparound and Single-In-Line, Thin Film Nickel Temperature Sensors
Revision: 11-Jan-18
logo
C&K Components
TFS CK-COMPONENTS-TFS Datasheet
750Kb / 8P
   Splash Proof Mid Size Snap-acting Switches
30 Apr 21
logo
Vishay Siliconix
TFS VISHAY-TFS Datasheet
92Kb / 3P
   Wraparound and Single-In-Line, Thin Film Nickel Temperature Sensors
23-Mar-2020
TFS-S VISHAY-TFS-S Datasheet
92Kb / 3P
   Wraparound and Single-In-Line, Thin Film Nickel Temperature Sensors
23-Mar-2020
TFS-W VISHAY-TFS-W Datasheet
92Kb / 3P
   Wraparound and Single-In-Line, Thin Film Nickel Temperature Sensors
23-Mar-2020
More results

Similar Description - TFS

ManufacturerPart #DatasheetDescription
logo
C&K Components
TFS CK-COMPONENTS-TFS_V01 Datasheet
750Kb / 8P
   Splash Proof Mid Size Snap-acting Switches
30 Apr 21
TFCJJ6SP0040C CK-COMPONENTS-TFCJJ6SP0040C Datasheet
225Kb / 6P
   Miniature Snap-acting Switches
TMCGD6SP0040C CK-COMPONENTS-TMCGD6SP0040C Datasheet
225Kb / 6P
   Miniature Snap-acting Switches
TFSERIESSNAP CK-COMPONENTS-TFSERIESSNAP Datasheet
213Kb / 7P
   Miniature Snap-acting Switches
TF2 CK-COMPONENTS-TF2 Datasheet
269Kb / 6P
   Miniature Snap-acting Switches
logo
ITT Industries
TFCJJ6SP0040C ITT-TFCJJ6SP0040C Datasheet
308Kb / 6P
   Miniature Snap-acting Switches
TMCGD6SP0040C ITT-TMCGD6SP0040C Datasheet
307Kb / 6P
   Miniature Snap-acting Switches
logo
C&K Components
ZMS CK-COMPONENTS-ZMS Datasheet
209Kb / 4P
   Subminiature Snap-acting Switches (Dust Proof)
logo
ITT Industries
MMGGD1P0C ITT-MMGGD1P0C Datasheet
270Kb / 3P
   Miniature Subminiature Precision Snap-acting Switches
logo
E-SWITCH
700 E-SWITCH-700 Datasheet
525Kb / 6P
   PUSHBUTTON SWITCHES - SNAP-ACTING
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com