Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

APXG200ARA470MF45G Datasheet(PDF) 2 Page - United Chemi-Con, Inc.

Part # APXG200ARA470MF45G
Description  CONDUCTIVE POLYMER ALUMINUM SOLID CAPACITORS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHEMI-CON [United Chemi-Con, Inc.]
Direct Link  http://www.chemi-con.com
Logo CHEMI-CON - United Chemi-Con, Inc.

APXG200ARA470MF45G Datasheet(HTML) 2 Page - United Chemi-Con, Inc.

  APXG200ARA470MF45G Datasheet HTML 1Page - United Chemi-Con, Inc. APXG200ARA470MF45G Datasheet HTML 2Page - United Chemi-Con, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Product specifications in this catalog are subject to change without notice.Request our product specifications before purchase and/or use. Please use our products based on the information contained in this catalog and product specifications.
Surface Mount
NPCAPTM-
PXG
Series
◆STANDARD RATINGS
WV
(Vdc)
Cap
(µF)
Size
code
Leakage current
(µA max./after 2min.)
ESR
(mΩ max./20℃, 100k to 300kHz)
Rated ripple current
(mArms/105℃, 100kHz)
Part No.
16
39
E46
312
50
1,860
APXG160ARA390ME46G
68
F45
544
40
2,450
APXG160ARA680MF45G
100
E61
320
27
3,000
APXG160ARA101ME61G
180
F61
576
22
3,300
APXG160ARA181MF61G
220
F80
704
22
3,300
APXG160ARA221MF80G
270
H70
864
22
3,300
APXG160ARA271MH70G
330
H70
1,050
22
3,300
APXG160ARA331MH70G
330
H80
1,050
21
3,400
APXG160ARA331MH80G
330
HA0
1,050
21
3,400
APXG160ARA331MHA0G
560
HA0
1,790
18
3,900
APXG160ARA561MHA0G
560
J80
1,790
20
3,800
APXG160ARA561MJ80G
820
JA0
2,620
16
4,200
APXG160ARA821MJA0G
820
JC0
2,620
12
5,400
APXG160ARA821MJC0G
1,000
JA0
3,200
18
4,100
APXG160ARA102MJA0G
1,000
JC0
3,200
12
5,400
APXG160ARA102MJC0G
20
27
E46
270
55
1,770
APXG200ARA270ME46G
47
E61
188
30
2,800
APXG200ARA470ME61G
47
F45
470
42
2,400
APXG200ARA470MF45G
56
E61
224
30
2,800
APXG200ARA560ME61G
120
F61
480
25
3,200
APXG200ARA121MF61G
150
F80
600
25
3,200
APXG200ARA151MF80G
180
H70
720
25
3,200
APXG200ARA181MH70G
220
H80
880
23
3,300
APXG200ARA221MH80G
220
HA0
880
23
3,400
APXG200ARA221MHA0G
390
HA0
1,560
20
3,700
APXG200ARA391MHA0G
390
J80
1,560
22
3,650
APXG200ARA391MJ80G
560
JA0
2,240
18
4,100
APXG200ARA561MJA0G
25
10
E46
125
60
1,700
APXG250ARA100ME46G
22
E61
110
40
2,450
APXG250ARA220ME61G
22
F45
275
45
2,350
APXG250ARA220MF45G
27
E61
135
40
2,450
APXG250ARA270ME61G
39
F61
195
30
2,800
APXG250ARA390MF61G
47
F61
235
30
2,800
APXG250ARA470MF61G
56
F61
280
30
2,800
APXG250ARA560MF61G
56
F80
280
28
2,800
APXG250ARA560MF80G
68
H70
340
28
3,000
APXG250ARA680MH70G
82
H80
410
26
3,100
APXG250ARA820MH80G
100
HA0
500
24
3,300
APXG250ARA101MHA0G
120
HA0
600
22
3,500
APXG250ARA121MHA0G
150
J80
750
25
3,400
APXG250ARA151MJ80G
220
JA0
1,100
20
3,800
APXG250ARA221MJA0G
33
CAT. No. E1001Q
CONDUCTIVE POLYMER ALUMINUM SOLID CAPACITORS


Similar Part No. - APXG200ARA470MF45G

ManufacturerPart #DatasheetDescription
logo
United Chemi-Con, Inc.
APXG200ARA470MF45G CHEMI-CON-APXG200ARA470MF45G Datasheet
310Kb / 2P
   CONDUCTIVE POLYMER ALUMINUM SOLID CAPACITORS
APXG200ARA470MF45G CHEMI-CON-APXG200ARA470MF45G Datasheet
310Kb / 2P
   CONDUCTIVE POLYMER ALUMINUM SOLID CAPACITORS
More results

Similar Description - APXG200ARA470MF45G

ManufacturerPart #DatasheetDescription
logo
United Chemi-Con, Inc.
APSC160ELL331 CHEMI-CON-APSC160ELL331 Datasheet
303Kb / 2P
   CONDUCTIVE POLYMER ALUMINUM SOLID CAPACITORS
APSK2R5ELL561 CHEMI-CON-APSK2R5ELL561 Datasheet
294Kb / 2P
   CONDUCTIVE POLYMER ALUMINUM SOLID CAPACITORS
APSA100ELL470 CHEMI-CON-APSA100ELL470 Datasheet
37Kb / 2P
   CONDUCTIVE POLYMER ALUMINUM SOLID CAPACITORS
logo
Panasonic Semiconductor
63SXV33M PANASONIC-63SXV33M Datasheet
48Kb / 1P
   Conductive Polymer Aluminum Solid Capacitors ?
logo
List of Unclassifed Man...
APSA6R3ELL681MJB5S ETC2-APSA6R3ELL681MJB5S Datasheet
43Kb / 2P
   CONDUCTIVE POLYMER ALUMINUM SOLID CAPACITORS
logo
Panasonic Semiconductor
2R5SVT560M PANASONIC-2R5SVT560M Datasheet
542Kb / 7P
   Conductive Polymer Aluminum Solid Capacitors
SVPE PANASONIC-SVPE_V01 Datasheet
1Mb / 7P
   Conductive Polymer Aluminum Solid Capacitors
01-Apr-22
logo
Nippon Precision Circui...
APSF2R0ESS102MF08S NPC-APSF2R0ESS102MF08S Datasheet
49Kb / 2P
   CONDUCTIVE POLYMER ALUMINUM SOLID CAPACITORS
logo
United Chemi-Con, Inc.
APSK2R5ELL221 CHEMI-CON-APSK2R5ELL221 Datasheet
294Kb / 2P
   CONDUCTIVE POLYMER ALUMINUM SOLID CAPACITORS
APXG160ARA102 CHEMI-CON-APXG160ARA102 Datasheet
310Kb / 2P
   CONDUCTIVE POLYMER ALUMINUM SOLID CAPACITORS
APXG200ARA560 CHEMI-CON-APXG200ARA560 Datasheet
310Kb / 2P
   CONDUCTIVE POLYMER ALUMINUM SOLID CAPACITORS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com