Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GRM21BR71E-225KA73L Datasheet(PDF) 5 Page - Vicor Corporation

Part # GRM21BR71E-225KA73L
Description  DC-DC Converter Evaluation Board
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

GRM21BR71E-225KA73L Datasheet(HTML) 5 Page - Vicor Corporation

  GRM21BR71E-225KA73L Datasheet HTML 1Page - Vicor Corporation GRM21BR71E-225KA73L Datasheet HTML 2Page - Vicor Corporation GRM21BR71E-225KA73L Datasheet HTML 3Page - Vicor Corporation GRM21BR71E-225KA73L Datasheet HTML 4Page - Vicor Corporation GRM21BR71E-225KA73L Datasheet HTML 5Page - Vicor Corporation GRM21BR71E-225KA73L Datasheet HTML 6Page - Vicor Corporation GRM21BR71E-225KA73L Datasheet HTML 7Page - Vicor Corporation GRM21BR71E-225KA73L Datasheet HTML 8Page - Vicor Corporation GRM21BR71E-225KA73L Datasheet HTML 9Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
UG:301
vicorpower.com
Applications Engineering: 800 927.9474
Page 5
Name
Max Voltage
Max Current
IN+
100 V
20 A
IN-
100 V
20 A
OUT+
20 V
20 A
OUT-
20 V
20 A
TRIM_DN
10 V
100 mA
OPT1
10 V
100 mA
OPT2
10 V
100 mA
OUT
10 V
100 mA
INP
10 V
100 mA
INN
10 V
100 mA
ENABLE
10 V
100 mA
TRIM/SS
10 V
100 mA
SGND
10 V
100 mA
TM
10 V
100 mA
OUTP
20 V
100 mA
OUTN
20 V
100 mA
Table 3.
PI31xx-xx-EVAL1
Evaluation Board
Maximum I/O Ratings


Similar Part No. - GRM21BR71E-225KA73L

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GRM21BR71E104KA01 ETC-GRM21BR71E104KA01 Datasheet
223Kb / 13P
   High Dielectric Constant Type 6.3/16/25/50V
logo
Vicor Corporation
GRM21BR71E104KA01L VICOR-GRM21BR71E104KA01L Datasheet
1Mb / 6P
   VI BRICK짰 AC Front End Evaluation Board
logo
Texas Instruments
GRM21BR71E104KA01L TI1-GRM21BR71E104KA01L Datasheet
394Kb / 14P
[Old version datasheet]   BOOSTXL-SENSHUB Sensor Hub BoosterPack
logo
ON Semiconductor
GRM21BR71E104KA01L ONSEMI-GRM21BR71E104KA01L Datasheet
380Kb / 7P
   Evaluation Board Manual for NCN8025A QFN-24
April, 2011 ??Rev. 0
logo
Murata Manufacturing Co...
GRM21BR71E105K MURATA-GRM21BR71E105K Datasheet
62Kb / 1P
   Chip Monolithic Ceramic Capacitor 0805 X7R 1關F 25V
More results

Similar Description - GRM21BR71E-225KA73L

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
EV6001DN-00A MPS-EV6001DN-00A Datasheet
222Kb / 5P
   Monolithic Flyback/Forward DC-DC Converter Evaluation Board
EV6002DN-00A MPS-EV6002DN-00A Datasheet
149Kb / 5P
   Monolithic Flyback/Forward DC-DC Converter Evaluation Board
EV6001DN-01A MPS-EV6001DN-01A Datasheet
215Kb / 5P
   Monolithic Flyback/Forward DC-DC Converter Evaluation Board
EV6003-N-00A MPS-EV6003-N-00A Datasheet
691Kb / 9P
   Monolithic Flyback/Forward DC-DC Converter Evaluation Board
EV28163-Q-00A MPS-EV28163-Q-00A Datasheet
597Kb / 8P
   High Efficiency Single Inductor Buck-Boost DC-DC Converter Evaluation Board
EV2155-Q-00A MPS-EV2155-Q-00A Datasheet
599Kb / 8P
   High Efficiency Single Inductor Buck-Boost DC-DC Converter Evaluation Board
logo
STMicroelectronics
STEVALISC004V1 STMICROELECTRONICS-STEVALISC004V1 Datasheet
304Kb / 4P
   STUSB4710A evaluation board (with on-board DC-DC)
September 2017
logo
Monolithic Power System...
EV28164-D-00A MPS-EV28164-D-00A Datasheet
1Mb / 9P
   High Efficiency Single Inductor Buck-Boost DC-DC Converter Evaluation Board
logo
STMicroelectronics
STEVAL-ISA059V1 STMICROELECTRONICS-STEVAL-ISA059V1 Datasheet
125Kb / 4P
   DC-DC converter demonstration board
March 2009 Rev 1
logo
Murata Manufacturing Co...
LSM-EB MURATA-LSM-EB Datasheet
217Kb / 5P
   10 Amp DC/DC Power Converter Evaluation Boards
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com