Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IB048Q096T70N3-00 Datasheet(PDF) 9 Page - Vicor Corporation

Part # IB048Q096T70N3-00
Description  5:1 Intermediate Bus Converter Module: Up to 750W Output
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

IB048Q096T70N3-00 Datasheet(HTML) 9 Page - Vicor Corporation

Back Button IB048Q096T70N3-00 Datasheet HTML 5Page - Vicor Corporation IB048Q096T70N3-00 Datasheet HTML 6Page - Vicor Corporation IB048Q096T70N3-00 Datasheet HTML 7Page - Vicor Corporation IB048Q096T70N3-00 Datasheet HTML 8Page - Vicor Corporation IB048Q096T70N3-00 Datasheet HTML 9Page - Vicor Corporation IB048Q096T70N3-00 Datasheet HTML 10Page - Vicor Corporation IB048Q096T70N3-00 Datasheet HTML 11Page - Vicor Corporation IB048Q096T70N3-00 Datasheet HTML 12Page - Vicor Corporation IB048Q096T70N3-00 Datasheet HTML 13Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
IBC Module
Rev 1.2
vicorpower.com
Page 9 of 18
09/2016
800 927.9474
IB0xxQ096T70xx-xx
Application Characteristics: Waveforms
Output Current (A)
38V
48V
55V
V
IN:
92
93
94
95
96
97
98
99
0
14
28
42
56
70
Output Current (A)
38V
48V
55V
V
IN:
92
93
94
95
96
97
98
99
0
14
28
42
56
70
Output Current (A)
38V
48V
55V
V
IN:
92
93
94
95
96
97
98
99
0
14
28
42
56
70
Figure 1 — Efficiency vs. output current, 25ºC ambient
Figure 2 — Efficiency vs. output current, 55ºC ambient
Figure 3 — Efficiency vs. output current, 70ºC ambient
Figure 6 — Input reflected ripple current at nominal line, full load
See Figure 23 for setup
Output Current (A)
38V
48V
55V
V
IN:
0
4
8
12
16
20
0
14
28
42
56
70
Figure 4 — Power dissipation vs. output current at VIN,
25ºC ambient
Figure 5 — Inrush current at high line 15% load; 5A/div,
max load capacitance


Similar Part No. - IB048Q096T70N3-00

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
IB048Q096T70N3-BP VICOR-IB048Q096T70N3-BP Datasheet
1Mb / 14P
   5:1 Intermediate Bus Converter Module: Up to 750 W Output
IB048Q096T70N3-OO VICOR-IB048Q096T70N3-OO Datasheet
1Mb / 14P
   5:1 Intermediate Bus Converter Module: Up to 750 W Output
More results

Similar Description - IB048Q096T70N3-00

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
IB054E096T40N1-00 VICOR-IB054E096T40N1-00 Datasheet
977Kb / 13P
   5:1 Intermediate Bus Converter Module: Up to 300 W Output
IB050E096T40N1-00 VICOR-IB050E096T40N1-00 Datasheet
1Mb / 13P
   5:1 Intermediate Bus Converter Module: Up to 300 W Output
IB054Q096T64N1-00 VICOR-IB054Q096T64N1-00 Datasheet
1Mb / 14P
   5:1 Intermediate Bus Converter Module: Up to 650 W Output
IB050Q096T70N1-00 VICOR-IB050Q096T70N1-00 Datasheet
2Mb / 14P
   5:1 Intermediate Bus Converter Module: Up to 750 W Output
IB048E096T40N1-00 VICOR-IB048E096T40N1-00 Datasheet
1Mb / 13P
   5:1 Intermediate Bus Converter Module: Up to 300 W Output
IB048E096T48N1-00 VICOR-IB048E096T48N1-00 Datasheet
992Kb / 13P
   5:1 Intermediate Bus Converter Module: Up to 500 W Output
IB048Q096T64N1-00 VICOR-IB048Q096T64N1-00 Datasheet
1Mb / 14P
   5:1 Intermediate Bus Converter Module: Up to 650 W Output
IB048Q096T70N1-00 VICOR-IB048Q096T70N1-00 Datasheet
1Mb / 14P
   5:1 Intermediate Bus Converter Module: Up to 750 W Output
IB054E096T48N1-00 VICOR-IB054E096T48N1-00 Datasheet
1,002Kb / 13P
   5:1 Intermediate Bus Converter Module: Up to 500 W Output
IB054Q096T70N1-00 VICOR-IB054Q096T70N1-00 Datasheet
1Mb / 14P
   5:1 Intermediate Bus Converter Module: Up to 750 W Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com