Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PI3110-01-HVIZ Datasheet(PDF) 3 Page - Vicor Corporation

Part # PI3110-01-HVIZ
Description  24VIN, 5V and 12VOUT, ZVS Isolated Converter Module Family
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

PI3110-01-HVIZ Datasheet(HTML) 3 Page - Vicor Corporation

  PI3110-01-HVIZ Datasheet HTML 1Page - Vicor Corporation PI3110-01-HVIZ Datasheet HTML 2Page - Vicor Corporation PI3110-01-HVIZ Datasheet HTML 3Page - Vicor Corporation PI3110-01-HVIZ Datasheet HTML 4Page - Vicor Corporation PI3110-01-HVIZ Datasheet HTML 5Page - Vicor Corporation PI3110-01-HVIZ Datasheet HTML 6Page - Vicor Corporation PI3110-01-HVIZ Datasheet HTML 7Page - Vicor Corporation PI3110-01-HVIZ Datasheet HTML 8Page - Vicor Corporation PI3110-01-HVIZ Datasheet HTML 9Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
24 Volt
Rev 1.4
vicorpower.com
Page 3 of 18
02/2015
800 927.9474
PI31xx-01-HVIZ
Order Information
Part Number
VIN
VOUT
IOUT Max
Package
Transport
Media
PI3109-01-HVIZ
18 – 36V
5V
10A
0.87” x 0.65” x 0.265”
TRAY
PI3106-01-HVIZ
18 – 36V
12V
4.2A
0.87” x 0.65” x 0.265”
TRAY
Also Available
PI3101-00-HVIZ
36 – 75V
3.3V
18A
0.87” x 0.65” x 0.265”
TRAY
PI3105-00-HVIZ
36 – 75V
12V
5A
0.87” x 0.65” x 0.265”
TRAY
PI3110-01-HVIZ
41 – 57V
18V
3.3A
0.87” x 0.65” x 0.265”
TRAY
PI3109-00-HVMZ
16 – 50V
5V
10A
0.87” x 0.65” x 0.265”
TRAY
PI3106-00-HVMZ
16 – 50V
12V
4.2A
0.87” x 0.65” x 0.265”
TRAY
PI3111-00-HVMZ
16 – 50V
15V
3.33
0.87” x 0.65” x 0.265”
TRAY


Similar Part No. - PI3110-01-HVIZ

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
PI3110-01-HVIZ VICOR-PI3110-01-HVIZ Datasheet
3Mb / 22P
   Cool-Power ZVS Isolated DC-DC Converter Modules
PI3110-01-HVIZ VICOR-PI3110-01-HVIZ Datasheet
3Mb / 22P
   Cool-Power ZVS Isolated DC-DC Converter Modules
PI3110-01-HVIZ VICOR-PI3110-01-HVIZ Datasheet
4Mb / 26P
   Cool-Power ZVS Isolated DC-DC Converter Modules
PI3110-01-HVIZ VICOR-PI3110-01-HVIZ Datasheet
2Mb / 18P
   Cool-Power ZVS Isolated DC-DC Converter Modules
PI3110-01-HVIZ VICOR-PI3110-01-HVIZ Datasheet
1Mb / 26P
   28VIN, 3.3 to 15VOUT, ZVS Isolated Converter Module Family
More results

Similar Description - PI3110-01-HVIZ

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
PI31XX-01-HVIZ VICOR-PI31XX-01-HVIZ_18 Datasheet
949Kb / 18P
   24VIN, 5V and 12VOUT, ZVS Isolated Converter Module Family
V24A12C400B VICOR-V24A12C400B Datasheet
150Kb / 8P
   24Vin / 12Vout / 400Watts DC-DC Converter Module
V24A12C400A VICOR-V24A12C400A Datasheet
195Kb / 8P
   24Vin / 12Vout / 400Watts DC-DC Converter Module
V24B12C200B VICOR-V24B12C200B Datasheet
146Kb / 8P
   24Vin / 12Vout / 200Watts DC-DC Converter Module
PI31XX-00-HVMZ VICOR-PI31XX-00-HVMZ Datasheet
1Mb / 26P
   28VIN, 3.3 to 15VOUT, ZVS Isolated Converter Module Family
PI31XX-00-HVMZ VICOR-PI31XX-00-HVMZ_18 Datasheet
1Mb / 26P
   28VIN, 3.3 to 15VOUT, ZVS Isolated Converter Module Family
PI31XX-0X-HVIZ VICOR-PI31XX-0X-HVIZ Datasheet
1Mb / 22P
   48VIN and 3.3 ??18VOUT, ZVS Isolated DC-DC Converter Modules
V24A48C400B VICOR-V24A48C400B Datasheet
151Kb / 8P
   24Vin / 48Vout / 400Watts DC-DC Converter Module
V375A12C600B VICOR-V375A12C600B Datasheet
150Kb / 8P
   375Vin / 12Vout / 600Watts DC-DC Converter Module
V24B5C200B VICOR-V24B5C200B Datasheet
145Kb / 8P
   24Vin / 5Vout / 200Watts DC-DC Converter Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com