Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PI3105-00-HVIZ Datasheet(PDF) 9 Page - Vicor Corporation

Part # PI3105-00-HVIZ
Description  28VIN, 3.3 to 15VOUT, ZVS Isolated Converter Module Family
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

PI3105-00-HVIZ Datasheet(HTML) 9 Page - Vicor Corporation

Back Button PI3105-00-HVIZ Datasheet HTML 5Page - Vicor Corporation PI3105-00-HVIZ Datasheet HTML 6Page - Vicor Corporation PI3105-00-HVIZ Datasheet HTML 7Page - Vicor Corporation PI3105-00-HVIZ Datasheet HTML 8Page - Vicor Corporation PI3105-00-HVIZ Datasheet HTML 9Page - Vicor Corporation PI3105-00-HVIZ Datasheet HTML 10Page - Vicor Corporation PI3105-00-HVIZ Datasheet HTML 11Page - Vicor Corporation PI3105-00-HVIZ Datasheet HTML 12Page - Vicor Corporation PI3105-00-HVIZ Datasheet HTML 13Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 26 page
background image
28 Volt - M Grade
Rev 1.6
vicorpower.com
Page 9 of 26
02/2015
800 927.9474
PI31xx-00-HVMZ
Load Curent (Amps)
50
55
60
65
70
75
80
85
90
1
2
3
4
5
6
7
8
9
10
V
IN = 16V@100°C
V
IN = 28V@100°C
V
IN = 50V@100°C
Figure 1 — Conversion Efficiency
Temp °C
16V 0 LFM
28V 0 LFM
50V 0 LFM
16V 200 LFM
28V 200 LFM
50V 200 LFM
16V 600 LFM
28V 600 LFM
50V 600LFM
0
1
2
3
4
5
6
7
8
9
10
25 30 35 40 45 50 55 60 65 70 75 80 85 90 95 100105110
Figure 2 — Load Current vs Temperature (without Heat Sink)
Temp °C
16V 0 LFM
28V 0 LFM
50V 0 LFM
16V 200 LFM
28V 200 LFM
50V 200 LFM
16V 600 LFM
28V 600 LFM
50V 600LFM
0
1
2
3
4
5
6
7
8
9
10
25 30 35 40 45 50 55 60 65 70 75 80 85 90 95 100105110115
Figure 4 — Load Current vs Temperature (11mm Heat Sink)
Temp °C
16V 0 LFM
28V 0 LFM
50V 0 LFM
16V 200 LFM
28V 200 LFM
50V 200 LFM
16V 600 LFM
28V 600 LFM
50V 600LFM
0
1
2
3
4
5
6
7
8
9
10
25 30 35 40 45 50 55 60 65 70 75 80 85 90 95 100105110115
Figure 3 — Load Current vs Temperature (6.33mm Heat Sink)
PI3108-00-HVMZ Electrical Characteristics
Figure 6 — Start Up, CREF = 0 (VIN = 28V, IOUT = 10A, CR,
COUT = 6 x 10µF X7R Ceramic)
Figure 5 — Start Up, CREF = 0 (VIN = 16V, IOUT = 10A, CR,
COUT = 6 x 10µF X7R Ceramic)


Similar Part No. - PI3105-00-HVIZ

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
PI3105-00-HVIZ VICOR-PI3105-00-HVIZ Datasheet
3Mb / 22P
   Cool-Power ZVS Isolated DC-DC Converter Modules
PI3105-00-HVIZ VICOR-PI3105-00-HVIZ Datasheet
3Mb / 22P
   Cool-Power ZVS Isolated DC-DC Converter Modules
PI3105-00-HVIZ VICOR-PI3105-00-HVIZ Datasheet
4Mb / 26P
   Cool-Power ZVS Isolated DC-DC Converter Modules
PI3105-00-HVIZ VICOR-PI3105-00-HVIZ Datasheet
2Mb / 18P
   Cool-Power ZVS Isolated DC-DC Converter Modules
PI3105-00-HVIZ VICOR-PI3105-00-HVIZ Datasheet
966Kb / 18P
   24VIN, 5V and 12VOUT, ZVS Isolated Converter Module Family
More results

Similar Description - PI3105-00-HVIZ

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
PI31XX-00-HVMZ VICOR-PI31XX-00-HVMZ_18 Datasheet
1Mb / 26P
   28VIN, 3.3 to 15VOUT, ZVS Isolated Converter Module Family
PI31XX-01-HVIZ VICOR-PI31XX-01-HVIZ Datasheet
966Kb / 18P
   24VIN, 5V and 12VOUT, ZVS Isolated Converter Module Family
PI31XX-01-HVIZ VICOR-PI31XX-01-HVIZ_18 Datasheet
949Kb / 18P
   24VIN, 5V and 12VOUT, ZVS Isolated Converter Module Family
PI31XX-0X-HVIZ VICOR-PI31XX-0X-HVIZ Datasheet
1Mb / 22P
   48VIN and 3.3 ??18VOUT, ZVS Isolated DC-DC Converter Modules
V48A15C500B VICOR-V48A15C500B Datasheet
150Kb / 8P
   48Vin / 15Vout / 500Watts DC-DC Converter Module
V300A15C500B VICOR-V300A15C500B Datasheet
151Kb / 8P
   300Vin / 15Vout / 500Watts DC-DC Converter Module
V48C15C150B VICOR-V48C15C150B Datasheet
173Kb / 8P
   48Vin / 15Vout / 150Watts DC-DC Converter Module
V375B15C300B VICOR-V375B15C300B Datasheet
149Kb / 8P
   375Vin / 15Vout / 300Watts DC-DC Converter Module
V375C15C150B VICOR-V375C15C150B Datasheet
142Kb / 8P
   375Vin / 15Vout / 150Watts DC-DC Converter Module
V300B15C250B VICOR-V300B15C250B Datasheet
145Kb / 8P
   300Vin / 15Vout / 250Watts DC-DC Converter Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com