Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PI3108-00-HVMZ Datasheet(PDF) 1 Page - Vicor Corporation

Part # PI3108-00-HVMZ
Description  28VIN, 3.3 to 15VOUT, ZVS Isolated Converter Module Family
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

PI3108-00-HVMZ Datasheet(HTML) 1 Page - Vicor Corporation

  PI3108-00-HVMZ Datasheet HTML 1Page - Vicor Corporation PI3108-00-HVMZ Datasheet HTML 2Page - Vicor Corporation PI3108-00-HVMZ Datasheet HTML 3Page - Vicor Corporation PI3108-00-HVMZ Datasheet HTML 4Page - Vicor Corporation PI3108-00-HVMZ Datasheet HTML 5Page - Vicor Corporation PI3108-00-HVMZ Datasheet HTML 6Page - Vicor Corporation PI3108-00-HVMZ Datasheet HTML 7Page - Vicor Corporation PI3108-00-HVMZ Datasheet HTML 8Page - Vicor Corporation PI3108-00-HVMZ Datasheet HTML 9Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
28 Volt - M Grade
Rev 1.6
vicorpower.com
Page 1 of 26
02/2015
800 927.9474
28VIN, 3.3 to 15VOUT, ZVS Isolated Converter Module Family
28 Volt
M Grade
PI31xx-00-HVMZ
Product Description
The ZVS Isolated Converter Module Series consists of high
density isolated DC-DC converters implementing Zero Voltage
Switching topology.
The 28VIN series operates over a wide range input of 16V
to 50VDC, delivering 50W of output power, yielding an
unprecedented power density of 334W/in3.
These converter modules are surface mountable and only
~.5” square in area achieving ~50% space reduction versus
conventional solutions.
The switching frequency of 900kHz allows for small input and
output filter components which further reduces the total size and
cost of the overall system solution. The output voltage is sensed
and fed back to the internal controller using a high performance
isolated magnetic feedback scheme which allows for high
bandwidth and good common mode noise immunity.
The PI31xx-00-HVMZ series requires no external feedback
compensation and offers a total solution with a minimum number
of external components. A rich feature set is offered, including
output voltage trim capability, output over-voltage protection,
adjustable soft-start, over-current protection with auto-restart,
over and under input voltage lockout and a temperature
monitoring and protection function that provides an analog
voltage proportional to the die temperature as well as shut down
and alarm capabilities.
Features
Efficiency up to 88%
High switching frequency minimizes input filter
requirements and reduces output capacitance
Proprietary “Double-Clamped” ZVS Buck-Boost Topology
Proprietary isolated magnetic feedback
Small footprint (0.57in2) enables PCB area savings
Very low profile (0.265in)
Wide input voltage range operation (16 – 50VDC)
On/Off Control, positive logic
Wide trim range +10/-20% most models
Temperature Monitor (TM) &
Overtemperature Protection (OTP)
Input UVLO & OVLO and output OVP
Overcurrent protection with auto restart
Adjustable soft-start
2250VDC input to output isolation
Surface Mountable 0.87” x 0.65” x 0.265”
Applications
Wide Temperature, Aerospace & Defense Applications
Space Constrained Systems
Isolated Board Level Power
Package Information
Surface Mountable 0.87” x 0.65” x 0.265” package
Weight = 7.8 grams
Device
Output Voltage
IOUT Max
Set
Range
PI3108-00-HVMZ
3.3V
2.97 to 3.63V
10A
PI3109-00-HVMZ
5V
4 to 5.5V
10A
PI3106-00-HVMZ
12V
9.6 to 13.2V
4.2A
PI3111-00-HVMZ
15V
12 to 16.5V
3.33A


Similar Part No. - PI3108-00-HVMZ

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
PI3108-00-HVMZ VICOR-PI3108-00-HVMZ Datasheet
4Mb / 26P
   Cool-Power ZVS Isolated DC-DC Converter Modules
PI3108-00-HVMZ VICOR-PI3108-00-HVMZ Datasheet
1Mb / 26P
   28VIN, 3.3 to 15VOUT, ZVS Isolated Converter Module Family
More results

Similar Description - PI3108-00-HVMZ

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
PI31XX-00-HVMZ VICOR-PI31XX-00-HVMZ_18 Datasheet
1Mb / 26P
   28VIN, 3.3 to 15VOUT, ZVS Isolated Converter Module Family
PI31XX-01-HVIZ VICOR-PI31XX-01-HVIZ Datasheet
966Kb / 18P
   24VIN, 5V and 12VOUT, ZVS Isolated Converter Module Family
PI31XX-01-HVIZ VICOR-PI31XX-01-HVIZ_18 Datasheet
949Kb / 18P
   24VIN, 5V and 12VOUT, ZVS Isolated Converter Module Family
PI31XX-0X-HVIZ VICOR-PI31XX-0X-HVIZ Datasheet
1Mb / 22P
   48VIN and 3.3 ??18VOUT, ZVS Isolated DC-DC Converter Modules
V48A15C500B VICOR-V48A15C500B Datasheet
150Kb / 8P
   48Vin / 15Vout / 500Watts DC-DC Converter Module
V300A15C500B VICOR-V300A15C500B Datasheet
151Kb / 8P
   300Vin / 15Vout / 500Watts DC-DC Converter Module
V48C15C150B VICOR-V48C15C150B Datasheet
173Kb / 8P
   48Vin / 15Vout / 150Watts DC-DC Converter Module
V375B15C300B VICOR-V375B15C300B Datasheet
149Kb / 8P
   375Vin / 15Vout / 300Watts DC-DC Converter Module
V375C15C150B VICOR-V375C15C150B Datasheet
142Kb / 8P
   375Vin / 15Vout / 150Watts DC-DC Converter Module
V300B15C250B VICOR-V300B15C250B Datasheet
145Kb / 8P
   300Vin / 15Vout / 250Watts DC-DC Converter Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com