Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BCM384F120T300A00 Datasheet(PDF) 4 Page - Vicor Corporation

Part # BCM384F120T300A00
Description  Isolated Fixed Ratio DC-DC Converter
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

BCM384F120T300A00 Datasheet(HTML) 4 Page - Vicor Corporation

  BCM384F120T300A00 Datasheet HTML 1Page - Vicor Corporation BCM384F120T300A00 Datasheet HTML 2Page - Vicor Corporation BCM384F120T300A00 Datasheet HTML 3Page - Vicor Corporation BCM384F120T300A00 Datasheet HTML 4Page - Vicor Corporation BCM384F120T300A00 Datasheet HTML 5Page - Vicor Corporation BCM384F120T300A00 Datasheet HTML 6Page - Vicor Corporation BCM384F120T300A00 Datasheet HTML 7Page - Vicor Corporation BCM384F120T300A00 Datasheet HTML 8Page - Vicor Corporation BCM384F120T300A00 Datasheet HTML 9Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
BCM® Bus Converter
Rev 1.5
vicorpower.com
Page 4 of 21
08/2016
800 927.9474
BCM384x120y300Azz
Electrical Specifications
Specifications apply over all line and load conditions, unless otherwise noted;
boldface specifications apply over the temperature range of
-40°C ≤ TCASE ≤ 100°C (T-Grade); all other specifications are at TCASE = 25ºC unless otherwise noted.
Attribute
Symbol
Conditions / Notes
Min
Typ
Max
Unit
Powertrain
Input voltage range, continuous
VIN_DC
360
400
V
Input voltage range, transient
VIN_TRANS
Full current or power supported, 50ms max,
10% duty cycle max
360
420
V
Quiescent power
PQ
Disabled, PC Low
395
450.0
mW
VIN to VOUT time
TON1
VIN = 384V, PC floating
380
440
500
ms
No load power dissipation
PNL
VIN = 384V, TCASE = 25ºC
7.0
10.0
W
VIN = 384V
5.0
15.0
VIN = 360V to 400V, TCASE = 25ºC
12
VIN = 360V to 400V
17
Inrush current peak
IINR_P
Worse case of: VIN = 400V, COUT = 1000µF,
RLOAD = 1.7Ω
1.5
3
A
DC input current
IIN_DC
At POUT = 300W
0.9
A
Transformation ratio
K
K = VOUT / VIN, at no load
1/32
V/V
Output power (average)
POUT_AVG
IOUT_AVG ≤ 27.7A
300
W
Output power (peak)
POUT_PK
10ms max, POUT_AVG ≤ 300W
450
W
Output current (average)
IOUT_AVG
POUT_AVG ≤ 300W
27.3
A
Output current (peak)
IOUT_PK
10ms max, IOUT_AVG ≤ 27.3A
39
A
Efficiency (ambient)
h
AMB
VIN = 384V, IOUT = 27.3A; TCASE = 25°C
94.2
95.5
%
VIN = 360V to 400V, IOUT = 27.3A; TCASE = 25°C
94.0
VIN = 384V, IOUT = 14A; TCASE = 25°C
92.5
94.3
Efficiency (hot)
h
HOT
VIN = 384V, IOUT = 27.3A; TCASE = 100°C
94.0
95.2
%
Efficiency (over load range)
h
20%
5A < IOUT < 27.3A
90.0
%
Output resistance
ROUT_COLD
IOUT = 27.3A, TCASE = -40°C
0.5
1.9
4.0
ROUT_AMB
IOUT = 27.3A, TCASE = 25°C
2.6
6.0
9.4
ROUT_HOT
IOUT = 27.3A, TCASE = 100°C
6.0
8.6
12.0
Switching frequency
FSW
1.85
1.95
2.05
MHz
Output voltage ripple
VOUT_PP
COUT = 0F, IOUT = 27.3A, VIN = 384V,
20MHz BW
200
400
mV
Output inductance (parasitic)
LOUT_PAR
Frequency up to 30MHz, Simulated J-lead model
500
pH
Output capacitance (internal)
COUT_INT
Effective value at 12.0VOUT
31
µF
Output capacitance (external)
COUT_EXT
See chart for output capacitance vs. startup load limits
0
1000
µF


Similar Part No. - BCM384F120T300A00

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
BCM384F120T300A00 VICOR-BCM384F120T300A00 Datasheet
767Kb / 21P
   BCM짰 Bus Converter
More results

Similar Description - BCM384F120T300A00

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
BCM48BX096Y240A00 VICOR-BCM48BX096Y240A00 Datasheet
738Kb / 20P
   Isolated Fixed Ratio DC-DC Converter
BCM48BX240Y300A00 VICOR-BCM48BX240Y300A00 Datasheet
782Kb / 20P
   Isolated Fixed Ratio DC-DC Converter
BCM6123XD1E13A3YZZ VICOR-BCM6123XD1E13A3YZZ Datasheet
893Kb / 29P
   Isolated Fixed-Ratio DC-DC Converter
BCM3814B60E15A3C02 VICOR-BCM3814B60E15A3C02 Datasheet
1Mb / 38P
   Isolated, Fixed-Ratio DC-DC Converter
BCM3814X60E10A5YZZ VICOR-BCM3814X60E10A5YZZ_18 Datasheet
1Mb / 41P
   Isolated Fixed-Ratio DC-DC Converter
BCM6123XD1E5126YZZ VICOR-BCM6123XD1E5126YZZ_17 Datasheet
876Kb / 30P
   Isolated Fixed-Ratio DC-DC Converter
BCM4414XD1E2663YZZ VICOR-BCM4414XD1E2663YZZ Datasheet
1Mb / 43P
   Isolated Fixed-Ratio DC-DC Converter
BCM6123XD1E1368YZZ VICOR-BCM6123XD1E1368YZZ Datasheet
895Kb / 30P
   Isolated Fixed-Ratio DC-DC Converter
BCM6123XD1E2663YZZ VICOR-BCM6123XD1E2663YZZ Datasheet
850Kb / 28P
   Isolated Fixed Ratio DC-DC Converter
BCM6123XD1E1368YZZ VICOR-BCM6123XD1E1368YZZ_17 Datasheet
845Kb / 30P
   Isolated Fixed-Ratio DC-DC Converter
BCM6123X60E15A3YZZ VICOR-BCM6123X60E15A3YZZ_17 Datasheet
923Kb / 29P
   Isolated Fixed-Ratio DC-DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com