Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

K4M511533E-YPC Datasheet(PDF) 5 Page - Samsung semiconductor

Part # K4M511533E-YPC
Description  Mobile-SDRAM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

K4M511533E-YPC Datasheet(HTML) 5 Page - Samsung semiconductor

  K4M511533E-YPC Datasheet HTML 1Page - Samsung semiconductor K4M511533E-YPC Datasheet HTML 2Page - Samsung semiconductor K4M511533E-YPC Datasheet HTML 3Page - Samsung semiconductor K4M511533E-YPC Datasheet HTML 4Page - Samsung semiconductor K4M511533E-YPC Datasheet HTML 5Page - Samsung semiconductor K4M511533E-YPC Datasheet HTML 6Page - Samsung semiconductor K4M511533E-YPC Datasheet HTML 7Page - Samsung semiconductor K4M511533E-YPC Datasheet HTML 8Page - Samsung semiconductor K4M511533E-YPC Datasheet HTML 9Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
K4M511533E - Y(P)C/L/F
February 2004
Mobile-SDRAM
DC CHARACTERISTICS
Recommended operating conditions (Voltage referenced to VSS = 0V, TA = -25 to 70
°C)
NOTES:
1. Measured with outputs open.
2. Refresh period is 64ms.
3. Internal TCSR can be supported(In commercial Temp : Max 40
°C/Max 70°C).
4. K4M511533E-Y(P)C**
5. K4M511533E-Y(P)L**
6. K4M511533E-Y(P)F**
7. Unless otherwise noted, input swing IeveI is CMOS(VIH /VIL=VDDQ/VSSQ).
Parameter
Symbol
Test Condition
Version
Unit
Note
-75
-1H
-1L
Operating Current
(One Bank Active)
ICC1
Burst length = 1
tRC
≥ tRC(min)
IO = 0 mA
100
90
85
mA
1
Precharge Standby Current in
power-down mode
ICC2P
CKE
≤ VIL(max), tCC = 10ns
1.5
mA
ICC2PS
CKE & CLK
≤ VIL(max), tCC = ∞
1.5
Precharge Standby Current
in non power-down mode
ICC2N
CKE
≥ VIH(min), CS ≥ VIH(min), tCC = 10ns
Input signals are changed one time during 20ns
20
mA
ICC2NS
CKE
≥ VIH(min), CLK ≤ VIL(max), tCC = ∞
Input signals are stable
10
Active Standby Current
in power-down mode
ICC3P
CKE
≤ VIL(max), tCC = 10ns
8
mA
ICC3PS
CKE & CLK
≤ VIL(max), tCC = ∞
8
Active Standby Current
in non power-down mode
(One Bank Active)
ICC3N
CKE
≥ VIH(min), CS ≥ VIH(min), tCC = 10ns
Input signals are changed one time during 20ns
45
mA
ICC3NS
CKE
≥ VIH(min), CLK ≤ VIL(max), tCC = ∞
Input signals are stable
35
mA
Operating Current
(Burst Mode)
ICC4
IO = 0 mA
Page burst
4Banks Activated
tCCD = 2CLKs
145
125
115
mA
1
Refresh Current
ICC5
tRC
≥ tRC(min)
190
170
160
mA
2
Self Refresh Current
ICC6
CKE
≤ 0.2V
-C
1800
uA
4
-L
1500
5
-F
Internal TCSR
Max 40
Max 70
°C
3
Full Array
850
1300
uA
6
1/2 of Full Array
600
900
1/4 of Full Array
500
700


Similar Part No. - K4M511533E-YPC

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K4M511633C-RBF1H SAMSUNG-K4M511633C-RBF1H Datasheet
114Kb / 12P
   8M x 16Bit x 4 Banks Mobile SDRAM in 54FBGA
K4M511633C-RBF1L SAMSUNG-K4M511633C-RBF1L Datasheet
114Kb / 12P
   8M x 16Bit x 4 Banks Mobile SDRAM in 54FBGA
K4M511633C-RBF75 SAMSUNG-K4M511633C-RBF75 Datasheet
114Kb / 12P
   8M x 16Bit x 4 Banks Mobile SDRAM in 54FBGA
K4M511633C-RBG SAMSUNG-K4M511633C-RBG Datasheet
114Kb / 12P
   8M x 16Bit x 4 Banks Mobile SDRAM in 54FBGA
K4M511633C-RBL SAMSUNG-K4M511633C-RBL Datasheet
114Kb / 12P
   8M x 16Bit x 4 Banks Mobile SDRAM in 54FBGA
More results

Similar Description - K4M511533E-YPC

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K4M51323PC SAMSUNG-K4M51323PC Datasheet
144Kb / 12P
   Mobile-SDRAM
K4M28163LH SAMSUNG-K4M28163LH Datasheet
114Kb / 12P
   Mobile SDRAM
K4M51323LC SAMSUNG-K4M51323LC Datasheet
142Kb / 12P
   Mobile-SDRAM
logo
Micron Technology
MT48V16M16LFFG MICRON-MT48V16M16LFFG Datasheet
1Mb / 58P
   MOBILE SDRAM
logo
Samsung semiconductor
K4S643233H SAMSUNG-K4S643233H Datasheet
141Kb / 12P
   Mobile-SDRAM
K4S513233F SAMSUNG-K4S513233F Datasheet
143Kb / 12P
   Mobile SDRAM
logo
List of Unclassifed Man...
EM488M1644VBA-75F ETC1-EM488M1644VBA-75F Datasheet
698Kb / 18P
   128Mb Mobile SDRAM
logo
Samsung semiconductor
K4X1G163PC-L SAMSUNG-K4X1G163PC-L Datasheet
523Kb / 20P
   Mobile DDR SDRAM
K4S643233F SAMSUNG-K4S643233F Datasheet
62Kb / 8P
   2Mx32 Mobile SDRAM 90FBGA CMOS SDRAM
logo
Hynix Semiconductor
HY5S5B2BLF-6E HYNIX-HY5S5B2BLF-6E Datasheet
666Kb / 54P
   256M (8Mx32bit) Mobile SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com