Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX2308ETI Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX2308ETI
Description  Supports Dual-Band, Triple-Mode Operation
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX2308ETI Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX2308ETI Datasheet HTML 1Page - Maxim Integrated Products MAX2308ETI Datasheet HTML 2Page - Maxim Integrated Products MAX2308ETI Datasheet HTML 3Page - Maxim Integrated Products MAX2308ETI Datasheet HTML 4Page - Maxim Integrated Products MAX2308ETI Datasheet HTML 5Page - Maxim Integrated Products MAX2308ETI Datasheet HTML 6Page - Maxim Integrated Products MAX2308ETI Datasheet HTML 7Page - Maxim Integrated Products MAX2308ETI Datasheet HTML 8Page - Maxim Integrated Products MAX2308ETI Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
CDMA IF VGAs and I/Q Demodulators
with VCO and Synthesizer
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
DC ELECTRICAL CHARACTERISTICS
(VCC = +2.7V to +3.6V, MODE = DIVSEL = SHDN = STBY = BUFEN = high, differential output load = 10k
Ω, TA = -40°C to +85°C,
registers set to default power-up settings. Typical values are at VCC = +2.75V and TA = +25°C, unless otherwise noted.)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
VCC to GND ...........................................................-0.3V to +6.0V
SHDN to GND.............................................-0.3V to (VCC + 0.3V)
STBY, BUFEN, MODE, EN, DATA,
CLK, DIVSEL ...........................................-0.3V to (VCC + 0.3V)
VGC to GND...............-0.3V, the lesser of +4.2V or (VCC + 0.3V)
AC Signals TANKH ±, TANKL ±,
REF, FM ±, CDMA ± .................................................1.0V peak
Digital Input Current SHDN, MODE, DIVSEL,
BUFEN, DATA, CLK, EN, STBY .....................................±10mA
Continuous Power Dissipation (TA = +70°C)
28-Pin QFN (derate 28.5mW/°C above TA = +70°C)...........2W
Operating Temperature Range ...........................-40°C to +85°C
Junction Temperature ......................................................+150°C
Storage Temperature Range .............................-65°C to +160°C
Lead Temperature (soldering, 10s) .................................+300°C
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
TA = +25°C
25.9
37.5
CDMA mode
TA = -40°C to +85°C
41.5
TA = +25°C
25.4
36.7
FM_IQ mode
TA = -40°C to +85°C
40.6
TA = +25°C
24.7
35.7
FM_I mode
TA = -40°C to +85°C
39.5
TA = +25°C
12.3
18.8
STANDBY (VCO_H)
TA = -40°C to +85°C
20.7
TA = +25°C
11.4
18.4
STANDBY (VCO_L)
TA = -40°C to +85°C
20.3
Supply Current
(Note 1)
ICC
Addition for LO out (BUFEN = low)
3.5
mA
Shutdown Current
ICC
SHDN = low
1.5
10
µA
Register Shutdown Current
ICC
4
5.8
mA
Logic High
2.0
V
Logic Low
0.5
V
Logic High Input Current
IIH
2µA
Logic Low Input Current
IIL
2µA
VGC Control Input Current
0.5V < VVGC < 2.3V
-5
5
µA
VGC Control Input Current
During Shutdown
SHDN = low
1
µA
Lock Indicator High (locked)
47k
Ω load
2.0
V
Lock Indicator Low (unlocked)
47k
Ω load
0.5
V
DC Offset Voltage
I+ to I- and Q+ to Q-, PLL locked
-20
±1.5
+20
mV
Common-Mode Output Voltage
VCC = +2.75V
VCC - 1.4
V


Similar Part No. - MAX2308ETI

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2308EGI MAXIM-MAX2308EGI Datasheet
295Kb / 20P
   CDMA IF VGAs and I/Q Demodulators with VCO and Synthesizer
19-2014; Rev 2; 7/01
MAX2308EVKIT MAXIM-MAX2308EVKIT Datasheet
583Kb / 12P
   SMA Connectors on All Signal Ports
Rev 0; 7/01
More results

Similar Description - MAX2308ETI

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG1411E VISHAY-DG1411E Datasheet
347Kb / 14P
   Supports single and dual supply operation
Rev. C, 23-Jan-17
logo
List of Unclassifed Man...
FC1703 ETC1-FC1703 Datasheet
508Kb / 17P
   Receiver RFIC for Dual-Band Triple Mode
logo
Future Technology Devic...
FT51A FTDI-FT51A Datasheet
1Mb / 43P
   Supports DMA operation
logo
List of Unclassifed Man...
CGGP.25.4.E.02 ETC2-CGGP.25.4.E.02 Datasheet
1Mb / 15P
   Dual-band GNSS Operation
logo
Taoglas antenna solutio...
CGGP.25.4.E.02 TAOGLAS-CGGP.25.4.E.02 Datasheet
1Mb / 15P
   Dual-band GNSS Operation
logo
List of Unclassifed Man...
CPCI-6880 ETC2-CPCI-6880 Datasheet
550Kb / 2P
   Supports system/peripheral operation
logo
Xilinx, Inc
DS570 XILINX-DS570 Datasheet
1Mb / 38P
   Supports full-duplex operation
logo
Integrated Silicon Solu...
IS66WVC2M16ALL ISSI-IS66WVC2M16ALL Datasheet
1Mb / 67P
   Mixed Mode supports asynchronous write and synchronous read operation
IS66WVC4M16ALL ISSI-IS66WVC4M16ALL Datasheet
1Mb / 67P
   Mixed Mode supports asynchronous write and synchronous read operation
IS66WVC1M16ALL ISSI-IS66WVC1M16ALL Datasheet
1Mb / 67P
   Mixed Mode supports asynchronous write and synchronous read operation
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com