Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM3999 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM3999
Description  Precision Reference
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3999 Datasheet(HTML) 4 Page - National Semiconductor (TI)

  LM3999 Datasheet HTML 1Page - National Semiconductor (TI) LM3999 Datasheet HTML 2Page - National Semiconductor (TI) LM3999 Datasheet HTML 3Page - National Semiconductor (TI) LM3999 Datasheet HTML 4Page - National Semiconductor (TI) LM3999 Datasheet HTML 5Page - National Semiconductor (TI) LM3999 Datasheet HTML 6Page - National Semiconductor (TI) LM3999 Datasheet HTML 7Page - National Semiconductor (TI) LM3999 Datasheet HTML 8Page - National Semiconductor (TI) LM3999 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Electrical Characteristics (Note 3) (Continued)
Parameter
Conditions
LM3999Z
Units
Min
Typ
Max
Initial Turn-On Current
9
≤ V
S ≤ 40, TA = 25˚C
140
200
mA
Electrical Characteristics (Notes 3, 6)
Parameter
Conditions
LM199AH, LM299AH
LM399AH
Units
Min
Typ
Max
Min
Typ
Max
Reverse Breakdown Voltage
0.5 mA
≤ I
R ≤ 10 mA
6.8
6.95
7.1
6.6
6.95
7.3
V
Reverse Breakdown Voltage
0.5 mA
≤ I
R ≤ 10 mA
6
9
6
12
mV
Change with Current
Reverse Dynamic Impedance
I
R = 1 mA
0.5
1
0.5
1.5
Reverse Breakdown
−55˚C
≤T
A≤+85˚C
LM199A
0.00002
0.00005
%/˚C
Temperature Coefficient
+85˚C
≤T
A≤+125˚C
0.0005
0.0010
%/˚C
−25˚C
≤T
A≤85˚C
LM299A
0.00002
0.00005
%/˚C
0˚C
≤T
A≤+70˚C
LM399A
0.00003
0.0001
%/˚C
RMS Noise
10 Hz
≤ f ≤ 10 kHz
7
20
7
50
µV
Long Term Stability
Stabilized, 22˚C
≤T
A≤28˚C,
20
20
ppm
1000 Hours, I
R=1mA±0.1%
Temperature Stabilizer
T
A=25˚C, Still Air, VS=30V
8.5
14
8.5
15
mA
Supply Current
T
A =− 55˚C
22
28
Temperature Stabilizer
9
40
9
40
V
Supply Voltage
Warm-Up Time to 0.05%
V
S = 30V, TA = 25˚C
3
3
sec.
Initial Turn-on Current
9
≤V
S≤40, TA=+25˚C, (Note 4)
140
200
140
200
mA
Note 2: The substrate is electrically connected to the negative terminal of the temperature stabilizer. The voltage that can be applied to either terminal of the refer-
ence is 40V more positive or 0.1V more negative than the substrate.
Note 3: These specifications apply for 30V applied to the temperature stabilizer and −55˚C
≤TA≤+125˚C for the LM199; −25˚C≤TA≤+85˚C for the LM299 and
0˚C
≤TA≤+70˚C for the LM399 and LM3999.
Note 4: This initial current can be reduced by adding an appropriate resistor and capacitor to the heater circuit. See the performance characteristic graphs to de-
termine values.
Note 5: Do not wash the LM199 with its polysulfone thermal shield in TCE.
Note 6: A military RETS electrical test specification is available for the LM199H/883, LM199AH/883, and LM199AH-20/883 on request.
Ordering Information
Initial
0˚C to +70˚C
−25˚C to +85˚C
−55˚C to +125˚C
NS
Tolerance
Package
2%
LM299AH
LM199AH, LM199AH/883
H04D
5%
LM399H
LM299H
H04D
LM399AH
5%
LM3999Z
Z03A
Certified Long Term Drift
The National Semiconductor LM199AH-20, LM299AH-20,
and LM399AH-50 are ultra-stable Zener references specially
selected from the production runs of LM199AH, LM299AH,
LM399AH and tested to confirm a long-term stability of 20,
20, or 50 ppm per 1000 hours, respectively. The devices are
measured every 168 hours and the voltage of each device is
logged and compared in such a way as to show the deviation
from its initial value. Each measurement is taken with a
probable-worst-case deviation of ±2 ppm, compared to the
Reference Voltage, which is derived from several groups of
NBS-traceable references such as LM199AH-20’s, 1N827’s,
and saturated standard cells, so that the deviation of any one
group will not cause false indications. Indeed, this compari-
son process has recently been automated using a specially
prepared computer program which is custom-designed to re-
ject noisy data (and require a repeat reading) and to record
the average of the best 5 of 7 readings, just as a sagacious
standards engineer will reject unbelievable readings.
The typical characteristic for the LM199AH-20 is shown be-
low. This computerized print-out form of each reference’s
stability is shipped with the unit.
www.national.com
4


Similar Part No. - LM3999

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3999Z NSC-LM3999Z Datasheet
651Kb / 10P
   Precision Reference
More results

Similar Description - LM3999

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1021DCS8 LINER-LT1021DCS8 Datasheet
218Kb / 3P
   Precision Reference?
LT1236 LINER-LT1236_15 Datasheet
230Kb / 12P
   Precision Reference
LM399 LINER-LM399_15 Datasheet
171Kb / 8P
   Precision Reference
logo
Linear Dimensions Semic...
LT1021DCN8-10 LINEAR_DIMENSIONS-LT1021DCN8-10 Datasheet
238Kb / 16P
   Precision Reference
logo
National Semiconductor ...
LM199 NSC-LM199_05 Datasheet
651Kb / 10P
   Precision Reference
logo
Linear Technology
LM199 LINER-LM199 Datasheet
296Kb / 5P
   Precision Reference
logo
National Semiconductor ...
LM329 NSC-LM329_08 Datasheet
197Kb / 8P
   Precision Reference
logo
Linear Dimensions Semic...
LT1236ACS8-5PBF LINEAR_DIMENSIONS-LT1236ACS8-5PBF Datasheet
230Kb / 12P
   Precision Reference
logo
Linear Technology
LT1021 LINER-LT1021_05 Datasheet
228Kb / 16P
   Precision Reference
logo
National Semiconductor ...
LM129 NSC-LM129 Datasheet
165Kb / 10P
   Precision Reference
logo
Linear Technology
LT1236 LINER-LT1236 Datasheet
262Kb / 12P
   Precision Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com