Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

INA196 Datasheet(PDF) 6 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # INA196
Description  CURRENT SHUNT MONITOR
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

INA196 Datasheet(HTML) 6 Page - Burr-Brown (TI)

Back Button INA196 Datasheet HTML 2Page - Burr-Brown (TI) INA196 Datasheet HTML 3Page - Burr-Brown (TI) INA196 Datasheet HTML 4Page - Burr-Brown (TI) INA196 Datasheet HTML 5Page - Burr-Brown (TI) INA196 Datasheet HTML 6Page - Burr-Brown (TI) INA196 Datasheet HTML 7Page - Burr-Brown (TI) INA196 Datasheet HTML 8Page - Burr-Brown (TI) INA196 Datasheet HTML 9Page - Burr-Brown (TI) INA196 Datasheet HTML 10Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
INA193,INA194
INA195,INA196
INA197,INA198
SBOS307B − MAY 2004 − REVISED JUNE 2004
www.ti.com
6
TYPICAL CHARACTERISTICS (continued)
All specifications at TA = +25°C, VS = +12, and VIN+ = 12V, and VSENSE = 100mV, unless otherwise noted.
Time (5
µs/div)
G= 50
STEP RESPONSE
V
SENSE = 10mV to 20mV
Time (5
µs/div)
G= 50
STEP RESPONSE
V
SENSE = 10mV to 100mV
Time (5
µs/div)
G= 50
STEP RESPONSE
V
SENSE = 90mV to 100mV
Time (10
µs/div)
G= 100
STEP RESPONSE
V
SENSE = 10mV to 100mV


Similar Part No. - INA196

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA196 TI-INA196 Datasheet
1Mb / 33P
[Old version datasheet]   INA19x Current Shunt Monitor ??6 V to 80 V Common-Mode Range
INA196 TI1-INA196 Datasheet
1Mb / 33P
[Old version datasheet]   Current Shunt Monitor ??6 V to 80 V Common-Mode Range
INA196A-EP TI1-INA196A-EP Datasheet
465Kb / 20P
[Old version datasheet]   CURRENT SHUNT MONITORS??6 V to 80 V Common Mode Range
INA196A-Q1 TI1-INA196A-Q1 Datasheet
464Kb / 22P
[Old version datasheet]   CURRENT SHUNT MONITORS ??6-V to 80-V Common-Mode Range
INA196A-Q1 TI-INA196A-Q1 Datasheet
945Kb / 30P
[Old version datasheet]   INA19xA-Q1 Current Shunt Monitors ??6-V to 80-V Common-Mode Range
More results

Similar Description - INA196

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA199-Q1 TI1-INA199-Q1 Datasheet
1Mb / 27P
[Old version datasheet]   Current-Shunt Monitor
INA282-Q1 TI1-INA282-Q1_15 Datasheet
1Mb / 34P
[Old version datasheet]   Current Shunt Monitor
logo
Analog Devices
AD8215 AD-AD8215_11 Datasheet
234Kb / 16P
   High Voltage, Current Shunt Monitor
REV. A
logo
Texas Instruments
INA199 TI1-INA199 Datasheet
1Mb / 34P
[Old version datasheet]   Voltage Output Current Shunt Monitor
INA301 TI1-INA301 Datasheet
153Kb / 7P
[Old version datasheet]   Current-Shunt Monitor Overcurrent Comparator
logo
Analog Devices
AD8212 AD-AD8212 Datasheet
178Kb / 8P
   High Voltage Current Shunt Monitor
Rev. PrA
AD8215 AD-AD8215_16 Datasheet
258Kb / 13P
   High Voltage, Current Shunt Monitor
AD8212WYRMZ AD-AD8212WYRMZ Datasheet
335Kb / 16P
   High Voltage Current Shunt Monitor
REV. B
AD8212 AD-AD8212_17 Datasheet
371Kb / 13P
   High Voltage Current Shunt Monitor
AD8211 AD-AD8211_15 Datasheet
309Kb / 16P
   High Voltage Current Shunt Monitor
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com