Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DMG6968U Datasheet(PDF) 2 Page - ZP Semiconductor

Part # DMG6968U
Description  N-CHANNEL ENHANCEMENT MODE MOSFET
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZPSEMI [ZP Semiconductor]
Direct Link  http://zpsemi.com/
Logo ZPSEMI - ZP Semiconductor

DMG6968U Datasheet(HTML) 2 Page - ZP Semiconductor

  DMG6968U Datasheet HTML 1Page - ZP Semiconductor DMG6968U Datasheet HTML 2Page - ZP Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Maximum Ratings @TA = 25°C unless otherwise specified
Characteristic
Symbol
Value
Units
Drain-Source Voltage
VDSS
20
V
Gate-Source Voltage
VGSS
±12
V
Continuous Drain Current (Note 4)
Steady
State
TA = 25°C
TA = 70°C
ID
6.5
5.2
A
Pulsed Drain Current
IDM
30
A
Thermal Characteristics
Characteristic
Symbol
Value
Unit
Power Dissipation (Note 4)
PD
1.3
W
Thermal Resistance, Junction to Ambient @TA = 25°C
RθJA
157
°C/W
Operating and Storage Temperature Range
TJ, TSTG
-55 to +150
°C
Electrical Characteristics @TA = 25°C unless otherwise specified
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
OFF CHARACTERISTICS (Note 5)
Drain-Source Breakdown Voltage
BVDSS
20
V
VGS = 0V, ID = 250μA
Zero Gate Voltage Drain Current
TJ = 25°C
IDSS
1.0
μA
VDS = 20V, VGS = 0V
Gate-Source Leakage
IGSS
±10
μA
VGS = ±10V, VDS = 0V
Gate-Source Breakdown Voltage
BVSGS
±12
-
-
V
VDS = 0V, IG = ±250μA
ON CHARACTERISTICS (Note 5)
Gate Threshold Voltage
VGS(th)
0.5
0.9
V
VDS = VGS, ID = 250μA
Static Drain-Source On-Resistance
RDS (ON)
21
25
m
VGS = 4.5V, ID = 6.5A
23
29
VGS = 2.5V, ID = 5.5A
28
36
VGS = 1.8V, ID = 3.5A
Forward Transfer Admittance
|Yfs|
8
S
VDS = 10V, ID = 5A
DYNAMIC CHARACTERISTICS
Input Capacitance
Ciss
151
pF
VDS = 10V, VGS = 0V
f = 1.0MHz
Output Capacitance
Coss
91
pF
Reverse Transfer Capacitance
Crss
32
pF
Total Gate Charge
Qg
8.5
nC
VGS = 4.5V, VDS = 10V, ID = 6.5A
Gate-Source Charge
Qgs
1.6
nC
Gate-Drain Charge
Qgd
2.8
nC
Turn-On Delay Time
tD(on)
54
ns
VDD = 10V, VGS = 4.5V,
RL = 10Ω, RG = 6Ω, ID = 1A
Turn-On Rise Time
tr
66
ns
Turn-Off Delay Time
tD(off)
613
ns
Turn-Off Fall Time
tf
205
ns
Notes:
2. Device mounted on FR-4 substrate PC board, 2oz. copper, with thermal vias to bottom layer 1 inch square copper plate.
3. Short duration pulse test used to minimize self-heating effect.
DMG6968U
N-CHANNEL ENHANCEMENT MODE MOSFET
2 of 2
sales@zpsemi.com
www.zpsemi.com


Similar Part No. - DMG6968U

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMG6968U DIODES-DMG6968U Datasheet
153Kb / 6P
   N-CHANNEL ENHANCEMENT MODE MOSFET
DMG6968U DIODES-DMG6968U Datasheet
502Kb / 6P
   N-CHANNEL ENHANCEMENT MODE MOSFET
DMG6968U-7 DIODES-DMG6968U-7 Datasheet
153Kb / 6P
   N-CHANNEL ENHANCEMENT MODE MOSFET
DMG6968U-7 DIODES-DMG6968U-7 Datasheet
175Kb / 6P
   N-CHANNEL ENHANCEMENT MODE MOSFET
DMG6968U-7 DIODES-DMG6968U-7 Datasheet
502Kb / 6P
   N-CHANNEL ENHANCEMENT MODE MOSFET
More results

Similar Description - DMG6968U

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
2N7002 CENTRAL-2N7002 Datasheet
80Kb / 2P
   N-CHANNEL ENHANCEMENT-MODE MOSFET
logo
AUK corp
STK0602U AUK-STK0602U Datasheet
261Kb / 5P
   N-Channel Enhancement-Mode MOSFET
STK1828K AUK-STK1828K Datasheet
282Kb / 4P
   N-Channel Enhancement-Mode MOSFET
STK7002 AUK-STK7002 Datasheet
83Kb / 4P
   N-Channel Enhancement-Mode MOSFET
logo
SYNC POWER Crop.
SPN3406 SYNC-POWER-SPN3406 Datasheet
198Kb / 8P
   N-Channel Enhancement Mode MOSFET
logo
General Semiconductor
GFP60N03 GE-GFP60N03 Datasheet
115Kb / 5P
   N-Channel Enhancement-Mode MOSFET
logo
Anpec Electronics Corop...
APM6928 ANPEC-APM6928 Datasheet
153Kb / 9P
   N-Channel Enhancement Mode MOSFET
logo
General Semiconductor
GFB70N03 GE-GFB70N03 Datasheet
102Kb / 5P
   N-Channel Enhancement-Mode MOSFET
logo
Anpec Electronics Corop...
APM3011N ANPEC-APM3011N Datasheet
606Kb / 11P
   N-Channel Enhancement Mode MOSFET
APM2324A ANPEC-APM2324A Datasheet
183Kb / 10P
   N-Channel Enhancement Mode MOSFET
APM9968C ANPEC-APM9968C Datasheet
130Kb / 10P
   N-Channel Enhancement Mode MOSFET
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com