Electronic Components Datasheet Search |
|
DMG3414U Datasheet(PDF) 1 Page - ZP Semiconductor |
|
DMG3414U Datasheet(HTML) 1 Page - ZP Semiconductor |
1 / 2 page DMG3414U N-CHANNEL ENHANCEMENT MODE MOSFET Features • Low On-Resistance • 25m Ω @ VGS = 4.5V • 29m Ω @ VGS = 2.5V • 37m Ω @ VGS = 1.8V • Low Input Capacitance • Fast Switching Speed • Low Input/Output Leakage • Lead Free By Design/RoHS Compliant (Note 1) • "Green" Device (Note 2) • Qualified to AEC-Q101 Standards for High Reliability Mechanical Data • Case: SOT-23 • Case Material: Molded Plastic, “Green” Molding Compound. UL Flammability Classification Rating 94V-0 • Moisture Sensitivity: Level 1 per J-STD-020D • Terminals: Finish ⎯ Matte Tin annealed over Copper leadframe. Solderable per MIL-STD-202, Method 208 • Terminals Connections: See Diagram Below • Weight: 0.008 grams (approximate) Maximum Ratings @TA = 25°C unless otherwise specified Characteristic Symbol Value Units Drain-Source Voltage VDSS 20 V Gate-Source Voltage VGSS ±8 V Continuous Drain Current (Note 3) Steady State TA = 25°C TA = 70°C ID 4.2 3.2 A Pulsed Drain Current (Note 4) IDM 30 A Thermal Characteristics Characteristic Symbol Value Unit Power Dissipation (Note 3) PD 0.78 W Thermal Resistance, Junction to Ambient @TA = 25°C RθJA 162 °C/W Operating and Storage Temperature Range TJ, TSTG -55 to +150 °C Notes: 1. No purposefully added lead. 2. Device mounted on FR-4 PCB with 2oz. Copper and test pulse width t ≤ 10s. 3. Repetitive rating, pulse width limited by junction temperature. TOP VIEW Internal Schematic TOP VIEW D G S Source Gate Drain 1 of 2 sales@zpsemi.com www.zpsemi.com |
Similar Part No. - DMG3414U |
|
Similar Description - DMG3414U |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |