Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT72V3642L15PF Datasheet(PDF) 2 Page - Integrated Device Technology

Part # IDT72V3642L15PF
Description  3.3 VOLT CMOS SyncBiFIFO 256 x 36 x 2 512 x 36 x 2 1,024 x 36 x 2
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT72V3642L15PF Datasheet(HTML) 2 Page - Integrated Device Technology

  IDT72V3642L15PF Datasheet HTML 1Page - Integrated Device Technology IDT72V3642L15PF Datasheet HTML 2Page - Integrated Device Technology IDT72V3642L15PF Datasheet HTML 3Page - Integrated Device Technology IDT72V3642L15PF Datasheet HTML 4Page - Integrated Device Technology IDT72V3642L15PF Datasheet HTML 5Page - Integrated Device Technology IDT72V3642L15PF Datasheet HTML 6Page - Integrated Device Technology IDT72V3642L15PF Datasheet HTML 7Page - Integrated Device Technology IDT72V3642L15PF Datasheet HTML 8Page - Integrated Device Technology IDT72V3642L15PF Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 29 page
background image
2
IDT72V3622/72V3632/72V3642 CMOS 3.3V SyncBiFIFOTM
256 x 36 x 2, 512 x 36 x 2, 1,024 x 36 x 2
COMMERCIAL TEMPERATURERANGE
DESCRIPTION (CONTINUED)
NOTES:
1. NC – no internal connection
2. Uses Yamaichi socket IC51-1324-828
PQFP (PQ132-1, order code: PQF)
TOP VIEW
NC
NC
A35
A34
A33
A32
VCC
A31
A30
GND
A29
A28
A27
A26
A25
A24
A23
FWFT
A22
VCC
A21
A20
A19
A18
GND
A17
A16
A15
A14
A13
VCC
A12
NC
NC
B35
B34
B33
B32
GND
B31
B30
B29
B28
B27
B26
VCC
B25
B24
GND
B23
B22
B21
B20
B19
B18
GND
B17
B16
VCC
B15
B14
B13
B12
GND
NC
NC
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
33
34
35
36
37
38
39
40
41
42
43
44
45
46
47
48
49
50
116
115
114
113
112
111
110
109
108
107
106
105
104
103
102
101
100
99
98
97
96
95
94
93
92
91
90
89
88
87
86
85
84
4660 drw 02
*
eachportmaybypasstheFIFOsviatwo36-bitmailboxregisters.Eachmailbox
register has a flag to signal when new mail has been stored.
These devices are a synchronous (clocked) FIFO, meaning each port
employs a synchronous interface. All data transfers through a port are gated
to the LOW-to-HIGH transition of a port clock by enable signals. The clocks for
each port are independent of one another and can be asynchronous or
coincident. The enables for each port are arranged to provide a simple
bidirectional interface between microprocessors and/or buses with synchro-
nous control.
These devices have two modes of operation: In the IDT Standard mode,
the first word written to an empty FIFO is deposited into the memory array. A
read operation is required to access that word (along with all other words
residing in memory). In the First Word Fall Through mode (FWFT), the first
long-word (36-bit wide) written to an empty FIFO appears automatically on the
outputs, no read operation required (Nevertheless, accessing subsequent
words does necessitate a formal read request). The state of the
FWFT pin
during FIFO operation determines the mode in use.
Each FIFO has a combined Empty/Output Ready Flag (
EFA/ORA and
EFB/ORB) and a combined Full/Input Ready Flag (FFA/IRA and FFB/
IRB). The
EF and FF functions are selected in the IDT Standard mode. EF
indicates whether or not the FIFO memory is empty.
FF shows whether the
memory is full or not. The IR and OR functions are selected in the First Word
FallThroughmode.IRindicateswhetherornottheFIFOhasavailablememory
locations. OR shows whether the FIFO has data available for reading or not.
It marks the presence of valid data on the outputs.
*Electrical pin 1 in center of beveled edge. Pin 1 identifier in corner.
PIN CON.IGURATION


Similar Part No. - IDT72V3642L15PF

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72V3642 IDT-IDT72V3642 Datasheet
210Kb / 29P
   3.3 VOLT CMOS SyncBiFIFO
logo
Renesas Technology Corp
IDT72V3642 RENESAS-IDT72V3642 Datasheet
385Kb / 30P
   3.3 VOLT CMOS SyncBiFIFOTM 256 x 36 x 2 512 x 36 x 2 1,024 x 36 x 2
FEBRUARY 2015
More results

Similar Description - IDT72V3642L15PF

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72V3624 IDT-IDT72V3624 Datasheet
362Kb / 34P
   3.3 VOLT CMOS SyncBiFIFO WITH BUS-MATCHING 256 x 36 x 2, 512 x 36 x 2, 1,024 x 36 x 2
logo
Renesas Technology Corp
IDT72V3622 RENESAS-IDT72V3622 Datasheet
385Kb / 30P
   3.3 VOLT CMOS SyncBiFIFOTM 256 x 36 x 2 512 x 36 x 2 1,024 x 36 x 2
FEBRUARY 2015
IDT723622 RENESAS-IDT723622 Datasheet
370Kb / 25P
   CMOS SyncBiFIFOTM 256 x 36 x 2, 512 x 36 x 2, 1,024 x 36 x 2
FEBRUARY 2015
logo
Integrated Device Techn...
IDT72V3626 IDT-IDT72V3626 Datasheet
329Kb / 36P
   3.3 VOLT CMOS TRIPLE BUS SyncFIFO WITH BUS-MATCHING 256 x 36 x 2, 512 x 36 x 2, 1,024 x 36 x 2
logo
Renesas Technology Corp
IDT72V3626 RENESAS-IDT72V3626 Datasheet
742Kb / 37P
   3.3 VOLT CMOS TRIPLE BUS SyncFIFOTM WITH BUS-MATCHING 256 x 36 x 2, 512 x 36 x 2, 1,024 x 36 x 2
FEBRUARY 2009
IDT72V3624 RENESAS-IDT72V3624 Datasheet
446Kb / 35P
   3.3 VOLT CMOS SyncBiFIFOTM WITH BUS-MATCHING 256 x 36 x 2 1,024 x 36 x 2
MARCH 2018
logo
Integrated Device Techn...
IDT723622 IDT-IDT723622 Datasheet
294Kb / 26P
   CMOS SyncBiFIFOO 256 x 36 x 2, 512 x 36 x 2, 1024 x 36 x 2
logo
Renesas Technology Corp
72V3631 RENESAS-72V3631 Datasheet
450Kb / 21P
   3.3 VOLT CMOS SyncFIFOTM 512 x 36 1,024 x 36
Oct.29.21
IDT723626 RENESAS-IDT723626 Datasheet
404Kb / 36P
   CMOS TRIPLE BUS SyncFIFOTM WITH BUS-MATCHING 256 x 36 x 2, 512 x 36 x 2 1,024 x 36 x 2
MARCH 2018
logo
Integrated Device Techn...
IDT72V3623 IDT-IDT72V3623 Datasheet
289Kb / 28P
   3.3 VOLT CMOS SyncFIFO WITH BUS-MATCHING 256 x 36, 512 x 36, 1,024 x 36
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com