Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BD93941EFV Datasheet(PDF) 4 Page - Rohm

Part # BD93941EFV
Description  White LED Driver for large LCD Panels (DCDC Converter type)
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD93941EFV Datasheet(HTML) 4 Page - Rohm

  BD93941EFV Datasheet HTML 1Page - Rohm BD93941EFV Datasheet HTML 2Page - Rohm BD93941EFV Datasheet HTML 3Page - Rohm BD93941EFV Datasheet HTML 4Page - Rohm BD93941EFV Datasheet HTML 5Page - Rohm BD93941EFV Datasheet HTML 6Page - Rohm BD93941EFV Datasheet HTML 7Page - Rohm BD93941EFV Datasheet HTML 8Page - Rohm BD93941EFV Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 31 page
background image
Datasheet
Datasheet
4/27
TSZ02201-0F1F0C100270-1-2
© 2013 ROHM Co., Ltd. All rights reserved.
12.Aug.2015 Rev.003
www.rohm.com
TSZ22111・15・001
BD93941EFV BD93941FP
Electrical Characteristics (Unless otherwise noted, Ta = 25
oC, VCC=24V)
Parameter
Symbol
Limit
Unit
Condition
Min.
Typ.
Max.
[DC/DC Protection Block]
Overvoltage protection detection
voltage
VOVP
2.7
3.00
3.3
V
OVP=SWEEP UP
Overvoltage protection detection
hysteresis voltage
VOVP_HYS
50
100
200
mV
OVP=SWEEP DOWN
Short circuit protection detection
voltage
VSCP
0.04
0.10
0.25
V
OVP=SWEEP DOWN
[LED Driver Block]
LED pin current accuracy 1
dILED1
-2
-
2
%
ILED=100mA,
(ADIM=2.5V,ISET=75kΩ)
LED pin current accuracy 2
dILED2
-3.2
-
3.2
%
ILED=70mA,
(ADIM=1.75V,ISET=75kΩ)
LED pin current accuracy 3
dILED3
-4.6
-
4.6
%
ILED=50mA,
(ADIM=1.25V,ISET=75kΩ)
LED pin current accuracy 4
dILED4
-8
-
8
%
ILED=30mA,
(ADIM=0.75V,ISET=75kΩ)
LED pin current accuracy 5
dILED5
-3
-
3
%
ILED=100mA,
(ADIM=7V,ISET=75kΩ)
LED pin Leakage Current
ILLED
-2.5
-
2.5
μA
LED=60V
LED open detection voltage
VOPEN
0.05
0.2
0.285
V
LED=SWEEP DOWN
LED short detection voltage
VSHORT
4
5
6
V
LED=SWEEP UP
ADIM pin Input Current
ILADIM
-2.5
-
2.5
μA
ADIM=3V
[STB Block]
STB pin high-level voltage
STBH
2
-
35
V
STB=SWEEP UP
STB pin low-level voltage
STBL
-0.3
-
0.8
V
STB=SWEEP DOWN
STB pin pull-down resistance
RSTB
500
1000
1500
kΩ
STB=3.0V
[PWM Block]
PWM pin high-level voltage
PWMH
2
-
35
V
PWM=SWEEP UP
PWM pin low-level voltage
PWML
-0.3
-
0.8
V
PWM= SWEEP DOWN
PWM pin pull-down resistance
RPWM
180
300
420
kΩ
PWM=3.0V
[Failure Indication Block (Open Drain)]
AUTO pin source current
IAUTO
-2
-1
-0.5
μA
AUTO=2V
AUTO pin Detection Voltage
VAUTO
3.6
4.0
4.4
V
AUTO=SWEEP UP
Abnormal Detection Timer
tCP
20
ms
RT=75kΩ


Similar Part No. - BD93941EFV

ManufacturerPart #DatasheetDescription
logo
Rohm
BD93941EFV ROHM-BD93941EFV Datasheet
1,016Kb / 30P
   LED pin rating 60V
More results

Similar Description - BD93941EFV

ManufacturerPart #DatasheetDescription
logo
Rohm
BD9428 ROHM-BD9428 Datasheet
759Kb / 29P
   White LED Driver for large LCD Panels (DCDC Converter type)
BD9420F ROHM-BD9420F Datasheet
1Mb / 31P
   White LED Driver for large LCD Panels (DCDC Converter Type)
BD9421F ROHM-BD9421F_15 Datasheet
1Mb / 31P
   White LED Driver for large LCD Panels (DCDC Converter Type)
BD9479FV ROHM-BD9479FV Datasheet
862Kb / 29P
   White LED Driver for large LCD Panels (DCDC Converter type)
BD9394FP ROHM-BD9394FP Datasheet
1Mb / 31P
   White LED Driver for large LCD Panels (DCDC Converter type)
BD9421F ROHM-BD9421F Datasheet
1Mb / 30P
   White LED Driver for large LCD Panels (DCDC Converter Type)
BD9479FV ROHM-BD9479FV_15 Datasheet
1Mb / 30P
   White LED Driver for large LCD Panels (DCDC Converter type)
BD93942F ROHM-BD93942F Datasheet
1Mb / 30P
   White LED Driver for large LCD Panels (DCDC Converter type)
BD9420F ROHM-BD9420F_15 Datasheet
1Mb / 32P
   White LED Driver for large LCD Panels (DCDC Converter Type)
BD9483F ROHM-BD9483F Datasheet
1Mb / 32P
   White LED Driver for large LCD Panels (DCDC Converter type)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com