Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BD93941EFV Datasheet(PDF) 7 Page - Rohm

Part # BD93941EFV
Description  White LED Driver for large LCD Panels (DCDC Converter type)
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD93941EFV Datasheet(HTML) 7 Page - Rohm

Back Button BD93941EFV_15 Datasheet HTML 3Page - Rohm BD93941EFV_15 Datasheet HTML 4Page - Rohm BD93941EFV_15 Datasheet HTML 5Page - Rohm BD93941EFV_15 Datasheet HTML 6Page - Rohm BD93941EFV_15 Datasheet HTML 7Page - Rohm BD93941EFV_15 Datasheet HTML 8Page - Rohm BD93941EFV_15 Datasheet HTML 9Page - Rohm BD93941EFV_15 Datasheet HTML 10Page - Rohm BD93941EFV_15 Datasheet HTML 11Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 31 page
background image
Datasheet
Datasheet
7/27
TSZ02201-0F1F0C100270-1-2
© 2013 ROHM Co., Ltd. All rights reserved.
12.Aug.2015 Rev.003
www.rohm.com
TSZ22111・15・001
BD93941EFV BD93941FP
Block Diagram
REGULATOR
OVP
Control
Logic
Current
Sense
+
+
-
-
-
-
PWM COMP
DRIVER
ERR AMP
Current driver
VCC
STB
FB
DCDC_GND
CS
N
OVP
REG58
RFB
CFB
CVCC
VCC
COUT
LED4
LED3
LED2
LED1
OSC
RT
GND
UVLO
(VCC)
CREG58
+
Open-Short
Detect
ISET
OSDET
+
-
VIN
CIN
OSDET
ISET
LED_GND
TSD
SCP
PWM
REG58
ADIM
CSS
SS
SS
Timer
-
CAUTO
AUTO
FILTER
DC
LSP(5V fixed)
Figure 6. Block Diagram


Similar Part No. - BD93941EFV_15

ManufacturerPart #DatasheetDescription
logo
Rohm
BD93941EFV ROHM-BD93941EFV Datasheet
1,016Kb / 30P
   LED pin rating 60V
More results

Similar Description - BD93941EFV_15

ManufacturerPart #DatasheetDescription
logo
Rohm
BD9428 ROHM-BD9428 Datasheet
759Kb / 29P
   White LED Driver for large LCD Panels (DCDC Converter type)
BD9420F ROHM-BD9420F Datasheet
1Mb / 31P
   White LED Driver for large LCD Panels (DCDC Converter Type)
BD9421F ROHM-BD9421F_15 Datasheet
1Mb / 31P
   White LED Driver for large LCD Panels (DCDC Converter Type)
BD9479FV ROHM-BD9479FV Datasheet
862Kb / 29P
   White LED Driver for large LCD Panels (DCDC Converter type)
BD9394FP ROHM-BD9394FP Datasheet
1Mb / 31P
   White LED Driver for large LCD Panels (DCDC Converter type)
BD9421F ROHM-BD9421F Datasheet
1Mb / 30P
   White LED Driver for large LCD Panels (DCDC Converter Type)
BD9479FV ROHM-BD9479FV_15 Datasheet
1Mb / 30P
   White LED Driver for large LCD Panels (DCDC Converter type)
BD93942F ROHM-BD93942F Datasheet
1Mb / 30P
   White LED Driver for large LCD Panels (DCDC Converter type)
BD9420F ROHM-BD9420F_15 Datasheet
1Mb / 32P
   White LED Driver for large LCD Panels (DCDC Converter Type)
BD9483F ROHM-BD9483F Datasheet
1Mb / 32P
   White LED Driver for large LCD Panels (DCDC Converter type)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com