Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BD83740HFP-MTR Datasheet(PDF) 3 Page - Rohm

Part # BD83740HFP-MTR
Description  1ch Source Driver for Automotive
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD83740HFP-MTR Datasheet(HTML) 3 Page - Rohm

  BD83740HFP-MTR Datasheet HTML 1Page - Rohm BD83740HFP-MTR Datasheet HTML 2Page - Rohm BD83740HFP-MTR Datasheet HTML 3Page - Rohm BD83740HFP-MTR Datasheet HTML 4Page - Rohm BD83740HFP-MTR Datasheet HTML 5Page - Rohm BD83740HFP-MTR Datasheet HTML 6Page - Rohm BD83740HFP-MTR Datasheet HTML 7Page - Rohm BD83740HFP-MTR Datasheet HTML 8Page - Rohm BD83740HFP-MTR Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 32 page
background image
3/28
BD83740HFP-M
TSZ02201-0T1T0C700170-1-2
© 2014 ROHM Co., Ltd. All rights reserved.
06.Sep.2016 Rev.002
www.rohm.com
TSZ22111・15・001
Absolute Maximum Ratings (Ta=25°C)
Parameter
Symbol
Rating
Unit
Supply Voltage
VIN
-0.3 ~ +50
V
VIN_F,CRT,DISC,IOUT,PBUS
Terminal Voltage
VVIN_F,VCRT,VDISC,VIOUT,VPBUS
-0.3 ~ VIN+0.3
V
Power Dissipation
Pd
2.3
(Note1)
W
Operating Temperature Range
Topr
-40~125
°C
Storage Temperature Range
Tstg
-55~150
°C
Junction Temperature
Tjmax
150
°C
IOUT Output Maximum Current
IOUT
500
mA
(Note1)
HRP7
Derate by 18.4mW/°C when operating above Ta=25°C
(
when mounted in ROHM’s standard board(70mm×70mm×1.6mm) 2 layer copper foil(15mm×15mm)).
(Note2)
HTSOP-J8
Derate by 8.8mW/°C when operating above Ta=25°C
(
when mounted in ROHM’s standard board(70mm×70mm×1.6mm) 2 layer copper foil(15mm×15mm)).
Caution: Operating the IC over the absolute maximum ratings may damage the IC. The damage can either be a short circuit between pins or an open circuit
between pins and the internal circuitry. Therefore, it is important to consider circuit protection measures, such as adding a fuse, in case the IC is operated over
the absolute maximum ratings.
Recommended Operating Conditions
Parameter
Symbol
Rating
Unit
Supply Voltage
(Note1)
VIN
4.5~42.0
V
Operating Temperature Range
Topr
-40~125
°C
Current Setting Resistor
RVIN_F
0.36~3.6
Ω
Minimum capacitor
connecting IOUT terminal
CIOUT_MIN
0.1
μF
CRTIMER Frequency Rage
FPW M
100~5000
Hz
PWM Minimum Pulse Width
TMIN
20
µs
(Note1)
Pd, ASO should not be exceeded


Similar Part No. - BD83740HFP-MTR

ManufacturerPart #DatasheetDescription
logo
Rohm
BD8374EFJ-M ROHM-BD8374EFJ-M Datasheet
1Mb / 29P
   50V 500mA 1ch Source Driver for Automotive
BD8374EFJ-ME2 ROHM-BD8374EFJ-ME2 Datasheet
1Mb / 29P
   50V 500mA 1ch Source Driver for Automotive
BD8374EFJ-ME2 ROHM-BD8374EFJ-ME2 Datasheet
2Mb / 33P
   1ch Source Driver for Automotive
BD8374HFP-M ROHM-BD8374HFP-M Datasheet
1Mb / 29P
   50V 500mA 1ch Source Driver for Automotive
BD8374HFP-MTR ROHM-BD8374HFP-MTR Datasheet
1Mb / 29P
   50V 500mA 1ch Source Driver for Automotive
More results

Similar Description - BD83740HFP-MTR

ManufacturerPart #DatasheetDescription
logo
Rohm
BD83732HFP-M ROHM-BD83732HFP-M_16 Datasheet
2Mb / 33P
   1ch Source Driver for Automotive
BD8374HFP-M ROHM-BD8374HFP-M_16 Datasheet
2Mb / 33P
   1ch Source Driver for Automotive
BD8372HFP-M ROHM-BD8372HFP-M_15 Datasheet
2Mb / 29P
   1ch Source Driver for Automotive
BD8374HFP-M ROHM-BD8374HFP-M Datasheet
1Mb / 29P
   50V 500mA 1ch Source Driver for Automotive
BD6941FM ROHM-BD6941FM_15 Datasheet
1Mb / 17P
   Automotive 1ch H Bridge Driver
BD9555FVM-C ROHM-BD9555FVM-C Datasheet
928Kb / 15P
   50V 1ch Timer IC for Automotive
BD6886GUL ROHM-BD6886GUL Datasheet
285Kb / 6P
   1ch Motor Driver
BD6875GSW ROHM-BD6875GSW Datasheet
269Kb / 6P
   1ch Motor Driver
BD18326NUF-M ROHM-BD18326NUF-M Datasheet
1Mb / 39P
   40 V 600 mA 1ch Constant Current Driver for Automotive LED Lamps
BD18336NUF-M ROHM-BD18336NUF-M Datasheet
2Mb / 38P
   40 V 600 mA 1ch Constant Current Driver for Automotive LED Lamps
04.Jun.2020 Rev.002
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com