Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BD83732HFP-M Datasheet(PDF) 7 Page - Rohm

Part # BD83732HFP-M
Description  1ch Source Driver for Automotive
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD83732HFP-M Datasheet(HTML) 7 Page - Rohm

Back Button BD83732HFP-M Datasheet HTML 3Page - Rohm BD83732HFP-M Datasheet HTML 4Page - Rohm BD83732HFP-M Datasheet HTML 5Page - Rohm BD83732HFP-M Datasheet HTML 6Page - Rohm BD83732HFP-M Datasheet HTML 7Page - Rohm BD83732HFP-M Datasheet HTML 8Page - Rohm BD83732HFP-M Datasheet HTML 9Page - Rohm BD83732HFP-M Datasheet HTML 10Page - Rohm BD83732HFP-M Datasheet HTML 11Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 33 page
background image
7/29
BD83732HFP-M / BD83733HFP-M
TSZ02201-0G1G0C700310-1-2
© 2014 ROHM Co., Ltd. All rights reserved.
2016.Aug.25 Rev.003
www.rohm.com
TSZ22111・15・001
[A]
R
V
R
)
V
(V
I
VIN_F
IN_F_REF
VIN_F
IN_F
IN
OUT
Functional Description
(Unless otherwise specified, Ta=25°C, VIN=13V, IOUT=6V and RVIN_F
=0.47Ω. Numbers are "Typical" values.)
1.
Output Current Setting
LED Current IOUT can be set by value of resistor RVIN_F.
where:
VIN_F_REF is 0.18V (Typ)
Figure 13. Output Current Setting
2.
Table of Operations
The PWM dimming mode switches to linear control depending on CRT terminal voltage.
When VCRT > VCRT_DIS2( Typ ~ 4.0V ), Dimming mode turns to Linear Control, and discharge resistance of DISC
terminal changes from RD1( Typ ~ 50
Ω
) to RD2 ( Typ ~ 5k
Ω ).
When an LED open/short-circuit fault is detected, which depends on IOUT terminal voltage, the output current is turned
OFF.
Output current is also turned OFF when PBUS terminal is pulled LOW.
Operation Mode
CRT Terminal
IOUT Terminal
Voltage
(VIOUT)
Output Current
(IOUT)
PBUS
Terminal
Linear Control
4.0V(Typ)≤VCRT
-
50mA~500mA
Hi-Z
PWM dimming
See Features
Functional Description,
3. PWM Dimming
Operation
-
See Features
Functional Description,
3. PWM Dimming
Operation
Hi-Z
LED Current
De-rating
-
-
See Features Description,
8. LED Current De-rating
Function
PBUS<2.5V
LED Open
-
VIOUT
VIN - .050V(Typ)
1μA(Max)
Low Output
LED Short
-
VIOUT
≤ 0.6V(Typ)
40
μA(Max)
Low Output
PBUS Control OFF
-
-
1μA(Max)
Low Input
+B
PWM_in
VREF
IOUT
VIN
VIN-0.180V
(Typ)
GND
VIN_F
RVIN_F
IOUT
CIOUT


Similar Part No. - BD83732HFP-M

ManufacturerPart #DatasheetDescription
logo
Rohm
BD83732HFP-M ROHM-BD83732HFP-M Datasheet
1Mb / 32P
   AEC-Q100 Qualified
More results

Similar Description - BD83732HFP-M

ManufacturerPart #DatasheetDescription
logo
Rohm
BD83740HFP-M ROHM-BD83740HFP-M Datasheet
1Mb / 32P
   1ch Source Driver for Automotive
BD8374HFP-M ROHM-BD8374HFP-M_16 Datasheet
2Mb / 33P
   1ch Source Driver for Automotive
BD8372HFP-M ROHM-BD8372HFP-M_15 Datasheet
2Mb / 29P
   1ch Source Driver for Automotive
BD8374HFP-M ROHM-BD8374HFP-M Datasheet
1Mb / 29P
   50V 500mA 1ch Source Driver for Automotive
BD6941FM ROHM-BD6941FM_15 Datasheet
1Mb / 17P
   Automotive 1ch H Bridge Driver
BD9555FVM-C ROHM-BD9555FVM-C Datasheet
928Kb / 15P
   50V 1ch Timer IC for Automotive
BD6886GUL ROHM-BD6886GUL Datasheet
285Kb / 6P
   1ch Motor Driver
BD6875GSW ROHM-BD6875GSW Datasheet
269Kb / 6P
   1ch Motor Driver
BD18326NUF-M ROHM-BD18326NUF-M Datasheet
1Mb / 39P
   40 V 600 mA 1ch Constant Current Driver for Automotive LED Lamps
BD18336NUF-M ROHM-BD18336NUF-M Datasheet
2Mb / 38P
   40 V 600 mA 1ch Constant Current Driver for Automotive LED Lamps
04.Jun.2020 Rev.002
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com