Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BD83732HFP-M Datasheet(PDF) 1 Page - Rohm

Part # BD83732HFP-M
Description  1ch Source Driver for Automotive
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD83732HFP-M Datasheet(HTML) 1 Page - Rohm

  BD83732HFP-M_16 Datasheet HTML 1Page - Rohm BD83732HFP-M_16 Datasheet HTML 2Page - Rohm BD83732HFP-M_16 Datasheet HTML 3Page - Rohm BD83732HFP-M_16 Datasheet HTML 4Page - Rohm BD83732HFP-M_16 Datasheet HTML 5Page - Rohm BD83732HFP-M_16 Datasheet HTML 6Page - Rohm BD83732HFP-M_16 Datasheet HTML 7Page - Rohm BD83732HFP-M_16 Datasheet HTML 8Page - Rohm BD83732HFP-M_16 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 33 page
background image
○Product configuration: Silicon monolithic integrated circuit ○ The product is not designed for radiation resistance.
1/29
TSZ02201-0G1G0C700310-1-2
© 2014 ROHM Co., Ltd. All rights reserved.
2016.Aug.25 Rev.003
www.rohm.com
TSZ22111・14・001
HRP7
Constant Current LED Drivers
50V 500mA
1ch Source Driver for Automotive
BD83732HFP-M
BD83733HFP-M
General Description
BD83732HFP-M and BD83733HFP-M are 50V tolerant
LED current drivers. Suitable for Automotive LED
applications, it can control light through constant current
output with control using PWM.
Having LED open/short detective circuit and LED current
de-rating functions integrated, it can deliver high reliability.
By utilizing
Rohm’s patented PBUS function, it is possible
to turn OFF all LEDs when a row of LEDs are
short/open-circuited if multiple number of the ICs are used
In case the LED connected to the output IOUT terminal
has 2 LEDs in serise, BD83732HFP-M has to be used, in
case of 3 LEDs in series - BD83733HFP-M ( Refer to
Page.18 LED Open Detection / Disable LED Open
Detection ).
Features
 AEC-Q100 Qualified
 Variable form Constant-Current Source Driver
 PWM Dimming Function
 LED constant current set by external resistor
 LED Current De-rating Function
 LED Open/Short detection
 Disable LED Open Detection at low power supply
 Temperature Protective
 Abnormal Output Detection and Output Functions
(PBUS)
Application
 On-board Exterior Lamp
(Rear Lamp, Turn Lamp, DRL/Position Lamp,
Fog Lamp, etc.)
 On-board Interior Lamp
(Air Conditioner Lamp, Interior Lamp,
Cluster Light, etc.)
Key Specifications
 Input Voltage Range: 4.5V to 42V
 Max Output Current: 500mA (Max)
 Output Current Accuracy: ±5% (Max)
 Operating Temperature Range: -40°C to +125°C
Packages
W(Typ) x D(Typ) x H(Max)
HRP7
9.395mm x 10.540mm x 2.005mm
Basic Application Circuit
Figure 1. Typical Application Circuit
VIN_F
VIN
CRT
DISC
PBUS
IOUT
GND
BD83732HFP-M
BD83733HFP-M
D1
D2
D3
ZD1
CVIN
RVIN_F
CCRT
RCRT
RPBUS2
CIOUT
+B
DC_in
PWM_in
FIN
RPBUS1
RTHM
ZD2
RDCIN
Datasheet


Similar Part No. - BD83732HFP-M_16

ManufacturerPart #DatasheetDescription
logo
Rohm
BD83732HFP-M ROHM-BD83732HFP-M Datasheet
1Mb / 32P
   AEC-Q100 Qualified
More results

Similar Description - BD83732HFP-M_16

ManufacturerPart #DatasheetDescription
logo
Rohm
BD83740HFP-M ROHM-BD83740HFP-M Datasheet
1Mb / 32P
   1ch Source Driver for Automotive
BD8374HFP-M ROHM-BD8374HFP-M_16 Datasheet
2Mb / 33P
   1ch Source Driver for Automotive
BD8372HFP-M ROHM-BD8372HFP-M_15 Datasheet
2Mb / 29P
   1ch Source Driver for Automotive
BD8374HFP-M ROHM-BD8374HFP-M Datasheet
1Mb / 29P
   50V 500mA 1ch Source Driver for Automotive
BD6941FM ROHM-BD6941FM_15 Datasheet
1Mb / 17P
   Automotive 1ch H Bridge Driver
BD9555FVM-C ROHM-BD9555FVM-C Datasheet
928Kb / 15P
   50V 1ch Timer IC for Automotive
BD6886GUL ROHM-BD6886GUL Datasheet
285Kb / 6P
   1ch Motor Driver
BD6875GSW ROHM-BD6875GSW Datasheet
269Kb / 6P
   1ch Motor Driver
BD18326NUF-M ROHM-BD18326NUF-M Datasheet
1Mb / 39P
   40 V 600 mA 1ch Constant Current Driver for Automotive LED Lamps
BD18336NUF-M ROHM-BD18336NUF-M Datasheet
2Mb / 38P
   40 V 600 mA 1ch Constant Current Driver for Automotive LED Lamps
04.Jun.2020 Rev.002
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com