Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IL34118N Datasheet(PDF) 5 Page - Integral Corp.

Part # IL34118N
Description  Voice Switched Speakerphone Circuit
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEGRAL [Integral Corp.]
Direct Link  http://www.iksemi.com/
Logo INTEGRAL - Integral Corp.

IL34118N Datasheet(HTML) 5 Page - Integral Corp.

  IL34118N Datasheet HTML 1Page - Integral Corp. IL34118N Datasheet HTML 2Page - Integral Corp. IL34118N Datasheet HTML 3Page - Integral Corp. IL34118N Datasheet HTML 4Page - Integral Corp. IL34118N Datasheet HTML 5Page - Integral Corp. IL34118N Datasheet HTML 6Page - Integral Corp. IL34118N Datasheet HTML 7Page - Integral Corp. IL34118N Datasheet HTML 8Page - Integral Corp. IL34118N Datasheet HTML 9Page - Integral Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
IL34118
5
ATTENUATOR CONTROL BLOCK
The Attenuator Control Block has the seven
inputs described above:
- Tthe output of the comparator operated by RLO2
and TLO2 (microphone/speaker side) - designated
C1.
- The output of the comparator operated by RLO1
and TLO1 (Tip/Ring) side) - designated C2.
- The output of the transmit background noise
monitor - designated C3.
- The output of the receive background noise
monitor - designated C4.
- The volume control.
- The dial tone detector.
- The AGC circuit.
The single output of the Control Block controls
the two attenuators. The effect of C1-C4 is as
follows:
Inputs
Output
C1
C2
C3
C4
Mode
Tx
Tx
1
X
Transmit
Tx
Rx
Y
Y
Fast Idle
Rx
Tx
Y
Y
Fast Idle
Rx
Rx
X
1
Receive
Tx
Tx
0
X
Slow Idle
Tx
Rx
0
0
Slow Idle
Rx
Tx
0
0
Slow Idle
Rx
Rx
X
0
Slow Idle
X = Don’t Care; Y = C3 and C4 are not both 0
A definition of the above terms:
1) “Transmit” means the transmit attenuator is
fully on (+6.0 dB), and the receive attenuator is
at max. attenuation (-46 dB).
2) “Receive” means both attenuators are controlled
by the volume control. At max. volume, the
receive attenuator is fully on (6.0 dB), and the
transmit attenuator is at max. attenuation (-
46 dB).
3)
“Fast Idle” means both transmit and receive
speech are present in approximately equal
levels. The attenuators are quickly switched
(30 ms) to idle until one speech level dominates
the other.
4) “Slow Idle” means speech has ceassed in both
transmit and receive path. The attenuators are
then slowly switched (1 second) to the idle
mode.
5) Switching to the full transmit or receive modes
from any other mode is at the fast rate (30 ms).
A summary of the truth table is as follows:
1) The circuit will switch to transmit if: a) both
transmit level detectors sense higher signal levels
relative to the respective receive level detectors
(TLI1 versus RLI1, TLI2 versus RLI2), and b) the
transmit background noise monitor indicates the
presence of speech.
2) The circuit will switch to receive if: a) both
receive level detectors sense higher signal levels
relative to the respective transmit level detectors, and
b) the receive background noise monitor indicates the
presence of speech.
3) The circuit will switch to the fast idle mode if
the level detectors disagree on the relative strengths
of the signal levels, and at least one of the
background noise monitors indicates speech. For
example, refferring to the Expanded Logic Diagram
(Figure 8), if there is sufficient signal at the
microphone amp output (TLI2) to override the
speaker signal (RLI2), and there is sufficient signal at
the receive input (RLI1) to override the signal at the
hybrid output (TLI1), and either or both background
monitors indicate speech, then the circuit will be in
the fast idle mode. Two conditions which can cause
the fast idle mode to occur are a) when both talkers
are attempting to gain control of the system by talking
at the same time, and b) when one talker is in a very
noisy environment, forcing the other talker to
continually override that noise level. In general, the
fast idle mode will occur infrequently.
4) The circuit will switch to the slow idle mode
when a) both talkers are quiet (no speech present), or
b) when one talker’s speech level is continuously
overriden by noise at the other speaker’s location.
The time required to switch the circuit between
transmit, receive, fast idle and slow idle is determined
in part by the components at the CT pin (Pin 14). A
schematic of the CT circuitry is shown in Figure 4 and
operates as follows:
- RT is typically 120 kΩ, and CT typically 5.0 µF.
- To switch to the receive mode, I1 is turned on (I2
is off),
charging the
external
capacitor
to
+240 mV above VB. (An internal clamp prevents
further charging of the capacitor.)
- To switch to the transmit mode, I2 is turned on (I1
is off) bringing down the voltage on the capacitor
to -240 mV with respect to VB.
- To switch to idle quickly (fast idle), the current
sources are turned off, and the internal 2.0 k
resistor is switched in, discharging the capacitor
to VB with a time constant = 2.0 KΩ x CT.
- To switch to idle slowly (slow idle), the current
sources are turned off, the switch at the 2.0 k
resistor is open, and the capacitor discharges to
VB through the external resistor RT with a time
constant = RT x CT.


Similar Part No. - IL34118N

ManufacturerPart #DatasheetDescription
logo
IK Semicon Co., Ltd
IL34118 IKSEMICON-IL34118 Datasheet
965Kb / 14P
   Low Voltage Operation for Line-Powered Applications
More results

Similar Description - IL34118N

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
KK34118 KODENSHI-KK34118 Datasheet
901Kb / 14P
   Voice Switched Speakerphone Circuit
logo
Taiwan Semiconductor Co...
TS34118 TSC-TS34118_1 Datasheet
989Kb / 23P
   Voice Switched Speakerphone Circuit
logo
System Logic Semiconduc...
SL34118 SLS-SL34118 Datasheet
136Kb / 12P
   Voice Switched Speakerphone Circuit
logo
SHANGHAI BELLING CO., L...
BL34118 BELLING-BL34118 Datasheet
554Kb / 11P
   Voice Switched Speakerphone Circuit
logo
Freescale Semiconductor...
MC34018DW FREESCALE-MC34018DW Datasheet
962Kb / 14P
   VOICE SWITCHED SPEAKERPHONE CIRCUIT
logo
Motorola, Inc
MC33318 MOTOROLA-MC33318 Datasheet
42Kb / 1P
   Voice switched Speakerphone circuit
logo
ARTSCHIP ELECTRONICS CO...
MC34118 ARTSCHIP-MC34118 Datasheet
94Kb / 2P
   VOICE SWITCHED SPEAKERPHONE CIRCUIT
logo
Estek Electronics Co. L...
ET-IL34118 ESTEK-ET-IL34118 Datasheet
1Mb / 12P
   Voice Switched Speakerphone Circuit
logo
Taiwan Semiconductor Co...
TS34118CS28 TSC-TS34118CS28 Datasheet
1Mb / 20P
   Voice Switched Speakerphone Circuit
logo
Motorola, Inc
MC33218 MOTOROLA-MC33218 Datasheet
41Kb / 1P
   Voice Switched Speakerphone circuit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com