Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT72V3632L15PF Datasheet(PDF) 10 Page - Integrated Device Technology

Part # IDT72V3632L15PF
Description  3.3 VOLT CMOS SyncBiFIFO 256 x 36 x 2 512 x 36 x 2 1,024 x 36 x 2
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT72V3632L15PF Datasheet(HTML) 10 Page - Integrated Device Technology

Back Button IDT72V3632L15PF Datasheet HTML 6Page - Integrated Device Technology IDT72V3632L15PF Datasheet HTML 7Page - Integrated Device Technology IDT72V3632L15PF Datasheet HTML 8Page - Integrated Device Technology IDT72V3632L15PF Datasheet HTML 9Page - Integrated Device Technology IDT72V3632L15PF Datasheet HTML 10Page - Integrated Device Technology IDT72V3632L15PF Datasheet HTML 11Page - Integrated Device Technology IDT72V3632L15PF Datasheet HTML 12Page - Integrated Device Technology IDT72V3632L15PF Datasheet HTML 13Page - Integrated Device Technology IDT72V3632L15PF Datasheet HTML 14Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 29 page
background image
10
IDT72V3622/72V3632/72V3642 CMOS 3.3V SyncBiFIFOTM
256 x 36 x 2, 512 x 36 x 2, 1,024 x 36 x 2
COMMERCIAL TEMPERATURERANGE
Following Reset, the level applied to the
FWFTinputtochoosethedesired
timing mode must remain static throughout FIFO operation. Refer to Figure 2
(Reset) for a First Word Fall Through select timing diagram.
ALMOST-EMPTYFLAGANDALMOST-FULLFLAGOFFSETPROGRAM-
MING
Four registers in these devices are used to hold the offset values for the
Almost-EmptyandAlmost-Fullflags.TheportBAlmost-Emptyflag(
AEB)Offset
register is labeled X1 and the port A Almost-Empty flag (
AEA) Offset register
is labeled X2. The port A Almost-Full flag (
AFA) Offset register is labeled Y1
and the port B Almost-Full flag (
AFB) Offset register is labeled Y2. The index
ofeachregisternamecorrespondstoitsFIFOnumber.Theoffsetregisterscan
be loaded with preset values during the reset of a FIFO or they can be
programmed from port A (see Table 1).
FS0 and FS1 function the same way in both IDT Standard and FWFT
modes.
— PRESET VALUES
ToloadtheFIFO'sAlmost-EmptyflagandAlmost-FullflagOffsetregisters
withoneofthethreepresetvalueslistedinTable1,atleastoneoftheflagselect
inputs must be HIGH during the LOW-to-HIGH transition of its reset input. For
example, to load the preset value of 64 into X1 and Y1, FS0 and FS1 must be
HIGH when FlFO1 Reset (
RST1) returns HIGH. Flag offset registers
associatedwithFIFO2areloadedwithoneofthepresetvaluesinthesameway
with FIFO2 Reset (
RST2)toggledsimultaneouslywithFIFO1Reset(RST1).
For preset value loading timing diagram, see Figure 2.
— PARALLEL LOAD FROM PORT A
ToprogramtheX1,X2,Y1,andY2registersfromportA,bothFlFOsshould
be reset simultaneously with FS0 and FS1 LOW during the LOW-to-HIGH
transition of the Reset inputs. After this reset is complete, the first four writes to
FIFO1 do not store data in the FIFO memory but load the offset registers in the
order Y1, X1, Y2, X2. The port A data inputs used by the offset registers are
(A7-A0), (A8-A0), or (A9-A0) for the IDT72V3622, IDT72V3632, or
IDT72V3642, respectively. The highest numbered input is used as the most
significant bit of the binary number in each case. Valid programming values for
the registers ranges from 1 to 252 for the IDT72V3622; 1 to 508 for the
IDT72V3632; and 1 to 1,020 for the IDT72V3642. After all the offset registers
are programmed from port A, the port B Full/Input Ready flag (
FFB/IRB)isset
HIGH, and both FIFOs begin normal operation. See Figure 3 for relevant offset
register parallel programming timing diagram.
SIGNAL DESCRIPTION
RESET
Afterpowerup,aMasterResetoperationmustbeperformedbyproviding
a LOW pulse to
RST1 and RST2 simultaneously. Afterwards, the FIFO
memories of the IDT723622/723632/723642 are reset separately by taking
their Reset (
RST1, RST2) inputs LOW for at least four port-A Clock (CLKA)
andfourport-BClock(CLKB)LOW-to-HIGHtransitions. TheResetinputscan
switch asynchronously to the clocks. A FIFO reset initializes the internal read
and write pointers and forces the Input Ready flag (IRA, IRB) LOW, the Output
Ready flag (ORA, ORB) LOW, the Almost-Empty flag (
AEA, AEB) LOW, and
the Almost-Full flag (
AFA, AFB) HIGH. Resetting a FIFO also forces the
Mailbox Flag (
MBF1, MBF2) of the parallel mailbox register HIGH. After a
FIFO is reset, its Input Ready flag is set HIGH after two clock cycles to begin
normal operation.
A LOW-to-HIGH transition on a FIFO Reset (
RST1,RST2)inputlatches
the value of the Flag Select (FS0, FS1) inputs for choosing the Almost-Full and
Almost-Empty offset programming method. (For details see Table 1, Flag
Programming,andtheProgrammingtheAlmost-EmptyandAlmost-FullFlags
section). The relevant FIFO Reset timing diagram can be found in Figure 2.
FIRST WORD FALL THROUGH (
FWFT)
After Master Reset, the FWFT select function is active, permitting a choice
between two possible timing modes: IDT Standard mode or First Word Fall
Through (FWFT) mode. Once the Reset (
RST1, RST2) input is HIGH, a
HIGH on the
FWFT input during the next LOW-to-HIGH transition of CLKA
(for FIFO1) and CLKB (for FIFO2) will select IDT Standard mode. This mode
uses the Empty Flag function (
EFA, EFB) to indicate whether or not there
are any words present in the FIFO memory. It uses the Full Flag function (
FFA,
FFB) to indicate whether or not the FIFO memory has any free space for
writing. In IDT Standard mode, every word read from the FIFO, including the
first, must be requested using a formal read operation.
Once the Reset (
RST1, RST2) input is HIGH, a LOW on the FWFT input
during the next LOW-to-HIGH transition of CLKA (for FIFO1) and CLKB (for
FIFO2) will select FWFT mode. This mode uses the Output Ready function
(ORA, ORB) to indicate whether or not there is valid data at the data outputs
(A0-A35orB0-B35).ItalsousestheInputReadyfunction(IRA,IRB)toindicate
whether or not the FIFO memory has any free space for writing. In the FWFT
mode, the first word written to an empty FIFO goes directly to data outputs, no
read request necessary. Subsequent words must be accessed by performing
a formal read operation.
NOTES:
1. X1 register holds the offset for
AEB; Y1 register holds the offset for AFA.
2. X2 register holds the offset for
AEA; Y2 register holds the offset for AFB.
FS1
FS0
RST1
RST2
X1 AND Y1 REGlSTERS(1)
X2 AND Y2 REGlSTERS(2)
HH
X64
X
HH
X
X64
HL
X16
X
HL
X
X16
LH
X8
X
LH
X
X8
LL
↑↑
Parallel programming via Port A
Parallel programming via Port A
TABLE 1 — .LAG PROGRAMMING


Similar Part No. - IDT72V3632L15PF

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72V3632 IDT-IDT72V3632 Datasheet
210Kb / 29P
   3.3 VOLT CMOS SyncBiFIFO
logo
Renesas Technology Corp
IDT72V3632 RENESAS-IDT72V3632 Datasheet
385Kb / 30P
   3.3 VOLT CMOS SyncBiFIFOTM 256 x 36 x 2 512 x 36 x 2 1,024 x 36 x 2
FEBRUARY 2015
More results

Similar Description - IDT72V3632L15PF

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72V3624 IDT-IDT72V3624 Datasheet
362Kb / 34P
   3.3 VOLT CMOS SyncBiFIFO WITH BUS-MATCHING 256 x 36 x 2, 512 x 36 x 2, 1,024 x 36 x 2
logo
Renesas Technology Corp
IDT72V3622 RENESAS-IDT72V3622 Datasheet
385Kb / 30P
   3.3 VOLT CMOS SyncBiFIFOTM 256 x 36 x 2 512 x 36 x 2 1,024 x 36 x 2
FEBRUARY 2015
IDT723622 RENESAS-IDT723622 Datasheet
370Kb / 25P
   CMOS SyncBiFIFOTM 256 x 36 x 2, 512 x 36 x 2, 1,024 x 36 x 2
FEBRUARY 2015
logo
Integrated Device Techn...
IDT72V3626 IDT-IDT72V3626 Datasheet
329Kb / 36P
   3.3 VOLT CMOS TRIPLE BUS SyncFIFO WITH BUS-MATCHING 256 x 36 x 2, 512 x 36 x 2, 1,024 x 36 x 2
logo
Renesas Technology Corp
IDT72V3626 RENESAS-IDT72V3626 Datasheet
742Kb / 37P
   3.3 VOLT CMOS TRIPLE BUS SyncFIFOTM WITH BUS-MATCHING 256 x 36 x 2, 512 x 36 x 2, 1,024 x 36 x 2
FEBRUARY 2009
IDT72V3624 RENESAS-IDT72V3624 Datasheet
446Kb / 35P
   3.3 VOLT CMOS SyncBiFIFOTM WITH BUS-MATCHING 256 x 36 x 2 1,024 x 36 x 2
MARCH 2018
logo
Integrated Device Techn...
IDT723622 IDT-IDT723622 Datasheet
294Kb / 26P
   CMOS SyncBiFIFOO 256 x 36 x 2, 512 x 36 x 2, 1024 x 36 x 2
logo
Renesas Technology Corp
72V3631 RENESAS-72V3631 Datasheet
450Kb / 21P
   3.3 VOLT CMOS SyncFIFOTM 512 x 36 1,024 x 36
Oct.29.21
IDT723626 RENESAS-IDT723626 Datasheet
404Kb / 36P
   CMOS TRIPLE BUS SyncFIFOTM WITH BUS-MATCHING 256 x 36 x 2, 512 x 36 x 2 1,024 x 36 x 2
MARCH 2018
logo
Integrated Device Techn...
IDT72V3623 IDT-IDT72V3623 Datasheet
289Kb / 28P
   3.3 VOLT CMOS SyncFIFO WITH BUS-MATCHING 256 x 36, 512 x 36, 1,024 x 36
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com