Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BD9489F Datasheet(PDF) 2 Page - Rohm

Part # BD9489F
Description  1ch Boost up type White LED Driver for large LCD
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD9489F Datasheet(HTML) 2 Page - Rohm

  BD9489F_16 Datasheet HTML 1Page - Rohm BD9489F_16 Datasheet HTML 2Page - Rohm BD9489F_16 Datasheet HTML 3Page - Rohm BD9489F_16 Datasheet HTML 4Page - Rohm BD9489F_16 Datasheet HTML 5Page - Rohm BD9489F_16 Datasheet HTML 6Page - Rohm BD9489F_16 Datasheet HTML 7Page - Rohm BD9489F_16 Datasheet HTML 8Page - Rohm BD9489F_16 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 40 page
background image
Datasheet
Datasheet
2/36
TSZ02201-0F1F0C100250-1-2
© 2013 ROHM Co., Ltd. All rights reserved.
15.Feb.2016 Rev.003
www.rohm.com
TSZ22111・15・001
BD9489F
1.4 Absolute Maximum Ratings
(Ta=25°C)
Parameter
Symbol
Ratings
Unit
Power Supply Voltage
Vccmax
36
V
SS, RT, ISENSE, FB, CS, CP,
REG58, DIMOUT, GATE
Terminal Voltage
SS, RT, ISENSE, FB, CS,
CP, REG58, DIMOUT,
GATE
7
V
OVP, UVLO, PWM, ADIM, STB
Terminal Voltage
OVP, UVLO, PWM,
ADIM, STB
20
V
Power Dissipation
Pd
625
(Note 1)
mW
Operating Temperature Range
Topr
-40 to +85
°C
Junction Temperature
Tjmax
150
°C
Storage Temperature Range
Tstg
-55 to +150
°C
(Note 1) In the case of mounting 1 layer glass epoxy base-plate of 70mm×70mm×1.6mm, derate by 5.0mW/°C when operating above
Ta=25°C.
1.5 Operating Ratings
Parameter
Symbol
Range
Unit
Power Supply Voltage
VCC
9.0 to 35.0
V
DC/DC Oscillation Frequency
fsw
50 to 800
kHz
Effective Range of ADIM Signal
VADIM
0.2 to 3.0
V
PWM Input Frequency
FPWM
90 to 2000
Hz
1.6 External Components Recommended Range
Parameter
Symbol
Range
Unit
REG58 Connection Capacitance
CREG58
1.0 to 10
(Note 2)
μF
SS Connection Capacitance
CSS
0.001 to 2.2
(Note 2)
μF
RT Connection Resistance
RRT
15 to 300
kΩ
GATE Drive Capacitance
CGATE
to 1000
pF
(Note 2) Please set connection capacitance above Min value of Recommended Range according to temperature characteristic
and DC bias characteristic.
1.7 Pin Configuration
1.8 Physical Dimension Tape and Marking Diagram
Figure 3. Pin Configuration
Figure 4. Physical Dimension Tape and Marking Diagram
VCC
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
1
STB
OVP
UVLO
SS
PWM
CP
ADIM
REG58
CS
GATE
DIMOUT
GND
ISENSE
FB
RT


Similar Part No. - BD9489F_16

ManufacturerPart #DatasheetDescription
logo
Rohm
BD9489F ROHM-BD9489F Datasheet
1Mb / 39P
   DCDC converter with current mode
More results

Similar Description - BD9489F_16

ManufacturerPart #DatasheetDescription
logo
Rohm
BD9408FV ROHM-BD9408FV Datasheet
1Mb / 37P
   1ch Boost Up Type White LED Driver for Large LCD
BD9413F ROHM-BD9413F Datasheet
1Mb / 37P
   1ch Boost up type White LED Driver for large LCD
BD9486F ROHM-BD9486F Datasheet
896Kb / 37P
   1ch Boost up type White LED Driver for large LCD
BD9486F ROHM-BD9486F_16 Datasheet
1Mb / 38P
   1ch Boost up type White LED Driver for large LCD
BD9409F ROHM-BD9409F Datasheet
2Mb / 37P
   1ch Boost up type White LED Driver for large LCD
BD9411F ROHM-BD9411F Datasheet
1Mb / 38P
   1ch Boost up Type White LED Driver for large LCD
BD94062F ROHM-BD94062F Datasheet
2Mb / 35P
   1ch Buck Type White LED Driver for Large LCD
15.May.2018 Rev.002
BM531Q11 ROHM-BM531Q11 Datasheet
1Mb / 24P
   1ch Buck Type (Quasi-Resonant Control) White LED Driver for Large LCD
BD9397EFV ROHM-BD9397EFV_15 Datasheet
1Mb / 31P
   White LED Driver for large LCD panel
BD9397EFV ROHM-BD9397EFV Datasheet
862Kb / 30P
   White LED Driver for large LCD panel
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com