Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BD9470AEFV Datasheet(PDF) 1 Page - Rohm

Part # BD9470AEFV
Description  White LED driver for medium sized and large sized LCD back light
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD9470AEFV Datasheet(HTML) 1 Page - Rohm

  BD9470AEFV Datasheet HTML 1Page - Rohm BD9470AEFV Datasheet HTML 2Page - Rohm BD9470AEFV Datasheet HTML 3Page - Rohm BD9470AEFV Datasheet HTML 4Page - Rohm BD9470AEFV Datasheet HTML 5Page - Rohm BD9470AEFV Datasheet HTML 6Page - Rohm BD9470AEFV Datasheet HTML 7Page - Rohm BD9470AEFV Datasheet HTML 8Page - Rohm BD9470AEFV Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 39 page
background image
LED driver series for LCD back light
White LED driver for medium sized
and large sized LCD back light
BD9470AEFV・BD9470AFM
●General Description
BD9470AEFV and BD9470AFM are high efficiency
driver for white LED. They are designed for large sized
LCD. BD9470AEFV and BD9470AFM are built-in
DCDC converter that supply appropriate voltage for
light source.
BD9470AEFV
and
BD9470AFM
are
also
built-in
protection function for abnormal state such as OVP:
over
voltage
protection,
OCP:
over
current
limit
protection of DCDC, SCP: short circuit protection, open
detection of LED string.
Thus they are used for conditions of large output
voltage and load conditions.
●Features
6ch LED constant current driver
LED maximum output current 250mA
Individual PWM dimming modulation allowed for
LEDs
±2% LED current accuracy (when each LED is set
to 130mA)
 Built-in LED feedback voltage automatic adjustment
circuit according to LED current
 Built-in start-up circuit independent of PWM light
modulation
 built-in VOUT ・ FB voltage maintenance function
when PWM=Low(0%)
 Built-in LED current stabilization circuit while
scanning operation is performed
 Built-in VOUT discharge circuit while shutdown
 Built-in LED protection (OPEN / SHORT protection)
Individual detection and individual LED OFF for
both open and short circuit
 Adjustable LED short-circuit protection threshold
 PWM-independent LED protection
 VOUT over voltage protection (OVP) and reduced
voltage protection (SCP) circuit
Built-in failure indication function
 Built-in ISET pin short-circuit protection circuit
●Key Specifications
VCC supply Voltage range:
9.0V~35.0V
LED minimum output current:
40mA
LED maximum output current:
250mA
DCDC oscillation frequency: 150KHz(RT=100Kohm)
Operation circuit current:
6mA(typ.)
Operating temperature range:
-40℃~85℃
●Applications
■ LED driver for TV, monitor and LCD back light
●Package
W (Typ.) x D(Typ.) x H(Max.)
HSOP-M28
18.50mm x 9.90mm x 2.41mm
HTSSOP-B28
9.70mm x 6.40mm x 1.00mm
●Typical Application Circuit
Figure 3. Typical Application Circuit
Figure 1. HSOP-M28
Figure 2. HTSSOP-B28
STB
VCC
REG58
GND
FB
SS
RT
LED6
PWM4
PWM6
DCDC_GND
N
ISET
CS
PWM1
PWM2
LSP
PWM3
PWM5
FAIL
OVP
LED5
LED4
LED_GND
LED3
LED2
LED1
UVLO
VIN
STB
PWM
FAIL
○Product structure:Silicon monolithic integrated circuit ○This product is not designed protection against radioactive rays
1/35
TSZ02201-0F10C1002000-1-2
© 2013 ROHM Co., Ltd. All rights reserved.
19.Oct.2013 Rev.003
www.rohm.com
TSZ22111・14・001
Datasheet


Similar Part No. - BD9470AEFV

ManufacturerPart #DatasheetDescription
logo
Rohm
BD9470AEFV ROHM-BD9470AEFV Datasheet
1Mb / 38P
   White LED driver for medium sized and large sized LCD back light
19.Oct.2013 Rev.003
BD9470AEFVE2 ROHM-BD9470AEFVE2 Datasheet
1Mb / 38P
   White LED driver for medium sized and large sized LCD back light
19.Oct.2013 Rev.003
More results

Similar Description - BD9470AEFV

ManufacturerPart #DatasheetDescription
logo
Rohm
BD9470AFM ROHM-BD9470AFM Datasheet
1Mb / 38P
   White LED driver for medium sized and large sized LCD back light
19.Oct.2013 Rev.003
BD9271KUT ROHM-BD9271KUT Datasheet
1Mb / 38P
   White LED Diver for Backlight of Medium/Large-sized LCDs
BD9267KUT ROHM-BD9267KUT Datasheet
967Kb / 31P
   White LED Diver for Backlight of Medium/Large-sized LCDs
logo
Texas Instruments
LP8543 TI1-LP8543 Datasheet
650Kb / 36P
[Old version datasheet]   SMBus/I2C Controlled WLED Driver for Medium-Sized LCD Backlight
logo
Diodes Incorporated
AP3041 DIODES-AP3041 Datasheet
445Kb / 14P
   BOOST CONTROLLER FOR WLED DRIVER IN MEDIUM-SIZED LCD PANEL
August 2019 Rev. 2 - 2
logo
BCD Semiconductor Manuf...
AP3041 BCDSEMI-AP3041 Datasheet
469Kb / 14P
   Boost Controller for WLED Driver in Medium-sized LCD Panel
logo
Nichicon corporation
RNL NICHICON-RNL Datasheet
674Kb / 2P
   Large Sized, High Capacitance
logo
Rohm
BD8119FM-M ROHM-BD8119FM-M_14 Datasheet
2Mb / 31P
   White Backlight LED Driver For Medium to Large LCD Panels
BD9397EFV ROHM-BD9397EFV_15 Datasheet
1Mb / 31P
   White LED Driver for large LCD panel
BD9397EFV ROHM-BD9397EFV Datasheet
862Kb / 30P
   White LED Driver for large LCD panel
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com