Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BD9420F Datasheet(PDF) 8 Page - Rohm

Part # BD9420F
Description  White LED Driver for large LCD Panels (DCDC Converter Type)
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD9420F Datasheet(HTML) 8 Page - Rohm

Back Button BD9420F Datasheet HTML 4Page - Rohm BD9420F Datasheet HTML 5Page - Rohm BD9420F Datasheet HTML 6Page - Rohm BD9420F Datasheet HTML 7Page - Rohm BD9420F Datasheet HTML 8Page - Rohm BD9420F Datasheet HTML 9Page - Rohm BD9420F Datasheet HTML 10Page - Rohm BD9420F Datasheet HTML 11Page - Rohm BD9420F Datasheet HTML 12Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 32 page
background image
Datasheet
Datasheet
8/28
TSZ02201-0F1F0C100300-1-2
© 2013 ROHM Co., Ltd. All rights reserved.
25.Sep.2015 Rev.003
www.rohm.com
TSZ22111 • 15 • 001
BD9420F
Description of pin function
P in 1: REG75
The REG pin is used in the DC/DC converter driver block to output 7.5V power. The maximum operating current is 10mA.
Using the REG pin at a current higher than 10mA can affect the N pin output pulse, causing the IC to malfunction and
leading to heat generation of the IC itself. To avoid this problem, it is recommended to make load setting to the minimum
level.
Pin 2:N
The N pin is used to output power to the external NMOS gate driver for the DC/DC converter in the amplitude range of
approx. 0 to 7.5V. Frequency setting can be made with a resistor connected to the RT pin. For details of frequency
setting, refer to the description of the <RT pin>.
Pin 3: PGND
The PGND pin is a power ground pin for the driver block of the N output pin.
Pin 4: CS
CS pin is current detect for DC/DC current mode inductor current control pin.
Current flowing through the inductor is converted into voltage by the current sensing resistor RCS connected to the CS
pin and this voltage is compared with voltage set with the error amplifier to control the DC/DC output voltage.
The CS pin also incorporates the overcurrent protection (OCP) function. If the CS pin voltage reaches 0.4V (Typ.) or
more, switching operation will be forcedly stopped.
Pin 5: SEL
SEL pin is PWM control select pin. The PWM control mode is switched according to voltages input in the SEL pin. Avoid
using the SEL pin between two states (0.8 to 1.5V).
SEL Voltage
State
SEL= 1.5V~18.0V
PWMA → CH1,CH2 common mode control
PWMB → CH3,CH4 common mode control
PWMC → CH5,CH6 common mode control
SEL= -0.3V~0.8V
PWMA → CH1,CH2,CH3 common mode control
PWMB → no use
PWMC → CH4,CH5,CH6 common mode control
Pin 6: FB
Current mode control DC/DC converter error amplifier output pin. By monitoring voltage of BS(1~6)pin, the highest Vf of
LED column will set 2/3(typ.) of applied VREF voltage to BS pin voltage to control inductor current.
The phase compensation setting has described separately.
In addition, PWM pin will become High Impedance when all PWM signals are in low state, and will maintain FB voltage.
Pin 7: LSP
LED Short detect voltage setting pin. When LSP=OPEN, LSP pin voltage is 0.9V( typ), the BSx pin of LED SHORT
detect voltage is set to 9V.
The 10 times of LSP pin voltage is the BSx pin LED SHORT protection detect voltage.
Please set LSP pin input voltage range from 0.3V~2.5V.
Pin 8: VREF
LED current setting pin.1/3(typ) of applied voltage to VREF pin will be LED current
feedback voltage, 2/3(typ.) of its voltage will be DCDC feedback voltage(the
lowest BSx pin feedback voltage).
Basically, because high accuracy of resistor divider is inputted to VREF pin
externally, the IC internally will be OPEN(High Impedance)state. Please use
external power to design it. It cannot be used in OPEN state.
Pin 9-14: BS1-BS6
LED DRIVER output pin. Please connect to Base Terminal of external PNP Tr.
Pin 15-20: CL6 – CL1
LED current detect pin. By monitoring voltage of CLx pin to detect LED current.
Please connect resistor to collector pin of external PNP Tr. CLx pin of no use channel set CLx>3.3V.


Similar Part No. - BD9420F

ManufacturerPart #DatasheetDescription
logo
Rohm
BD9420F ROHM-BD9420F Datasheet
1Mb / 31P
   White LED Driver for large LCD Panels (DCDC Converter Type)
More results

Similar Description - BD9420F

ManufacturerPart #DatasheetDescription
logo
Rohm
BD9428 ROHM-BD9428 Datasheet
759Kb / 29P
   White LED Driver for large LCD Panels (DCDC Converter type)
BD9420F ROHM-BD9420F Datasheet
1Mb / 31P
   White LED Driver for large LCD Panels (DCDC Converter Type)
BD9421F ROHM-BD9421F_15 Datasheet
1Mb / 31P
   White LED Driver for large LCD Panels (DCDC Converter Type)
BD93941EFV ROHM-BD93941EFV_15 Datasheet
1Mb / 31P
   White LED Driver for large LCD Panels (DCDC Converter type)
BD9479FV ROHM-BD9479FV Datasheet
862Kb / 29P
   White LED Driver for large LCD Panels (DCDC Converter type)
BD9394FP ROHM-BD9394FP Datasheet
1Mb / 31P
   White LED Driver for large LCD Panels (DCDC Converter type)
BD9421F ROHM-BD9421F Datasheet
1Mb / 30P
   White LED Driver for large LCD Panels (DCDC Converter Type)
BD9479FV ROHM-BD9479FV_15 Datasheet
1Mb / 30P
   White LED Driver for large LCD Panels (DCDC Converter type)
BD93942F ROHM-BD93942F Datasheet
1Mb / 30P
   White LED Driver for large LCD Panels (DCDC Converter type)
BD9483F ROHM-BD9483F Datasheet
1Mb / 32P
   White LED Driver for large LCD Panels (DCDC Converter type)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com