Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BD9397EFV Datasheet(PDF) 4 Page - Rohm

Part # BD9397EFV
Description  White LED Driver for large LCD panel
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD9397EFV Datasheet(HTML) 4 Page - Rohm

  BD9397EFV Datasheet HTML 1Page - Rohm BD9397EFV Datasheet HTML 2Page - Rohm BD9397EFV Datasheet HTML 3Page - Rohm BD9397EFV Datasheet HTML 4Page - Rohm BD9397EFV Datasheet HTML 5Page - Rohm BD9397EFV Datasheet HTML 6Page - Rohm BD9397EFV Datasheet HTML 7Page - Rohm BD9397EFV Datasheet HTML 8Page - Rohm BD9397EFV Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 31 page
background image
Datasheet
Datasheet
4/27
TSZ02201-0F1F0C100330-1-2
© 2013 ROHM Co., Ltd. All rights reserved.
1.Sep.2015 Rev.006
www.rohm.com
TSZ22111・15・001
BD9397EFV
●1.2 Electrical Characteristics 2(Unless otherwise specified, Ta=25°C,VCC=24V)
Parameter
Symbol
Limit
Unit
Condition
Min.
Typ.
Max.
UVLO block】
Operation power source voltage (VCC)
VUVLO_VCC
7.0
7.5
8.0
V
VCC=SWEEP UP
Hysteresis voltage (VCC)
VUHYS_VCC
150
300
600
mV
VCC=SWEEP DOWN
UVLO Release voltage
VUVLO_U
2.375
2.5
2.625
V
VUVLO=SWEEP UP
Hysteresis voltage (UVLO)
VUHYS_U
50
100
150
mV
VUVLO=SWEEP DOWN
UVLO terminal input resistance
RUVLO
370
610
850
kΩ
VUVLO=3V
Filter block】
CP detection voltage
VCP
1.9
2.0
2.1
V
CP=SWEEP UP
CP source current
ICP
-1.2
-1.0
-0.8
μA
VCP=0V
LED driver block】
S terminal voltage
VSLED
196
200
204
mV
VREF=1.0V
294.6
300
305.4
mV
VREF=1.5V
392.8
400
407.2
mV
VREF=2.0V
491
500
509
mV
VREF=2.5V
LED current rise time
ILEDtr
-
400
760
ns
VREF=0.3V,RS=2Ω
LED current fall time
ILEDtf
-
100
280
ns
VREF=0.3V,RS=2Ω
OPEN detection voltage
VOPEN
0.12
0.20
0.28
V
VLED=SWEEP DOWN
SHORT detection voltage
VSHORT
5.7
6.0
6.3
V
VLED=SWEEPUP,
VLSP=1.2V
SHORT MASK voltage
VSHTMASK
2.85
3.0
3.15
V
VREF terminal input current
IVREF
-2
0
2
μA
VVREF=3V
LSP terminal input current
ILSP
-2
0
2
μA
VLSP=3V
STB block】
STB terminal HIGH voltage
STBH
2.0
-
VCC
V
STB terminal LOW voltage
STBL
-0.3
-
0.8
V
STB terminal Pull Down resistance
RSTB
0.5
1.0
1.5
MΩ
STB=3V
PWM IN block】
PWM terminal HIGH voltage
PWMH
2.0
-
20
V
PWM terminal LOW voltage
PWML
-0.3
-
0.8
V
PWM terminal Pull Down resistance
RPWM
200
300
400
kΩ
PWM=3V
FAIL_MODE,FAIL_RST,SUMPWM block】
Input terminal High voltage
VINH
2.0
-
20
V
Input terminal Low voltage
VINL
-0.3
-
0.8
V
Input terminal Pull Down resistance
RVIN
60
100
140
kΩ
VIN=3V
FAIL block(OPEN DRAIN)】
FAIL LOW output voltage
VOL
0.25
0.5
1.0
V
IOL=1mA


Similar Part No. - BD9397EFV

ManufacturerPart #DatasheetDescription
logo
Rohm
BD9397EFV ROHM-BD9397EFV Datasheet
862Kb / 30P
   White LED Driver for large LCD panel
BD9397EFV-E2 ROHM-BD9397EFV-E2 Datasheet
862Kb / 30P
   White LED Driver for large LCD panel
More results

Similar Description - BD9397EFV

ManufacturerPart #DatasheetDescription
logo
Rohm
BD9422EFV ROHM-BD9422EFV_15 Datasheet
1Mb / 30P
   White LED Driver for large LCD panel
BD9397EFV ROHM-BD9397EFV Datasheet
862Kb / 30P
   White LED Driver for large LCD panel
BD9422EFV ROHM-BD9422EFV Datasheet
1Mb / 28P
   White LED Driver for large LCD panel
logo
BCD Semiconductor Manuf...
AP3068 BCDSEMI-AP3068 Datasheet
393Kb / 15P
   WHITE LED DRIVER FOR LCD PANEL BACKLIGHT
logo
Monolithic Power System...
MP4603 MPS-MP4603 Datasheet
515Kb / 18P
   White LED Driver for Large LCD TV Backlights
logo
Rohm
BD94062F ROHM-BD94062F Datasheet
2Mb / 35P
   1ch Buck Type White LED Driver for Large LCD
15.May.2018 Rev.002
BD9413F ROHM-BD9413F Datasheet
1Mb / 37P
   1ch Boost up type White LED Driver for large LCD
BD9428 ROHM-BD9428 Datasheet
759Kb / 29P
   White LED Driver for large LCD Panels (DCDC Converter type)
BD9479FV ROHM-BD9479FV Datasheet
862Kb / 29P
   White LED Driver for large LCD Panels (DCDC Converter type)
BD9394FP ROHM-BD9394FP Datasheet
1Mb / 31P
   White LED Driver for large LCD Panels (DCDC Converter type)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com