Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BD8119FM-ME2 Datasheet(PDF) 9 Page - Rohm

Part # BD8119FM-ME2
Description  White Backlight LED Driver For Medium to Large LCD Panels
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD8119FM-ME2 Datasheet(HTML) 9 Page - Rohm

Back Button BD8119FM-ME2 Datasheet HTML 5Page - Rohm BD8119FM-ME2 Datasheet HTML 6Page - Rohm BD8119FM-ME2 Datasheet HTML 7Page - Rohm BD8119FM-ME2 Datasheet HTML 8Page - Rohm BD8119FM-ME2 Datasheet HTML 9Page - Rohm BD8119FM-ME2 Datasheet HTML 10Page - Rohm BD8119FM-ME2 Datasheet HTML 11Page - Rohm BD8119FM-ME2 Datasheet HTML 12Page - Rohm BD8119FM-ME2 Datasheet HTML 13Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 31 page
background image
BD8119FM-M
9/27
TSZ02201-0T3T0C600030-1-2
© 2014 ROHM Co., Ltd. All rights reserved.
www.rohm.com
TSZ22111・15・001
28.Aug.2014 Rev.001
Typical Performance Curves – continued
(Unless otherwise specified, Ta=25°C)
0
2
4
6
8
10
0
1
2
3
4
5
EN VOLTAGE:VEN [V]
Figure 11. Output Voltage vs EN Threshold Voltage
EN Voltage : VEN [V]
VCC=12V
Figure 10.Output Voltage vs Temperature
(Over-current Detection Voltage Temperature Characteristic)
Temperature : Ta [°C]
0.0
2.0
4.0
6.0
8.0
10.0
0
6
12
18
24
30
36
SUPPLY VOLTAGE:Vcc [V]
VCC=12V
Figure 9. Cicuit Current vs Supply Voltage
(Switching OFF)
Supply Voltage : VCC [V]
0
2
4
6
8
10
0
1
2
3
4
5
PWM VOLTAGE:VEN [V]
Figure 12. Output Current vs PWM Threshold Voltage
PWM Voltage : VEN [V]


Similar Part No. - BD8119FM-ME2

ManufacturerPart #DatasheetDescription
logo
Rohm
BD8119FM-ME2 ROHM-BD8119FM-ME2 Datasheet
449Kb / 21P
   White Backlight LED Driver for Medium to Large LCD Panels (Switching Regulator Type)
BD8119FM-ME2 ROHM-BD8119FM-ME2 Datasheet
365Kb / 21P
   White Backlight LED Driver for Medium to Large LCD Panels (Switching Regulator Type)
More results

Similar Description - BD8119FM-ME2

ManufacturerPart #DatasheetDescription
logo
Rohm
BD6583MUV-A ROHM-BD6583MUV-A_11 Datasheet
1Mb / 27P
   White Backlight LED Driver for Medium to Large LCD Panels (Switching Regulator Type)
BD6581GU ROHM-BD6581GU Datasheet
751Kb / 27P
   White Backlight LED Driver for Medium to Large LCD Panels (Switching Regulator Type)
BD8113EFV ROHM-BD8113EFV_11 Datasheet
389Kb / 20P
   White Backlight LED Driver for Medium to Large LCD Panels (Switching Regulator Type)
BD8119FM-M ROHM-BD8119FM-M_11 Datasheet
365Kb / 21P
   White Backlight LED Driver for Medium to Large LCD Panels (Switching Regulator Type)
BD6586MUV ROHM-BD6586MUV_11 Datasheet
489Kb / 20P
   White Backlight LED Driver for Medium to Large LCD Panels (Switching Regulator Type)
BD6592MUV ROHM-BD6592MUV_11 Datasheet
833Kb / 26P
   White Backlight LED Driver for Medium to Large LCD Panels (Switching Regulator Type)
BD6142AMUV ROHM-BD6142AMUV Datasheet
630Kb / 28P
   White Backlight LED Driver for Medium to Large LCD Panels (Switching Regulator Type)
BD6150MUV ROHM-BD6150MUV_11 Datasheet
988Kb / 29P
   White Backlight LED Driver for Medium to Large LCD Panels (Switching Regulator Type)
BD6590MUV ROHM-BD6590MUV_11 Datasheet
873Kb / 27P
   White Backlight LED Driver for Medium to Large LCD Panels (Switching Regulator Type)
BD8119FM-M ROHM-BD8119FM-M Datasheet
449Kb / 21P
   White Backlight LED Driver for Medium to Large LCD Panels (Switching Regulator Type)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com