Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BD6164GUT Datasheet(PDF) 6 Page - Rohm

Part # BD6164GUT
Description  320mA LED Camera Flash Driver
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD6164GUT Datasheet(HTML) 6 Page - Rohm

Back Button BD6164GUT Datasheet HTML 2Page - Rohm BD6164GUT Datasheet HTML 3Page - Rohm BD6164GUT Datasheet HTML 4Page - Rohm BD6164GUT Datasheet HTML 5Page - Rohm BD6164GUT Datasheet HTML 6Page - Rohm BD6164GUT Datasheet HTML 7Page - Rohm BD6164GUT Datasheet HTML 8Page - Rohm BD6164GUT Datasheet HTML 9Page - Rohm BD6164GUT Datasheet HTML 10Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
Datasheet
Datasheet
6/17
www.rohm.com
© 2012 ROHM Co., Ltd. All rights reserved.
TSZ22111
15001
TSZ02201-0G3G0C200280-1-2
21.Dec.2012 Rev.001
BD6164GUT
● Timing diagram
SDA
SCL
t SU;DAT
t LOW
S
Sr
P
S
t BUF
t SP
t HD;STA
t SU;STA
t HIGH
t HD;STA
t f
t r
t HD;DAT
t SU;STO
t r
t f
Figure 7. I
2C timing diagram
● Electrical Characteristics (Unless otherwise specified, Ta=25
oC, V
TH,H1=1.8V / VTH,L1=0V)
Parameter
Symbol
Spec
Unit
Min.
Typ.
Max.
SCL clock frequency
fSCL
0
-
400
kHz
Rise/fall times SDA/SCL
tf / tf
-
-
300
ns
LOW period of the SCL clock
tLOW
1.3
-
-
μs
HIGH period of the SCL clock
tHIGH
0.6
-
-
μs
Hold time (repeated) START condition
Hold time for a repeated START condition
tHD;STA
0.6
-
-
μs
Set-up time for a repeated START condition
tSU;STA
0.6
-
-
μs
Data hold time
tHD;DAT
0.1
-
0.9
μs
Data set-up time
tSU;DAT
100
-
-
ns
Set-up time for STOP condition
tSU;STO
0.6
-
-
μs
Bus free time between a STOP
and START condition
tBUF
1.3
-
-
μs


Similar Part No. - BD6164GUT

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BD616 SIEMENS-BD616 Datasheet
127Kb / 4P
   PNP SILICON EPIBASE TRANSISTORS
logo
Brilliance Semiconducto...
BD616LV4017AC-55 BSI-BD616LV4017AC-55 Datasheet
265Kb / 10P
   Very Low Power/Voltage CMOS SRAM 256K X 16 bit
BD616LV4017AC-70 BSI-BD616LV4017AC-70 Datasheet
265Kb / 10P
   Very Low Power/Voltage CMOS SRAM 256K X 16 bit
BD616LV4017ACG55 BSI-BD616LV4017ACG55 Datasheet
265Kb / 10P
   Very Low Power/Voltage CMOS SRAM 256K X 16 bit
BD616LV4017ACG70 BSI-BD616LV4017ACG70 Datasheet
265Kb / 10P
   Very Low Power/Voltage CMOS SRAM 256K X 16 bit
More results

Similar Description - BD6164GUT

ManufacturerPart #DatasheetDescription
logo
Rohm
BD7710GWL ROHM-BD7710GWL Datasheet
931Kb / 40P
   1.5A LED Camera Flash Driver
logo
Catalyst Semiconductor
CAT3612 CATALYST-CAT3612_08 Datasheet
296Kb / 14P
   Programmable 300mA Camera Flash LED Driver
CAT3612 CATALYST-CAT3612 Datasheet
450Kb / 13P
   Programmable 300mA Camera Flash LED Driver
logo
ON Semiconductor
NCP6951B ONSEMI-NCP6951B Datasheet
429Kb / 35P
   Camera PMIC with Flash LED Driver
November, 2015 ??Rev. 0
logo
ams AG
AS3644 AMSCO-AS3644 Datasheet
2Mb / 24P
   Ultra Small Low Cost 320mA Inductive White LED Flash Driver
logo
Sipex Corporation
SP6685 SIPEX-SP6685 Datasheet
143Kb / 10P
   Charge Pump LED Driver For Camera Flash
logo
ON Semiconductor
CAT3612 ONSEMI-CAT3612 Datasheet
171Kb / 13P
   Programmable 300 mA Camera Flash LED Driver
April, 2010 ??Rev. 2
logo
Rohm
BD6062GU ROHM-BD6062GU Datasheet
355Kb / 6P
   Flash LED Driver for mobile phone with camera
logo
Skyworks Solutions Inc.
AAT1282 SKYWORKS-AAT1282 Datasheet
3Mb / 22P
   2A Driver for High Intensity LED Camera Flash
logo
Diodes Incorporated
AL3644 DIODES-AL3644 Datasheet
792Kb / 23P
   DUAL 1.5A CURRENT SOURCE CAMERA FLASH LED DRIVER
July 2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com