Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT70V9279L6PRF Datasheet(PDF) 7 Page - Integrated Device Technology

Part # IDT70V9279L6PRF
Description  HIGH-SPEED 3.3V 32K x 16 SYNCHRONOUS DUAL-PORT STATIC RAM
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT70V9279L6PRF Datasheet(HTML) 7 Page - Integrated Device Technology

Back Button IDT70V9279L6PRF Datasheet HTML 3Page - Integrated Device Technology IDT70V9279L6PRF Datasheet HTML 4Page - Integrated Device Technology IDT70V9279L6PRF Datasheet HTML 5Page - Integrated Device Technology IDT70V9279L6PRF Datasheet HTML 6Page - Integrated Device Technology IDT70V9279L6PRF Datasheet HTML 7Page - Integrated Device Technology IDT70V9279L6PRF Datasheet HTML 8Page - Integrated Device Technology IDT70V9279L6PRF Datasheet HTML 9Page - Integrated Device Technology IDT70V9279L6PRF Datasheet HTML 10Page - Integrated Device Technology IDT70V9279L6PRF Datasheet HTML 11Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
6.42
IDT70V9279/69S/L
High-Speed 32/16K x 16 Dual-Port Synchronous Static RAM
Industrial and Commercial Temperature Ranges
7
AC Test Conditions
Figure 1. AC Output Test load.
Figure 2. Output Test Load
(For tCKLZ, tCKHZ, tOLZ, and tOHZ).
*Including scope and jig.
Figure 3. Typical Output Derating (Lumped Capacitive Load).
3743 drw 04
590
30pF
435
3.3V
DATAOUT
590
5pF*
435
3.3V
DATAOUT
3743 drw 03
1
2
3
4
5
6
7
8
20 40
100
60 80
120 140 160 180 200
tCD1
,
tCD2
(Typical, ns)
Capacitance (pF)
3743 drw 05
-1
0
- 10pF is the I/O capacitance
of this device, and 30pF is the
AC Test Load Capacitance
,
Input Pulse Levels
Input Rise/Fall Times
Input Timing Reference Levels
Output Reference Levels
Output Load
GND to 3.0V
3ns
1.5V
1.5V
Figures 1, 2, and 3
7343 tbl 10


Similar Part No. - IDT70V9279L6PRF

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT70V9269 IDT-IDT70V9269 Datasheet
190Kb / 15P
   HIGH-SPEED 3.3V 16K x 16 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
IDT70V9269L IDT-IDT70V9269L Datasheet
190Kb / 15P
   HIGH-SPEED 3.3V 16K x 16 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
IDT70V9269S IDT-IDT70V9269S Datasheet
190Kb / 15P
   HIGH-SPEED 3.3V 16K x 16 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
IDT70V9289L IDT-IDT70V9289L Datasheet
192Kb / 15P
   HIGH-SPEED 3.3V 64K x 16 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
IDT70V9289L IDT-IDT70V9289L Datasheet
327Kb / 19P
   HIGH-SPEED 3.3V 64K x18/x16 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
More results

Similar Description - IDT70V9279L6PRF

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
70V27 RENESAS-70V27 Datasheet
339Kb / 22P
   HIGH-SPEED 3.3V 32K x 16 DUAL-PORT STATIC RAM
JANUARY 2019
logo
Integrated Device Techn...
IDT70V27S IDT-IDT70V27S Datasheet
192Kb / 22P
   HIGH-SPEED 3.3V 32K x 16 DUAL-PORT STATIC RAM
IDT70V27S IDT-IDT70V27S_12 Datasheet
363Kb / 21P
   HIGH-SPEED 3.3V 32K x 16 DUAL-PORT STATIC RAM
IDT70V27S IDT-IDT70V27S_18 Datasheet
243Kb / 21P
   HIGH-SPEED 3.3V 32K x 16 DUAL-PORT STATIC RAM
IDT70V3579S IDT-IDT70V3579S_14 Datasheet
184Kb / 17P
   HIGH-SPEED 3.3V 32K x 36 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
IDT70V9089 IDT-IDT70V9089_14 Datasheet
168Kb / 19P
   HIGH-SPEED 3.3V 64/32K x 8 SYNCHRONOUS DUAL-PORT STATIC RAM
logo
Renesas Technology Corp
70V9179 RENESAS-70V9179 Datasheet
286Kb / 18P
   HIGH-SPEED 3.3V 32K x 9 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
Feb.18.20
logo
Integrated Device Techn...
IDT70V3379S IDT-IDT70V3379S_15 Datasheet
729Kb / 17P
   HIGH-SPEED 3.3V 32K x 18 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
logo
Renesas Technology Corp
IDT70V9379L RENESAS-IDT70V9379L Datasheet
485Kb / 16P
   HIGH-SPEED 3.3V 32K x 18 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
JANUARY 2009
logo
Integrated Device Techn...
IDT70V9089 IDT-IDT70V9089 Datasheet
332Kb / 19P
   HIGH-SPEED 3.3V 64/32K x 8 SYNCHRONOUS DUAL-PORT STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com