Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT70T24L20PF Datasheet(PDF) 8 Page - Integrated Device Technology

Part # IDT70T24L20PF
Description  HIGH-SPEED 2.5V 8/4K x 18 DUAL-PORT 8/4K x 16 DUAL-PORT STATIC RAM
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT70T24L20PF Datasheet(HTML) 8 Page - Integrated Device Technology

Back Button IDT70T24L20PF Datasheet HTML 4Page - Integrated Device Technology IDT70T24L20PF Datasheet HTML 5Page - Integrated Device Technology IDT70T24L20PF Datasheet HTML 6Page - Integrated Device Technology IDT70T24L20PF Datasheet HTML 7Page - Integrated Device Technology IDT70T24L20PF Datasheet HTML 8Page - Integrated Device Technology IDT70T24L20PF Datasheet HTML 9Page - Integrated Device Technology IDT70T24L20PF Datasheet HTML 10Page - Integrated Device Technology IDT70T24L20PF Datasheet HTML 11Page - Integrated Device Technology IDT70T24L20PF Datasheet HTML 12Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
6.42
IDT70T35/34L(IDT70T25/24L)
PRELIMINARY
High-Speed 2.5V 8/4K x 18 (8/4K x 16) Dual-Port Static RAM
Industrial and Commercial Temperature Ranges
8
Absolute Maximum Ratings(1)
Maximum Operating Temperature
and Supply Voltage(1)
Capacitance(1) (TA = +25°C, f = 1.0MHz)
Recommended DC Operating
Conditions
NOTES:
1.
Stresses greater than those listed under ABSOLUTE MAXIMUM RATINGS may
cause permanent damage to the device. This is a stress rating only and functional
operation of the device at these or any other conditions above those indicated in
the operational sections of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect reliability.
2. VTERM must not exceed VDD+ 0.3V.
3. Ambient Temperature Under DC Bias. No AC Conditions. Chip Deselected.
NOTES:
1. This parameter is determined by device characterization but is not production
tested.
2. 3dV references the interpolated capacitance when the input and output
signals switch from 0V to 3V or from 3V to 0V.
NOTE:
1. This is the parameter TA. This is the "instant on" case temperature.
NOTES:
1.
VIL > -1.5V for pulse width less than 10ns.
2. VTERM must not exceed VDD + 0.3V.
DC Electrical Characteristics Over the Operating
Temperature and Supply Voltage Range (VDD = 2.5V ± 100mV)
NOTE:
1. At VDD < 2.0V leakages are undefined.
Symbol
Rating
Commercial
& Industrial
Unit
VTERM(2)
Terminal Voltage
with Respect to GND
-0.5 to +3.6
V
TBIAS(3)
Temperature Under Bias
-55 to +125
oC
TSTG
Storage Temperature
-65 to +150
oC
TJN
Junction Temperature
+150
oC
IOUT
DC Output Current
50
mA
5639 tbl 04
Grade
Ambient
Temperature
GND
VDD
Commercial
0OC to +70OC0V
2.5V
+ 100mV
Industrial
-40OC to +85OC0V
2.5V
+ 100mV
5639 tbl 05
Symbol
Parameter
Min.
Typ.
Max.
Unit
VDD
Supply Voltage
2.4
2.5
2.6
V
VSS
Ground
0
0
0
V
VIH
Input High Voltage
1.7
____
VDD+0.3(2)
V
VIL
Input Low Voltage
-0.3(1)
____
0.7
V
5639 tbl 06
Symbol
Parameter
Conditions(2)
Max.
Unit
CIN
Input Capacitance
VIN = 3dV
9
pF
COUT
Output Capacitance
VOUT = 3dV
10
pF
5639 tbl 07
Symbol
Parameter
Test Conditions
70T35/34L
(70T25/24L)
Unit
Min.
Max.
|ILI|
Input Leakage Current
(1)
VDD = 2.6V, VIN = 0V to VDD
___
5µ A
|ILO|
Output Leakage Currentt
(1)
CE = VIH, VOUT = 0V to VDD
___
5µ A
VOL
Output Low Voltage
IOL = +2mA
___
0.4
V
VOH
Output High Voltage
IOH = -2mA
2.0
___
V
5639 tbl 08


Similar Part No. - IDT70T24L20PF

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT70T15A20BF IDT-IDT70T15A20BF Datasheet
158Kb / 18P
   HIGH-SPEED 2.5V 16/8K X 9 DUAL-PORT STATIC RAM
IDT70T15A20BFI IDT-IDT70T15A20BFI Datasheet
158Kb / 18P
   HIGH-SPEED 2.5V 16/8K X 9 DUAL-PORT STATIC RAM
IDT70T15A20PF IDT-IDT70T15A20PF Datasheet
158Kb / 18P
   HIGH-SPEED 2.5V 16/8K X 9 DUAL-PORT STATIC RAM
IDT70T15A20PFI IDT-IDT70T15A20PFI Datasheet
158Kb / 18P
   HIGH-SPEED 2.5V 16/8K X 9 DUAL-PORT STATIC RAM
IDT70T15A25BF IDT-IDT70T15A25BF Datasheet
158Kb / 18P
   HIGH-SPEED 2.5V 16/8K X 9 DUAL-PORT STATIC RAM
More results

Similar Description - IDT70T24L20PF

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT70V35 IDT-IDT70V35 Datasheet
216Kb / 25P
   HIGH-SPEED 3.3V 8/4K x 18 DUAL-PORT 8/4K x 16 DUAL-PORT STATIC RAM
IDT70P35 IDT-IDT70P35 Datasheet
293Kb / 22P
   HIGH-SPEED 1.8V 8/4K x 18 DUAL-PORT, 8/4K x 16 DUAL-PORT STATIC RAM
logo
Renesas Technology Corp
70V35 RENESAS-70V35 Datasheet
570Kb / 26P
   HIGH-SPEED 3.3V 8/4K x 18 DUAL-PORT 8/4K x 16 DUAL-PORT STATIC RAM
OCTOBER 2019
logo
Integrated Device Techn...
IDT71342SA IDT-IDT71342SA_12 Datasheet
318Kb / 14P
   HIGH SPEED 4K X 8 DUAL-PORT STATIC RAM
IDT7134SA IDT-IDT7134SA Datasheet
110Kb / 9P
   HIGH-SPEED 4K x 8 DUAL-PORT STATIC RAM
IDT70T9359 IDT-IDT70T9359 Datasheet
214Kb / 16P
   HIGH-SPEED 2.5V 8/4K x 18 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
IDT7034S IDT-IDT7034S Datasheet
200Kb / 19P
   HIGH-SPEED 4K x 18 DUAL-PORT STATIC RAM
IDT7034S IDT-IDT7034S_15 Datasheet
673Kb / 19P
   HIGH-SPEED 4K x 18 DUAL-PORT STATIC RAM
logo
Cypress Semiconductor
CY7B134 CYPRESS-CY7B134 Datasheet
588Kb / 15P
   4K x 8 Dual-Port Static RAMs and 4K x 8 Dual-Port Static RAM with Semaphores
CY7B146 CYPRESS-CY7B146 Datasheet
382Kb / 12P
   4K x 8 Dual-Port Static RAMs and 4K x 8 Dual-Port Static RAM with Semaphores
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com