Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BD81A44MUV-M Datasheet(PDF) 8 Page - Rohm

Part # BD81A44MUV-M
Description  4ch White LED Driver with Buck-Boost
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD81A44MUV-M Datasheet(HTML) 8 Page - Rohm

Back Button BD81A44MUV-M Datasheet HTML 4Page - Rohm BD81A44MUV-M Datasheet HTML 5Page - Rohm BD81A44MUV-M Datasheet HTML 6Page - Rohm BD81A44MUV-M Datasheet HTML 7Page - Rohm BD81A44MUV-M Datasheet HTML 8Page - Rohm BD81A44MUV-M Datasheet HTML 9Page - Rohm BD81A44MUV-M Datasheet HTML 10Page - Rohm BD81A44MUV-M Datasheet HTML 11Page - Rohm BD81A44MUV-M Datasheet HTML 12Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 39 page
background image
Datasheet
Datasheet
8/35
TSZ02201-0T3T0C600060-1-2
© 2016 ROHM Co., Ltd. All rights reserved.
2016.10.19 Rev.003
www.rohm.com
TSZ22111・15・001
BD81A44MUV-M/EFV-M
(9) Output Voltage Discharge Circuit (VDISC function)
When EN restart with Vout charge remaining, there is the possibility of LED flicker. Therefore restarting DC/DC must be
operated after discharging Vout. If using only pull-down resistance as setting OVP for discharge, it takes a lot time for
discharging Vout. Therefore this product has functionality of circuit for Vout discharge. Vout discharge function is
available for BuckBoost or Buck application. It is need to connect Vout and VDISC terminal and use VDISC function.
When VDISC terminal is connected to Vout, the output can be discharged when DCDC circuit becomes OFF (with EN
changing high to low or detection of protect).
The discharge time Tdisc is expressed in the following equations.
[ ] =
×
[ ]×
[ ]
×
[ ]
Where:
Tdisc : DC/DC Output Discharge Time
COUT : DC/DC Output Capacity
Vout : DC/DC Output Voltage
IDISC : Discharge current
Please confirm IDISC value that 25% of Vout voltage from following graph and input above equation. For example,
when using Vout=20V, please use IDISC value of Vout=5V (approximately 76mA). It will take Tdisc time for Vout
discharge. Please set EN=Low time over than Tdisc for prevent LED flicker.
This Tdisc value is reference data. Please verifying by actual measurements.
Figure.10 Vout vs IDISC
0.00
0.02
0.04
0.06
0.08
0.10
0.12
0
5
10
15
20
25
30
35
40
Vout [V]
Vout vs IDISC


Similar Part No. - BD81A44MUV-M

ManufacturerPart #DatasheetDescription
logo
Rohm
BD81A44MUV-M ROHM-BD81A44MUV-M Datasheet
3Mb / 47P
   4ch White LED Driver Built-in Current Driver Buck-Boost and Boost DC/DC Converter for Automotive
12.Feb.2021 Rev.008
BD81A44MUV-ME2 ROHM-BD81A44MUV-ME2 Datasheet
3Mb / 47P
   4ch White LED Driver Built-in Current Driver Buck-Boost and Boost DC/DC Converter for Automotive
12.Feb.2021 Rev.008
More results

Similar Description - BD81A44MUV-M

ManufacturerPart #DatasheetDescription
logo
Rohm
BD81A24MUV-M ROHM-BD81A24MUV-M Datasheet
1Mb / 40P
   4ch White LED Driver with Buck-Boost
BD81A34MUV-M ROHM-BD81A34MUV-M Datasheet
1Mb / 36P
   4ch White LED Driver with Buck-Boost (32 LED Maximum)
BD81A04AMUV-M ROHM-BD81A04AMUV-M Datasheet
1Mb / 37P
   4ch White LED Driver with Buck-Boost and Built-in FET (32 LED Maximum)
logo
Maxic Technology Corpor...
MT7282 MAXIC-MT7282 Datasheet
353Kb / 1P
   Boost/Buck-Boost/Buck White LED Driver With High Frequency PWM Dimming
MT7285 MAXIC-MT7285 Datasheet
190Kb / 1P
   Boost/Buck-Boost/Buck White LED Driver With High Frequency PWM Dimming
logo
Rohm
BD81A44EFV-M ROHM-BD81A44EFV-M Datasheet
3Mb / 47P
   4ch White LED Driver Built-in Current Driver Buck-Boost and Boost DC/DC Converter for Automotive
12.Feb.2021 Rev.008
BD81A24EFV-M ROHM-BD81A24EFV-M Datasheet
3Mb / 48P
   4ch White LED Driver Built-in Current Driver Buck-Boost and Boost DC/DC Converter for Automotive
21.Sep.2021 Rev.007
BD81A74EFV-M ROHM-BD81A74EFV-M Datasheet
3Mb / 44P
   4ch White LED Driver Built-in Current Driver Buck-Boost and Boost DC/DC Converter for Automotive
8.Oct.2021 Rev.007
logo
Monolithic Power System...
EV0059 MPS-EV0059 Datasheet
247Kb / 4P
   MP1567: Buck Boost Lumileds White LED Driver
logo
Eutech Microelectronics...
EUP2983 EUTECH-EUP2983 Datasheet
681Kb / 8P
   White LED Driver For Buck-Boost Application
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com