Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BD81A44MUV-M Datasheet(PDF) 5 Page - Rohm

Part # BD81A44MUV-M
Description  4ch White LED Driver with Buck-Boost
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD81A44MUV-M Datasheet(HTML) 5 Page - Rohm

  BD81A44MUV-M Datasheet HTML 1Page - Rohm BD81A44MUV-M Datasheet HTML 2Page - Rohm BD81A44MUV-M Datasheet HTML 3Page - Rohm BD81A44MUV-M Datasheet HTML 4Page - Rohm BD81A44MUV-M Datasheet HTML 5Page - Rohm BD81A44MUV-M Datasheet HTML 6Page - Rohm BD81A44MUV-M Datasheet HTML 7Page - Rohm BD81A44MUV-M Datasheet HTML 8Page - Rohm BD81A44MUV-M Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 39 page
background image
Datasheet
Datasheet
5/35
TSZ02201-0T3T0C600060-1-2
© 2016 ROHM Co., Ltd. All rights reserved.
2016.10.19 Rev.003
www.rohm.com
TSZ22111・15・001
BD81A44MUV-M/EFV-M
(3) Buck-Boost DC/DC Converter Oscillation Frequency (FOSC)
Figure 8. RRT vs FOSC
DCDC oscillation frequency can be set via a resistor connected to the RT pin. This resistor determines the charge/discharge
current to the internal capacitor, thereby changing the oscillation frequency. Please set the resistance of RRTusing the above
data and below equation.
[
] =(81 × 10
[ Ω]
Where:
81×102 is the constant value in IC (+/-10%)
α is the adjustment factor
(RRT : α = 41kΩ: 1.01, 27kΩ: 1.00, 18kΩ: 0.99, 10 kΩ: 0.98, 4.7kΩ: 0.97, 3.9kΩ: 0.96)
A resistor in the range of 3.6 kΩ to 41 kΩ is recommended. Settings that deviate from the frequency range shown above may
cause switching to stop, and proper operation cannot be guaranteed.
(4) External Synchronization Oscillation Frequency (FSYNC)
If the clock signal input to SYNC terminal, the internal oscillation frequency can be synchronized externally.
Do not switch from external to internal oscillation if the DC/DC converter is active.
The clock input to SYNC terminal is valid only in rising edge.
As for the external input frequency, the input of the internal oscillation frequency ± 20% decided in RT terminal resistance
is recommended.
(5) Soft Start Function (SS)
The soft-start (SS) function can limits the start up current and output rise-time slowly if the capacitor connected to SS
Terminal. It is available for prevention of output voltage overshoot and inrush current. If you don’t use soft-start function,
please set SS terminal open. For the calculation of SS time, please refer to the formula on page 19.
(6) Max Duty
If this IC operates by DCDC switching Max Duty, it would not output expect voltage and LED current decrease or LED
current OFF by SCP. Please set load condition and external parts for DCDC switching Duty does not reach Max Duty.
200
2000
1
10
100
RRT [kohm]
RRT vs FOSC


Similar Part No. - BD81A44MUV-M

ManufacturerPart #DatasheetDescription
logo
Rohm
BD81A44MUV-M ROHM-BD81A44MUV-M Datasheet
3Mb / 47P
   4ch White LED Driver Built-in Current Driver Buck-Boost and Boost DC/DC Converter for Automotive
12.Feb.2021 Rev.008
BD81A44MUV-ME2 ROHM-BD81A44MUV-ME2 Datasheet
3Mb / 47P
   4ch White LED Driver Built-in Current Driver Buck-Boost and Boost DC/DC Converter for Automotive
12.Feb.2021 Rev.008
More results

Similar Description - BD81A44MUV-M

ManufacturerPart #DatasheetDescription
logo
Rohm
BD81A24MUV-M ROHM-BD81A24MUV-M Datasheet
1Mb / 40P
   4ch White LED Driver with Buck-Boost
BD81A34MUV-M ROHM-BD81A34MUV-M Datasheet
1Mb / 36P
   4ch White LED Driver with Buck-Boost (32 LED Maximum)
BD81A04AMUV-M ROHM-BD81A04AMUV-M Datasheet
1Mb / 37P
   4ch White LED Driver with Buck-Boost and Built-in FET (32 LED Maximum)
logo
Maxic Technology Corpor...
MT7282 MAXIC-MT7282 Datasheet
353Kb / 1P
   Boost/Buck-Boost/Buck White LED Driver With High Frequency PWM Dimming
MT7285 MAXIC-MT7285 Datasheet
190Kb / 1P
   Boost/Buck-Boost/Buck White LED Driver With High Frequency PWM Dimming
logo
Rohm
BD81A44EFV-M ROHM-BD81A44EFV-M Datasheet
3Mb / 47P
   4ch White LED Driver Built-in Current Driver Buck-Boost and Boost DC/DC Converter for Automotive
12.Feb.2021 Rev.008
BD81A24EFV-M ROHM-BD81A24EFV-M Datasheet
3Mb / 48P
   4ch White LED Driver Built-in Current Driver Buck-Boost and Boost DC/DC Converter for Automotive
21.Sep.2021 Rev.007
BD81A74EFV-M ROHM-BD81A74EFV-M Datasheet
3Mb / 44P
   4ch White LED Driver Built-in Current Driver Buck-Boost and Boost DC/DC Converter for Automotive
8.Oct.2021 Rev.007
logo
Monolithic Power System...
EV0059 MPS-EV0059 Datasheet
247Kb / 4P
   MP1567: Buck Boost Lumileds White LED Driver
logo
Eutech Microelectronics...
EUP2983 EUTECH-EUP2983 Datasheet
681Kb / 8P
   White LED Driver For Buck-Boost Application
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com