Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BD81A24EFV-ME2 Datasheet(PDF) 2 Page - Rohm

Part # BD81A24EFV-ME2
Description  4ch White LED Driver with Buck-Boost
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD81A24EFV-ME2 Datasheet(HTML) 2 Page - Rohm

  BD81A24EFV-ME2 Datasheet HTML 1Page - Rohm BD81A24EFV-ME2 Datasheet HTML 2Page - Rohm BD81A24EFV-ME2 Datasheet HTML 3Page - Rohm BD81A24EFV-ME2 Datasheet HTML 4Page - Rohm BD81A24EFV-ME2 Datasheet HTML 5Page - Rohm BD81A24EFV-ME2 Datasheet HTML 6Page - Rohm BD81A24EFV-ME2 Datasheet HTML 7Page - Rohm BD81A24EFV-ME2 Datasheet HTML 8Page - Rohm BD81A24EFV-ME2 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 40 page
background image
Datasheet
Datasheet
2/36
BD81A24MUV-M/EFV-M
TSZ02201-0T3T0C600070-1-2
© 2016 ROHM Co., Ltd. All rights reserved.
2016.10.19 Rev.003
www.rohm.com
TSZ22111・15・001
Pin Description
Pin Configuration
VQFN28SV5050 (Top view)
HTSSOP-B28 (Top view)
Block Diagram
OSC
Control Logic
Current driver
Open Short Detect
VREG
VREG
VCC
EN
UVLO
TSD
PWM
Timer
Latch
VDISC
OVP10
OVP
OCP
OVP
CS
FAIL1
RT
SYNC
SLOPE
PWM
BOOT
OUTH
SW
DRV
CTL
OUTL
DGND
VREG
ERRAMP
LED1
LED2
LED3
LED4
COMP
SS
OCP OVP
SS
PGND
ISET
PWM
Open Det
Short Det
Timer
Latch
FAIL2
ISET
GND
SHDETEN
LEDEN1 LEDEN2
VQFN28
SV5050
HTSSOP
-B28
Terminal
Name
Function
1
11
LEDEN1
LED output pin enable terminal 1
2
12
LEDEN2
LED output pin enable terminal 2
3
13
LED1
LED output terminal 1
4
14
LED2
LED output terminal 2
5
15
LED3
LED output terminal 3
6
16
LED4
LED output terminal 4
7
17
OVP
Over-voltage detection terminal
8
18
ISET
LED output current setting terminal
9
19
PGND
LED output GND terminal
10
20
OUTL
Low side FET drain terminal
11
21
DGND
DC/DC output GND terminal
12
22
VDISC
Output voltage discharge terminal
13
23
SW
High side FET source terminal
14
24
OUTH
High side FET gate terminal
15
25
BOOT
High side FET driver power supply terminal
16
26
VREG
Internal constant voltage
17
27
EN
Enable terminal
18
28
CS
DC/DC current sense terminal
19
1
VCC
Input power supply terminal
20
2
SS
“Soft Start” Capacitor connection
21
3
COMP
ERR AMP output
22
4
RT
Oscillation Frequency-setting resistor input
23
5
SYNC
External synchronization input terminal
24
6
SHDETEN
Short detection enable signal
25
7
GND
Small signal GND terminal
26
8
PWM
PWM light modulation input terminal
27
9
FAIL1
“Failure” signal output terminal
28
10
FAIL2
LED open/short detection output signal
-
-
Thermal
PAD
Back side thermal PAD
(Please connect to GND)
Figure 2. Pin Configuration
Figure 3. Internal Block Diagram


Similar Part No. - BD81A24EFV-ME2

ManufacturerPart #DatasheetDescription
logo
Rohm
BD81A24EFV-ME2 ROHM-BD81A24EFV-ME2 Datasheet
3Mb / 48P
   4ch White LED Driver Built-in Current Driver Buck-Boost and Boost DC/DC Converter for Automotive
21.Sep.2021 Rev.007
More results

Similar Description - BD81A24EFV-ME2

ManufacturerPart #DatasheetDescription
logo
Rohm
BD81A44MUV-M ROHM-BD81A44MUV-M Datasheet
1Mb / 39P
   4ch White LED Driver with Buck-Boost
BD81A34MUV-M ROHM-BD81A34MUV-M Datasheet
1Mb / 36P
   4ch White LED Driver with Buck-Boost (32 LED Maximum)
BD81A04AMUV-M ROHM-BD81A04AMUV-M Datasheet
1Mb / 37P
   4ch White LED Driver with Buck-Boost and Built-in FET (32 LED Maximum)
logo
Maxic Technology Corpor...
MT7282 MAXIC-MT7282 Datasheet
353Kb / 1P
   Boost/Buck-Boost/Buck White LED Driver With High Frequency PWM Dimming
MT7285 MAXIC-MT7285 Datasheet
190Kb / 1P
   Boost/Buck-Boost/Buck White LED Driver With High Frequency PWM Dimming
logo
Rohm
BD81A44EFV-M ROHM-BD81A44EFV-M Datasheet
3Mb / 47P
   4ch White LED Driver Built-in Current Driver Buck-Boost and Boost DC/DC Converter for Automotive
12.Feb.2021 Rev.008
BD81A24EFV-M ROHM-BD81A24EFV-M Datasheet
3Mb / 48P
   4ch White LED Driver Built-in Current Driver Buck-Boost and Boost DC/DC Converter for Automotive
21.Sep.2021 Rev.007
BD81A74EFV-M ROHM-BD81A74EFV-M Datasheet
3Mb / 44P
   4ch White LED Driver Built-in Current Driver Buck-Boost and Boost DC/DC Converter for Automotive
8.Oct.2021 Rev.007
logo
Monolithic Power System...
EV0059 MPS-EV0059 Datasheet
247Kb / 4P
   MP1567: Buck Boost Lumileds White LED Driver
logo
Eutech Microelectronics...
EUP2983 EUTECH-EUP2983 Datasheet
681Kb / 8P
   White LED Driver For Buck-Boost Application
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com