Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT70T34L Datasheet(PDF) 1 Page - Integrated Device Technology

Part # IDT70T34L
Description  HIGH-SPEED 2.5V 8/4K x 18 DUAL-PORT 8/4K x 16 DUAL-PORT STATIC RAM
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT70T34L Datasheet(HTML) 1 Page - Integrated Device Technology

  IDT70T34L Datasheet HTML 1Page - Integrated Device Technology IDT70T34L Datasheet HTML 2Page - Integrated Device Technology IDT70T34L Datasheet HTML 3Page - Integrated Device Technology IDT70T34L Datasheet HTML 4Page - Integrated Device Technology IDT70T34L Datasheet HTML 5Page - Integrated Device Technology IDT70T34L Datasheet HTML 6Page - Integrated Device Technology IDT70T34L Datasheet HTML 7Page - Integrated Device Technology IDT70T34L Datasheet HTML 8Page - Integrated Device Technology IDT70T34L Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
©2002 Integrated Device Technology, Inc.
DECEMBER 2002
DSC-5639/2
1
PRELIMINARY
IDT70T35/34L
HIGH-SPEED 2.5V
8/4K x 18 DUAL-PORT
8/4K x 16 DUAL-PORT
STATIC RAM
width to 36 bits (32 bits) or more using the Master/Slave
select when cascading more than one device
M/
S = VIH for BUSY output flag on Master
M/
S = VIL for BUSY input on Slave
BUSY and Interrupt Flag
On-chip port arbitration logic
Full on-chip hardware support of semaphore signaling
between ports
Fully asynchronous operation from either port
LVTTL-compatible, single 2.5V (±100mV) power supply
Available in a 100-pin Thin Quad Flatpack (TQFP) package
and 100-pin fine pitch Ball Grid Array (fpBGA)
Industrial temperature range (-40°C to +85°C) is available
for selected speeds
Functional Block Diagram
NOTES:
1.
A12 is a NC for IDT70T34 and IDT70T24.
2. (MASTER):
BUSY is output; (SLAVE): BUSY is input.
3.
BUSY outputs and INT outputs are non-tri-stated push-pull.
4. I/O0x - I/O7x for IDT70T25/24.
5. I/O8x - I/O15x for IDT70T25/24.
Features
True Dual-Ported memory cells which allow simultaneous
reads of the same memory location
High-speed access
IDT70T35/34L (IDT70T25/24L)
– Commercial: 20/25ns (max.)
– Industrial: 25ns (max.)
Low-power operation
– IDT70T35/34L (IDT70T25/24L)
Active: 200mW (typ.)
Standby: 600
µW (typ.)
Separate upper-byte and lower-byte control for multiplexed
bus compatibility
IDT70T35/34L (IDT70T25/24L) easily expands data bus
I/O
Control
Address
Decoder
MEMORY
ARRAY
ARBITRATION
INTERRUPT
SEMAPHORE
LOGIC
Address
Decoder
I/O
Control
R/
WL
BUSYL
A12L(1)
A0L
5639 drw 01
UBL
LBL
CEL
OEL
I/O9L-I/O17L(5)
I/O0L-I/O8L(4)
CEL
OEL
R/
WL
SEML
INTL
M/
S
R/
WR
BUSYR
UBR
LBR
CER
OER
I/O9R-I/O17R(5)
I/O0R-I/O8R(4)
A12R(1)
A0R
R/
WR
SEMR
INTR
CER
OER
(3)
(2,3)
(2,3)
(3)
13
13
,
IDT70T25/24L


Similar Part No. - IDT70T34L

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT70T3319S133BC IDT-IDT70T3319S133BC Datasheet
485Kb / 28P
   HIGH-SPEED 2.5V 512/256/128K X 18 SYNCHRONOUS DUAL-PORT STATIC RAM WITH 3.3V OR 2.5V INTERFACE
IDT70T3319S133BCI IDT-IDT70T3319S133BCI Datasheet
485Kb / 28P
   HIGH-SPEED 2.5V 512/256/128K X 18 SYNCHRONOUS DUAL-PORT STATIC RAM WITH 3.3V OR 2.5V INTERFACE
IDT70T3319S133BF IDT-IDT70T3319S133BF Datasheet
485Kb / 28P
   HIGH-SPEED 2.5V 512/256/128K X 18 SYNCHRONOUS DUAL-PORT STATIC RAM WITH 3.3V OR 2.5V INTERFACE
IDT70T3319S133BFI IDT-IDT70T3319S133BFI Datasheet
485Kb / 28P
   HIGH-SPEED 2.5V 512/256/128K X 18 SYNCHRONOUS DUAL-PORT STATIC RAM WITH 3.3V OR 2.5V INTERFACE
IDT70T3319S133DD IDT-IDT70T3319S133DD Datasheet
485Kb / 28P
   HIGH-SPEED 2.5V 512/256/128K X 18 SYNCHRONOUS DUAL-PORT STATIC RAM WITH 3.3V OR 2.5V INTERFACE
More results

Similar Description - IDT70T34L

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT70V35 IDT-IDT70V35 Datasheet
216Kb / 25P
   HIGH-SPEED 3.3V 8/4K x 18 DUAL-PORT 8/4K x 16 DUAL-PORT STATIC RAM
IDT70P35 IDT-IDT70P35 Datasheet
293Kb / 22P
   HIGH-SPEED 1.8V 8/4K x 18 DUAL-PORT, 8/4K x 16 DUAL-PORT STATIC RAM
logo
Renesas Technology Corp
70V35 RENESAS-70V35 Datasheet
570Kb / 26P
   HIGH-SPEED 3.3V 8/4K x 18 DUAL-PORT 8/4K x 16 DUAL-PORT STATIC RAM
OCTOBER 2019
logo
Integrated Device Techn...
IDT71342SA IDT-IDT71342SA_12 Datasheet
318Kb / 14P
   HIGH SPEED 4K X 8 DUAL-PORT STATIC RAM
IDT7134SA IDT-IDT7134SA Datasheet
110Kb / 9P
   HIGH-SPEED 4K x 8 DUAL-PORT STATIC RAM
IDT70T9359 IDT-IDT70T9359 Datasheet
214Kb / 16P
   HIGH-SPEED 2.5V 8/4K x 18 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
IDT7034S IDT-IDT7034S Datasheet
200Kb / 19P
   HIGH-SPEED 4K x 18 DUAL-PORT STATIC RAM
IDT7034S IDT-IDT7034S_15 Datasheet
673Kb / 19P
   HIGH-SPEED 4K x 18 DUAL-PORT STATIC RAM
logo
Cypress Semiconductor
CY7B134 CYPRESS-CY7B134 Datasheet
588Kb / 15P
   4K x 8 Dual-Port Static RAMs and 4K x 8 Dual-Port Static RAM with Semaphores
CY7B146 CYPRESS-CY7B146 Datasheet
382Kb / 12P
   4K x 8 Dual-Port Static RAMs and 4K x 8 Dual-Port Static RAM with Semaphores
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com