Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SQ60120QPB33xyz-G Datasheet(PDF) 3 Page - SynQor Worldwide Headquarters

Part # SQ60120QPB33xyz-G
Description  High efficiency, 94.3% at full rated load current
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNQOR [SynQor Worldwide Headquarters]
Direct Link  http://www.synqor.com
Logo SYNQOR - SynQor Worldwide Headquarters

SQ60120QPB33xyz-G Datasheet(HTML) 3 Page - SynQor Worldwide Headquarters

  SQ60120QPB33xyz-G Datasheet HTML 1Page - SynQor Worldwide Headquarters SQ60120QPB33xyz-G Datasheet HTML 2Page - SynQor Worldwide Headquarters SQ60120QPB33xyz-G Datasheet HTML 3Page - SynQor Worldwide Headquarters SQ60120QPB33xyz-G Datasheet HTML 4Page - SynQor Worldwide Headquarters SQ60120QPB33xyz-G Datasheet HTML 5Page - SynQor Worldwide Headquarters SQ60120QPB33xyz-G Datasheet HTML 6Page - SynQor Worldwide Headquarters SQ60120QPB33xyz-G Datasheet HTML 7Page - SynQor Worldwide Headquarters SQ60120QPB33xyz-G Datasheet HTML 8Page - SynQor Worldwide Headquarters SQ60120QPB33xyz-G Datasheet HTML 9Page - SynQor Worldwide Headquarters Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
Product # SQ60120QPB33
Phone 1-888-567-9596
www.synqor.com
Doc.# 005-0005266 Rev. G
05/13/15
Page 3
Technical Specification
Input:
36-75 V
Output:
12 V
Current:
33A
Package:
Quarter-brick
Electrical Characteristics
SQ60120QPB33 Electrical Characteristics
Ta = 25 °C, airflow rate = 300 LFM, Vin = 48 Vdc unless otherwise noted; full operating temperature range is -40 °C to +100 °C ambient temperature
with appropriate power derating. Specifications subject to change without notice.
Parameter
Min.
Typ.
Max.
Units Notes & Conditions
ABSOLUTE MAXIMUM RATINGS
Input Voltage
Non-Operating
-1
100
V
Continuous
Operating
36
48
75
V
Continuous
Operating Transient Protection
100
V
100 ms transient, square wave
Isolation Voltage
Input to Output
2250
V
Operating Temperature
-40
100
°C
Storage Temperature
-45
125
°C
Voltage at ON/OFF input pin
-2
18
V
INPUT CHARACTERISTICS
Operating Input Voltage Range
36
48
75
V
Input Under-Voltage Lockout
Turn-On Voltage Threshold
31.0
34.5
V
Turn-Off Voltage Threshold
27.6
32
V
Lockout Voltage Hysteresis
2
4
V
Input Over-Voltage Shutdown
Turn-On Voltage Threshold
95
V
Turn-Off Voltage Threshold
105
V
Maximum Input Current
12.9
A
No-Load Input Current
130
mA
Disabled Input Current
8.5
mA
Input Reflected-Ripple Current
10
20
mA
RMS through 10 µH inductor
Input Terminal-Ripple Current
400.0
800.0
mA
RMS, full load
Recommended Input Fuse (see Note 1)
15
A
Fast blow external fuse recommended
Recommended External Input Capacitance
47
µF
Typical ESR 0.1-0.2 Ω
Input Filter Component Values (L\C)
0.47\6.6
µH\µF Internal values
OUTPUT CHARACTERISTICS
Output Voltage Set Point
12.46
12.5
12.54
V
Vin = 65 V, Io = 0 A, Ta = 25 °C
Output Voltage Regulation
Over Line
+0.18\-1.25
V
Over Load
+0\-0.80
V
Over Temperature
±300
mV
Total Output Voltage Range
10.250
12.830
V
Over sample, line, load, temperature & life
Output Voltage Ripple and Noise
20 MHz bandwidth; see Note 2
Peak-to-Peak
200
325
mV
Full load
RMS
50
115
mV
Full load
Operating Output Current Range
0
33
A
Subject to thermal derating
Output DC Current-Limit Inception
40
A
Output voltage 10% Low
Output DC Current-Limit Shutdown Voltage
10.5
V
Back-Drive Current Limit while Disabled
50
mA
Negative current drawn from output
Maximum Output Capacitance
3,000
µF
Vout nominal at full load (resistive load)
DYNAMIC CHARACTERISTICS
Output Voltage during Load Current Transient
Step Change in Output Current (0.1 A/µs)
1600
2,500
mV
50% to 75% to 50% Iout max
Settling Time
250
350
µs
To within 1% Vout nom
Turn-On Transient
Turn-On Time
15
30
ms
Full load, Vout=90% nom.
Start-Up Inhibit Time
200
ms
-40 °C to +125 °C; Figure E
Output Voltage Overshoot
0
%
3 mF load capacitance


Similar Part No. - SQ60120QPB33xyz-G

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
SQ60120QPA28 SYNQOR-SQ60120QPA28 Datasheet
963Kb / 12P
   Quarter-brick DC-DC Converter
SQ60120QPA28NK2 SYNQOR-SQ60120QPA28NK2 Datasheet
963Kb / 12P
   Quarter-brick DC-DC Converter
SQ60120QPA28NKS SYNQOR-SQ60120QPA28NKS Datasheet
963Kb / 12P
   Quarter-brick DC-DC Converter
SQ60120QPA28NN2 SYNQOR-SQ60120QPA28NN2 Datasheet
963Kb / 12P
   Quarter-brick DC-DC Converter
SQ60120QPA28NNS SYNQOR-SQ60120QPA28NNS Datasheet
963Kb / 12P
   Quarter-brick DC-DC Converter
More results

Similar Description - SQ60120QPB33xyz-G

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
SQ60120QEX25 SYNQOR-SQ60120QEX25 Datasheet
2Mb / 14P
   High efficiency, 96% at full rated load current
PQ60050HZX60 SYNQOR-PQ60050HZX60 Datasheet
3Mb / 16P
   High efficiency, 93% at full rated load current
PQ60280HZX22 SYNQOR-PQ60280HZX22 Datasheet
3Mb / 16P
   High efficiency, 94% at full rated load current
logo
Maxim Integrated Produc...
MAX15005AEVKIT MAXIM-MAX15005AEVKIT Datasheet
443Kb / 8P
   71% Efficiency at 16V Input and Full Load
Rev 1; 7/20
logo
Bel Fuse Inc.
TET1500 BEL-TET1500 Datasheet
1Mb / 26P
   High Efficiency, typ. 96% efficiency at half load
PFS1200-12-054XD BEL-PFS1200-12-054XD Datasheet
1Mb / 27P
   High Efficiency, typ. 94% efficiency at half load
logo
Recom International Pow...
RB-E RECOM-RB-E Datasheet
95Kb / 2P
   High Efficiency up to 84% Full Load
logo
Bel Fuse Inc.
TET3600-48-104XA BEL-TET3600-48-104XA Datasheet
402Kb / 7P
   Very high efficiency, typ. 97% at half load
logo
E-Tech Electronics LTD
GL1147-50 ETL-GL1147-50 Datasheet
229Kb / 3P
   1.4Vmaximum dropout full load current
logo
International Rectifier
OM7764ASC IRF-OM7764ASC_15 Datasheet
168Kb / 5P
   Dropout Voltage of 400mV at Full Load
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com