Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SQ60120HZw50xyz Datasheet(PDF) 2 Page - SynQor Worldwide Headquarters

Part # SQ60120HZw50xyz
Description  Industry standard pin-out configuration
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNQOR [SynQor Worldwide Headquarters]
Direct Link  http://www.synqor.com
Logo SYNQOR - SynQor Worldwide Headquarters

SQ60120HZw50xyz Datasheet(HTML) 2 Page - SynQor Worldwide Headquarters

  SQ60120HZw50xyz Datasheet HTML 1Page - SynQor Worldwide Headquarters SQ60120HZw50xyz Datasheet HTML 2Page - SynQor Worldwide Headquarters SQ60120HZw50xyz Datasheet HTML 3Page - SynQor Worldwide Headquarters SQ60120HZw50xyz Datasheet HTML 4Page - SynQor Worldwide Headquarters SQ60120HZw50xyz Datasheet HTML 5Page - SynQor Worldwide Headquarters SQ60120HZw50xyz Datasheet HTML 6Page - SynQor Worldwide Headquarters SQ60120HZw50xyz Datasheet HTML 7Page - SynQor Worldwide Headquarters SQ60120HZw50xyz Datasheet HTML 8Page - SynQor Worldwide Headquarters SQ60120HZw50xyz Datasheet HTML 9Page - SynQor Worldwide Headquarters Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
Product # SQ60120HZx50
Phone 1-888-567-9596
www.synqor.com
Doc.# 005-0005134 Rev. F
10/16/2015
Page 2
Input:35-75V
Output:12V
Current:50A
Part No.:SQ60120HZx50
Open Frame Mechanical Diagram
Open Frame Mechanical Diagram
mech01
2.40
[61]
.400[10.16]
.700[17.78]
1.000[25.4]
1.400[35.56]
.50[12.7]
.400[10.16]
1.400
[35.56]
2.30
[58.4]
.19
[4.8]
1.90
[48.3]
TOP VIEW
OVERALL HEIGHT
.413 ± .017
10.49 ± 0.43
[
]
.180
[4.57]
SEE NOTE 3
BOTTOMSIDE
CLEARANCE
.044 ± .027
1.12 ± 0.68
[
]
SIDE VIEW
5
6
7
8
9
1
2
4
NOTES
1) Pins 1, 2 & 4, 6-8 are 0.040” (1.02mm) dia. with 0.080" (2.03mm)
standoff shoulders.
2) Pins 5 & 9 are 0.080” (1.57mm) dia. with 0.125" (2.54mm) standoff
shoulders.
3) Other pin extension lengths available.
4) All Pins: Material - Copper Alloy
Finish: Matte Tin over Nickel Plate
5) Undimensioned components are shown for visual reference only.
6) All dimensions in inches (mm)
Tolerances: X.XXin +/- 0.02 (X.Xmm +/- 0.5mm)
X.XXXin +/- 0.010 (X.XXmm +/- 0.25mm)
7) Open Frame Weight: 2.6 oz. (75g)
8) Workmanship: Meets or exceeds IPC-A-610 Class II
PIN DESIGNATIONS
Pin
Name
Function
1
Vin(+)
Positive input voltage
2
ON/OFF
TTL input to turn converter on and off,
referenced to Vin(–), with internal pull up.
4
Vin(–)
Negative input voltage
5
Vout(–)
Negative output voltage
6
Not Present
Not applicable
7
Not Present
Not applicable
8
Not Present
Not applicable
9
Vout(+)
Positive output voltage


Similar Part No. - SQ60120HZw50xyz

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
SQ60120EPB25 SYNQOR-SQ60120EPB25 Datasheet
2Mb / 14P
   Output current limit and short circuit protection
SQ60120ETA17 SYNQOR-SQ60120ETA17 Datasheet
2Mb / 14P
   Output current limit and short circuit protection
SQ60120ETA17xyz-G SYNQOR-SQ60120ETA17xyz-G Datasheet
2Mb / 14P
   Output current limit and short circuit protection
SQ60120ETA20 SYNQOR-SQ60120ETA20 Datasheet
2Mb / 14P
   Industry standard eighth-brick pin-out configuration
SQ60120ETA20xyz-G SYNQOR-SQ60120ETA20xyz-G Datasheet
2Mb / 14P
   Industry standard eighth-brick pin-out configuration
More results

Similar Description - SQ60120HZw50xyz

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
PQ24018QGX25 SYNQOR-PQ24018QGX25 Datasheet
2Mb / 16P
   Industry standard pin-out configuration
BQ57090EZB48 SYNQOR-BQ57090EZB48 Datasheet
2Mb / 13P
   Industry standard quarter-brick pin-out configuration
PQ60050SMX10 SYNQOR-PQ60050SMX10 Datasheet
1Mb / 15P
   Industry standard sixteenth-brick pin-out configuration
BQ57120QEX50 SYNQOR-BQ57120QEX50 Datasheet
2Mb / 14P
   Industry standard quarter-brick pin-out configuration
BQ55120EZB38 SYNQOR-BQ55120EZB38 Datasheet
2Mb / 13P
   Industry standard quarter-brick pin-out configuration
BQ55120QZB67 SYNQOR-BQ55120QZB67 Datasheet
2Mb / 13P
   Industry standard quarter-brick pin-out configuration
BQ57120QZB67 SYNQOR-BQ57120QZB67 Datasheet
2Mb / 13P
   Industry standard quarter-brick pin-out configuration
PQ60025SMX20 SYNQOR-PQ60025SMX20 Datasheet
908Kb / 15P
   Industry standard sixteenth-brick pin-out configuration
PQ60010EML15 SYNQOR-PQ60010EML15 Datasheet
529Kb / 13P
   Industry standard eighth-brick pin-out configuration
PQ60018SMX25 SYNQOR-PQ60018SMX25 Datasheet
824Kb / 15P
   Industry standard sixteenth-brick pin-out configuration
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com