Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MBR10150LCT Datasheet(PDF) 1 Page - Chongqing Pingwei Enterprise co.,Ltd

Part # MBR10150LCT
Description  High current capability
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHONGQING [Chongqing Pingwei Enterprise co.,Ltd]
Direct Link  http://www.perfectway.cn
Logo CHONGQING - Chongqing Pingwei Enterprise co.,Ltd

MBR10150LCT Datasheet(HTML) 1 Page - Chongqing Pingwei Enterprise co.,Ltd

  MBR10150LCT Datasheet HTML 1Page - Chongqing Pingwei Enterprise co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
- 页码 -
Rev. 14-1
http:// www.perfectway.cn
MBR1045L(F,B,H)CT thru MBR10200L(F,B,H)CT
10A Schottky Barrier Rectifier
FEATURE
High current capability
Low forward voltage drop
Low power loss, high efficiency
High surge capability
High ESD capability
High temperature soldering guaranteed:
260°C/10s/0.25"(6.35mm) from case
MECHANICAL DATA
Case: Molded with UL-94 Class V-0 recognized Flame
Retardant Epoxy
Mounting position: any
TYPICAL APPLICATIONS
For use in low voltage, high frequency rectifier of switching mode
power supplies, freewheeling diodes, DC/DC converters and
polarity protection application.
TO-220AB
ITO-220AB
MBR10XXLCT
MBR10XXLFCT
TO-263
TO-262
MBR10XXLBCT
MBR10XXLHCT
Ratings at 25°C ambient temperature unless otherwise specified, Single phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
MAXIMUM RATINGS
Parameter
Symbol
MBR1045
LCT
MBR1060
LCT
MBR10100
LCT
MBR10150
LCT
MBR10200
LCT
units
Maximum Recurrent Peak Reverse Voltage
VRRM
45
60
100
150
200
V
Maximum RMS Voltage
VRMS
32
42
70
105
140
V
Maximum DC Blocking Voltage
VDC
V
Maximum Average Forward Rectified
Current at TC=90°C
total device
IF(AV)
10.0
A
per diode
5.0
Peak Forward Surge Current 8.3ms Single Half sine-wave
superimposed on rate load per diode (JEDEC method)
IFSM
120
A
Junction Capacitance (Note1)
CJ
700
300
pF
Storage Temperature Range
TSTG
-55 to +150
°C
Operation Temperature Range
TJ
-55 to +150
°C
ELECTRONICAL CHARACTERISTICS
Parameter
Symbol MBR1045
LCT
MBR1060
LCT
MBR10100
LCT
MBR10150
LCT
MBR10200
LCT
units
Maximum Forward Voltage Drop per diode at 5A (Note 2)
VF
0.55
0.65
0.80
0.85
0.90
V
Maximum DC Reverse Current at rated
DC blocking voltage (Note 2)
@ TC =25°C
IR
0.15
0.1
mA
@ TC=100°C
40.0
20.0
THERMAL CHARACTERISTICS
Parameter
Symbol
ITO-220
TO-220
TO-262
TO-263
units
Typical Thermal Resistance (Note 3)
Rth (JC)
3.5
2.5
2.5
°C/W
Note:
1. Measured at 1.0 MHz and applied reverse voltage of 4.0Vdc.
2. Pulse test: 300 μs pulse width, 1% duty cycle.
3. Thermal Resistance from Junction to Case Mounted on heatsink.


Similar Part No. - MBR10150LCT

ManufacturerPart #DatasheetDescription
logo
Gaomi Xinghe Electronic...
MBR10150LCT GXELECTRONICS-MBR10150LCT Datasheet
472Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Bytesonic Electronics C...
MBR10150LCT BYTESONIC-MBR10150LCT Datasheet
348Kb / 2P
   10.0 AMP SC H O T T K Y B A RRIER RECTIFIERS
More results

Similar Description - MBR10150LCT

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-SD203N VISHAY-VS-SD203N Datasheet
288Kb / 10P
   High current capability
Revision: 21-Nov-13
logo
Micro Commercial Compon...
SL24PL MCC-SL24PL Datasheet
356Kb / 3P
   High Current Capability
logo
Nanjing International G...
SM260.2A-DO-213AB DGNJDZ-SM260.2A-DO-213AB Datasheet
492Kb / 2P
   High current capability
SM260-2A-DO-213AB DGNJDZ-SM260-2A-DO-213AB Datasheet
492Kb / 2P
   High current capability
logo
Inchange Semiconductor ...
BUZ30A ISC-BUZ30A Datasheet
66Kb / 2P
   High current capability
2SA2121 ISC-2SA2121 Datasheet
114Kb / 2P
   High Current Capability
2SA1028 ISC-2SA1028 Datasheet
69Kb / 2P
   High Current Capability
logo
DIYI Electronic Technol...
RDB151 DYELEC-RDB151 Datasheet
1Mb / 2P
   High current capability
KBP4005 DYELEC-KBP4005 Datasheet
234Kb / 2P
   High current capability
logo
Vishay Siliconix
VS-VSKT570-16PBF VISHAY-VS-VSKT570-16PBF Datasheet
235Kb / 8P
   High current capability
Revision: 05-Dec-16
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com