Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT70T25 Datasheet(PDF) 2 Page - Integrated Device Technology

Part # IDT70T25
Description  HIGH-SPEED 2.5V 8/4K x 18 DUAL-PORT 8/4K x 16 DUAL-PORT STATIC RAM
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT70T25 Datasheet(HTML) 2 Page - Integrated Device Technology

  IDT70T25 Datasheet HTML 1Page - Integrated Device Technology IDT70T25 Datasheet HTML 2Page - Integrated Device Technology IDT70T25 Datasheet HTML 3Page - Integrated Device Technology IDT70T25 Datasheet HTML 4Page - Integrated Device Technology IDT70T25 Datasheet HTML 5Page - Integrated Device Technology IDT70T25 Datasheet HTML 6Page - Integrated Device Technology IDT70T25 Datasheet HTML 7Page - Integrated Device Technology IDT70T25 Datasheet HTML 8Page - Integrated Device Technology IDT70T25 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
6.42
IDT70T35/34L(IDT70T25/24L)
PRELIMINARY
High-Speed 2.5V 8/4K x 18 (8/4K x 16) Dual-Port Static RAM
Industrial and Commercial Temperature Ranges
2
Description
The IDT70T35/34L (IDT70T25/24L) is a high-speed 8/4K x 18
(8/4K x 16) Dual-Port Static RAM. The IDT70T35/34L (IDT70T25/24L)
is designed to be used as a stand-alone Dual-Port RAM or as a
combination MASTER/SLAVE Dual-Port RAM for 36-bit (32-bit) or wider
memory system applications results in full-speed, error-free operation
without the need for additional discrete logic.
This device provides two independent ports with separate control,
address, and I/O pins that permit independent, asynchronous access for
reads or writes to any location in memory. An automatic power down
feature controlled by
CEpermitstheon-chipcircuitryofeachporttoenter
a very low standby power mode.
Fabricated using IDT’s CMOS high-performance technology, these
devices typically operate on only 200mW of power.
The IDT70T35/34L (IDT70T25/24L) is packaged in a plastic 100-pin
Thin Quad Flatpack and a 100-pin fine pitch Ball Grid Array.
IDT70T35/34 Pin Configurations(1,2,3,4)
NOTES:
1.
A12 is a NC for IDT70T34.
2. All VDD pins must be connected to power supply.
3. All VSS pins must be connected to ground.
4. PN100-1 package body is approximately 14mm x 14mm x 1.4mm.
5. This package code is used to reference the package diagram.
6. This text does not indicate orientation of the actual part marking.
Index
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
75
74
73
72
71
70
69
68
67
66
65
64
63
62
61
60
59
58
57
56
55
54
53
52
51
26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50
100 99 98 97 9695 94 93 92 9190 8988 87 86 8584 8382 81 80 79 78 77 76
IDT70T35/34PF
PN100-1(5)
100-Pin TQFP
Top View(6)
N/C
N/C
I/O8L
I/O17L
I/O11L
I/O12L
I/O13L
I/O14L
Vss
I/O15L
I/O16L
VDD
Vss
I/O0R
I/O1R
I/O2R
I/O3R
VDD
I/O4R
I/O5R
I/O6R
I/O8R
I/O17R
N/C
N/C
5639 drw 02
N/C
N/C
N/C
N/C
A5L
A4L
A3L
A2L
A1L
A0L
INTL
Vss
M/
S
BUSYR
INTR
A0R
N/C
N/C
N/C
N/C
BUSYL
A1R
A2R
A3R
A4R
,
12/06/02


Similar Part No. - IDT70T25

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT70T15A20BF IDT-IDT70T15A20BF Datasheet
158Kb / 18P
   HIGH-SPEED 2.5V 16/8K X 9 DUAL-PORT STATIC RAM
IDT70T15A20BFI IDT-IDT70T15A20BFI Datasheet
158Kb / 18P
   HIGH-SPEED 2.5V 16/8K X 9 DUAL-PORT STATIC RAM
IDT70T15A20PF IDT-IDT70T15A20PF Datasheet
158Kb / 18P
   HIGH-SPEED 2.5V 16/8K X 9 DUAL-PORT STATIC RAM
IDT70T15A20PFI IDT-IDT70T15A20PFI Datasheet
158Kb / 18P
   HIGH-SPEED 2.5V 16/8K X 9 DUAL-PORT STATIC RAM
IDT70T15A25BF IDT-IDT70T15A25BF Datasheet
158Kb / 18P
   HIGH-SPEED 2.5V 16/8K X 9 DUAL-PORT STATIC RAM
More results

Similar Description - IDT70T25

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT70V35 IDT-IDT70V35 Datasheet
216Kb / 25P
   HIGH-SPEED 3.3V 8/4K x 18 DUAL-PORT 8/4K x 16 DUAL-PORT STATIC RAM
IDT70P35 IDT-IDT70P35 Datasheet
293Kb / 22P
   HIGH-SPEED 1.8V 8/4K x 18 DUAL-PORT, 8/4K x 16 DUAL-PORT STATIC RAM
logo
Renesas Technology Corp
70V35 RENESAS-70V35 Datasheet
570Kb / 26P
   HIGH-SPEED 3.3V 8/4K x 18 DUAL-PORT 8/4K x 16 DUAL-PORT STATIC RAM
OCTOBER 2019
logo
Integrated Device Techn...
IDT71342SA IDT-IDT71342SA_12 Datasheet
318Kb / 14P
   HIGH SPEED 4K X 8 DUAL-PORT STATIC RAM
IDT7134SA IDT-IDT7134SA Datasheet
110Kb / 9P
   HIGH-SPEED 4K x 8 DUAL-PORT STATIC RAM
IDT70T9359 IDT-IDT70T9359 Datasheet
214Kb / 16P
   HIGH-SPEED 2.5V 8/4K x 18 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
IDT7034S IDT-IDT7034S Datasheet
200Kb / 19P
   HIGH-SPEED 4K x 18 DUAL-PORT STATIC RAM
IDT7034S IDT-IDT7034S_15 Datasheet
673Kb / 19P
   HIGH-SPEED 4K x 18 DUAL-PORT STATIC RAM
logo
Cypress Semiconductor
CY7B134 CYPRESS-CY7B134 Datasheet
588Kb / 15P
   4K x 8 Dual-Port Static RAMs and 4K x 8 Dual-Port Static RAM with Semaphores
CY7B146 CYPRESS-CY7B146 Datasheet
382Kb / 12P
   4K x 8 Dual-Port Static RAMs and 4K x 8 Dual-Port Static RAM with Semaphores
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com